Part Number Hot Search : 
EVALZ 030514 1210E EH1XA 78M20 M74HC699 CS42L55 C5200
Product Description
Full Text Search
 

To Download CRCW040216K2FKED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 20035 for technical questions, contact: thickfilmchip@vishay.com www.vishay.com revision: 04-jun-12 125 d/crcw e3 vishay standard thick film chip resistors this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 features ? stability ? r / r = 1 % for 1000 h at 70 c ? 2 mm pitch packaging option for 0603 size ? pure tin solder contacts on ni barrier layer provides compatibility with lead (pb)-free and lead containing soldering processes ? metal glaze on high quality ceramic ? aec-q200 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 notes ? these resistors do not feature a limited lifetime when operated wi thin the permissible limits. ho wever, resistance value drift increasing over operating time may result in exceeding a limi t acceptable to the specific application, thereby establ ishing a functional lifeti me. ? marking: see data sheet ?surface mount resistor marking? (document number 20020). ? power rating depends on the max. temperature at the solder poin t, the component placement density and the substrate material. standard electrical specifications model size rated dissipation p 70 c w limiting element voltage u max. ac/dc temperature coefficient ppm/k tolerance % resistance range ? series inch metric d10/crcw0402 0402 rr 1005m 0.063 50 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m ? , i max. at 70 c = 1.5 a d11/crcw0603 0603 rr 1608m 0.10 75 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m ? , i max. at 70 c = 2.0 a d12/crcw0805 0805 rr 2012m 0.125 150 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m ? , i max. at 70 c = 2.5 a d25/crcw1206 1206 rr 3216m 0.25 200 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m ? , i max. at 70 c = 3.5 a crcw1210 1210 rr 3225m 0.5 200 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m ? , i max. at 70 c = 5.0 a crcw1218 1218 rr 3246m 1.0 200 100 200 1 5 1r0 to 2m2 e24; e96 e24 zero-ohm-resistor: r max. = 20 m ? , i max. at 70 c = 7.0 a crcw2010 2010 rr 5025m 0.75 400 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m ? , i max. at 70 c = 6.0 a crcw2512 2512 rr 6332m 1.0 500 100 200 1 5 1r0 to 10m e24; e96 e24 zero-ohm-resistor: r max. = 20 m ? , i max. at 70 c = 7.0 a
www.vishay.com for technical questions, contact: thickfilmchip@vishay.com document number: 20035 126 revision: 04-jun-12 d/crcw e3 vishay standard thick film chip resistors this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) the power dissipation on the resistor gener ates a temperature rise against the lo cal ambient, depending on the heat flow suppor t of the printed-circuit board (thermal resistance). the rated dissipation applies only if the pe rmitted film temperature of 155 c is n ot exceeded. technical specifications parameter unit d10/ crcw0402 d11/ crcw0603 d12/ crcw0805 d25/ crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 rated dissipation p 70 (1) w 0.063 0.1 0.125 0.25 0.5 1.0 0.75 1.0 limiting element voltage u max. ac/dc v 50 75 150 200 200 200 400 500 insulation voltage u ins (1 min) v > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 insulation resistance ? > 10 9 category temperature range c - 55 to + 155 failure rate h -1 < 0.1 x 10 - 9 weight mg 0.65 2 5.5 10 16 29.5 25.5 40.5 part number and product description part number: crcw0603562rfkec model value tolerance tcr packaging special crcw0402 crcw0603 crcw0805 crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 r = decimal k = thousand m = million 0000 = jumper f = 1.0 % j = 5.0 % z = jumper k = 100 ppm/k n = 200 ppm/k 0 = jumper ea, eb, ec, ed, ee, ef, eg, eh, ei, el, ek up to 2 digits product description: d11/crcw0603 100 562r 1 % et6 e3 d11/crcw0603 100 562r 1 % et6 e3 model tcr resistance value tolerance pac k ag i n g lead (pb)-free d10/crcw0402 d11/crcw0603 d12/crcw0805 d25/crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 200 ppm/k 100 ppm/k 10r = 10 ? 562r = 562 ? 10k = 10 k ? 1m0 = 1 m ? 0r0 = jumper 5 % 1 % et1, et2, et3, et4, et5, et6, et7, et8, et9, ef4, e02, e67, e82 e3 = pure tin termination finish c r c w 0 6 0 3 5 6 2 r f k e c
document number: 20035 for technical questions, contact: thickfilmchip@vishay.com www.vishay.com revision: 04-jun-12 127 d/crcw e3 standard thick film chip resistors vishay this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions packaging model code quantity carrier tape width pitch reel diameter crcw0402 ed = et7 10 000 paper tape acc. to iec 60068-3 type i 8 mm 2 mm 180 mm/7" ee = ef4 50 000 330 mm/13" crcw0603 ei = et2 5000 8 mm 2 mm 180 mm/7" ed = et3 10 000 180 mm/7" el = et4 20 000 285 mm/11.25" ee = et8 50 000 330 mm/13" ea = et1 5000 8 mm 4 mm 180 mm/7" eb = et5 10 000 285 mm/11.25" ec = et6 20 000 330 mm/13" crcw0805 ea = et1 5000 8 mm 4 mm 180 mm/7" eb = et5 10 000 285 mm/11.25" ec = et6 20 000 330 mm/13" crcw1206 ea = et1 5000 8 mm 4 mm 180 mm/7" eb = et5 10 000 285 mm/11.25" ec = et6 20 000 330 mm/13" crcw1210 ea = et1 5000 8 mm 4 mm 180 mm/7" eb = et5 10 000 285 mm/11.25" ec = et6 20 000 330 mm/13" crcw1218 ek = et9 4000 blister tape acc. to iec 60068-3 type ii 12 mm 4 mm 180 mm/7" crcw2010 ef = e02 4000 12 mm 4 mm 180 mm/7" crcw2512 eg = e67 2000 12 mm 8 mm 180 mm/7" eh = e82 4000 4 mm size dimensions in millimeters solder pad dimensions in millimeters reflow soldering wave soldering inch metric l w h t1 t2 a b l a b l 0402 1005 1.0 0.05 0.5 0.05 0.35 0.05 0.25 0.05 0.2 0.1 0.4 0.6 0.5 0603 1608 1.55 + 0.10 - 0.05 0.85 0.1 0.45 0.05 0.3 0.2 0.3 0.2 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 2.0 + 0.20 - 0.10 1.25 0.15 0.45 0.05 0.3 + 0.20 - 0.10 0.3 0.2 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 3.2 + 0.10 - 0.20 1.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 0.9 1.7 2.0 1.1 1.7 2.3 1210 3225 3.2 0.2 2.5 0.2 0.55 0.05 0.45 0.2 0.4 0.2 0.9 2.5 2.0 1.1 2.5 2.2 1218 3246 3.2 + 0.10 - 0.20 4.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 1.05 4.9 1.9 1.25 4.8 1.9 2010 5025 5.0 0.15 2.5 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 6.3 0.2 3.15 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 3.2 5.2 1.2 3.2 5.2
www.vishay.com for technical questions, contact: thickfilmchip@vishay.com document number: 20035 128 revision: 04-jun-12 d/crcw e3 vishay standard thick film chip resistors this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance 1000 100 10 1 0.1 0.01 single pulse pulse load max. (w) p 2512 121 8 2010 1210 1206 0 8 05 0603 0402 10 -6 pulse duration i (s) t 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 100 maxim u m p u lse load, single p u lse; applica b le if p 0 and n < 1000 and ? ? max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation 1000 10 1 0.1 0.01 10 -6 continuous pulse maxim u m p u lse load, contin u o u s p u lses; applica b le if p p ( ? am b ) and ? ? max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration i (s) continuous pulse load max. (w) t p 100 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 100 2512 121 8 2010 1210 1206 0 8 05 0603 0402 2000 200 0 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 110 maxim u m p u lse v oltage, single and contin u o u s p u lses; applica b le if p p max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration i (s) 400 600 8 00 1000 1200 1400 1600 1 8 00 pulse voltage max. (v) 2512 2010 1206/1210/121 8 0 8 05 0603 0402 t ?
document number: 20035 for technical questions, contact: thickfilmchip@vishay.com www.vishay.com revision: 04-jun-12 129 d/crcw e3 standard thick film chip resistors vishay this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 - 50 0 50 100 150 0 derating ambient temperature amb fraction of rated dissipation p 70 50 100 70 c % ? resistance value r in attenuation of 3rd harmonic a 3 in db 100 8 0 40 60 20 0 100 1k 10k 100k 1m 10m 1206, 2010 0 8 05 0603 0402 100 1k 10k 100k 1m 10m 100 10 1 0.1 0.01 current noise a 1 in v/v 2010 1206 0 8 05 0603 0402 resistance value r in
www.vishay.com for technical questions, contact: thickfilmchip@vishay.com document number: 20035 130 revision: 04-jun-12 d/crcw e3 vishay standard thick film chip resistors this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) size 0402 to 2512 stability class 1 or better stability class 2 or better stability for product types: d/crcw e3 1 ? to 10 m ? 4.5 - resistance - 1 % 5 % 4.7 - voltage proof u = 1.4 x u ins ; 60 s no flashover or breakdown 4.13 - short time overload u = 2.5 x ? 2 x u max. ; duration: acc. to style ?? 0.25 % r + 0.05 ?? ) ?? 0.5 % r + 0.05 ?? ) 4.17.2 58 (td) solderability solder bath method; sn60pb40 non activated flux; (235 5) c (2 0.2) s good tinning ( ? 95 % covered) no visible damage solder bath method; sn96.5ag3cu0.5 non-activated flux; (245 5) ? c (3 0.3) s good tinning ( ? 95 % covered) no visible damage 4.8.4.2 - temperature coefficient (20/- 55/20) ? c and (20/125/20) ? c 100 ppm/k 200 ppm/k 4.32 21 (uu 3 ) shear (adhesion) rr 1608 and smaller: 9 n rr 2012 and larger: 45 n no visible damage 4.33 21 (uu 1 ) substrate bending depth 2 mm; 3 times no visible damage, no open circuit in bent position (0.25 % r + 0.05 ? ) 4.19 14 (na) rapid change of temperature 30 min. at - 55 c; 30 min. at 125 c 5 cycles (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) 1000 cycles (1 % r + 0.05 ? ) (1 % r + 0.05 ? ) 4.23 - climatic sequence: - (1 % r + 0.05 ? ) (2 % r + 0.1 ? ) 4.23.2 2 (ba) dry heat 125 c; 16 h 4.23.3 30 (db) damp heat, cyclic 55 c; ? 90 % rh; 24 h; 1 cycle 4.23.4 1 (aa) cold - 55 c; 2 h 4.23.5 13 (m) low air pressure 1 kpa; (25 10) c; 1 h 4.23.6 30 (db) damp heat, cyclic 55 c; ? 90 % rh; 24 h; 5 cycles 4.23.7 - dc load u = 4.25.1 - endurance at 70 c u = ? u max. ; 1.5 h on; 0.5 h off; 70 c; 1000 h (1 % r + 0.05 ? ) (2 % r + 0.1 ? ) 70 c; 8000 h (2 % r + 0.1 ? ) (4 % r + 0.1 ? ) p 70 x r p 70 x r p 70 x r
document number: 20035 for technical questions, contact: thickfilmchip@vishay.com www.vishay.com revision: 04-jun-12 131 d/crcw e3 standard thick film chip resistors vishay this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 all tests are carried out in accordan ce with the following specifications: ? en 60115-1, generic specification ? en 140400, sectional specification ? en 140401-802, detail specification ? iec 60068-2-x, environmental test procedures packaging of components is done in paper or blister tapes according to iec 60286-3. 4.18.2 58 (td) resistance to soldering heat solder bath method (260 5) ? c; (10 1) s (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) 4.35 - flamability, needle flame test iec 60695-11-5; 10 s no burning after 30 s 4.24 78 (cab) damp heat, steady state (40 2) c; (93 3) % rh; 56 days (1 % r + 0.05 ? ) 4.25.3 - endurance at upper category temperature 155 c, 1000 h (1 % r + 0.05 ? ) (2 % r + 0.1 ? ) 4.40 - electrostatic discharge (human body model) iec 61340-3-1; 3 pos. + 3 neg. discharges; esd voltage acc. to size (1 % r + 0.05 ? ) 4.29 45 (xa) component solvent resistance isopropyl alcohol; 50 c; method 2 no visible damage 4.30 45 (xa) solvent resistance of marking isopropyl alcohol; 50 c; method 1, toothbrush marking legible, no visible damage 4.22 6 (fc) vibration, endurance by sweeping f = 10 hz to 2000 hz; x, y, z ? 1.5 mm; a ? 200 m/s 2 ; 10 sweeps per axis (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) 4.37 - periodic electric overload u = ? 2 x u max. ; 0.1 s on; 2.5 s off; 1000 cycles (1 % r + 0.05 ? ) 4.27 - single pulse high voltage overload, 10 s/700 s ? = 10 x ? 2 x u max. ; 10 pulses (1 % r + 0.05 ? ) test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) size 0402 to 2512 stability class 1 or better stability class 2 or better stability for product types: d/crcw e3 1 ? to 10 m ? 15 x p 70 x r p 70 x r
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of CRCW040216K2FKED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X