low leakage current CDSS101A features designed for mounting on small surface. high speed switching. high mounting capability, strong surge withstand, high reliability. mechanical data case: 0805(2012) standard package, molded plastic. t erminals: solder plated, solderable per mil-std-750, method 2026. polarity: indicated by cathode band. mounting position: any . weight: 0.0048 gram (approximately) smd switching diode smd switching diode parameter repetitive peak reverse voltage reverse voltageaverage forward current forward current , surge peak power dissipation storage temperaturejunction temperature conditions 8.3 ms single half sine-wave superimposed on rate load ( jedec method ) symbol v rrm v r io i fsm p d t stg t j min -55 -55 max 90 80 100 300 +125 +125 unit v na pf ns typ 1000 parameter forward voltage reverse currentcapacitance between terminals reverse recovery time conditions i f = 100 ma dc v r = 75 v f = 1mhz, and 1 vdc reverse voltage v r = 6v, i f = 10 ma, r =50 ohms symbol v f i r c t trr min typ max 1.00 50 3 4 unit v v ma ma mw www.com chip.co m.tw c o m c h ip c o m c h ip page 1 0.087(2.20) 0.079(2.00) 0.016(0 .40) typ 0.055(1.40) 0.047(1.20) 0.043 (1.10) 0.035(0.90) 0.008(r0.20) typ. dimensions in inches and (millimeter) 0805(2012) maximum rating ( at t a = 25 unless otherwise noted ) c c electrical characteristics ( at t a = 25 unless otherwise noted ) c c c c rds0208009-c
rating and characteristic curves (CDSS101A) fig. 4 - curren t de rating curve mounting on glass epoxy pcbs 0 20 40 60 80 10 0 0 25 50 75 100 125 150 a v e r a g e f o r w a r d c u r r e n t ( % ) smd switching diode smd switching diode www.com chip.co m.tw c o m c h ip c o m c h ip fig. 3 - cap acita nce bet ween ter mina ls chara cteris tics rev ers e vol tag e (v) c a p a c i t a n c e b e t w e e n t e r m i n a l s ( p f ) 0 1.0 2.0 3.0 4.0 5.0 0 2 4 6 8 10 12 14 page 2 f o r w a r d c u r r e n t ( m a ) fig. 1 - forw ard cha racte ristic s for war d vol tag e (v) reverse voltage (v) fig. 2 - rev erse ch aract eristi cs r e v e r s e c u r r e n t ( a ) 10 00 1 10 1 00 10 20 30 40 50 60 70 80 0 0 0.2 0 .4 0 .6 0 .8 1 .0 1.2 1n 10 u 10 n 10 0n 1u f = 1 mhz ta = 25 c ambient temperature ( ) c c c 125 c 75 c 25 c 7 5 c 2 5 c - 2 5 c 1 2 5 rds0208009-c
|