Part Number Hot Search : 
00MTR M4020A ZMY100 TB200 LS303 100IV 2N1916 1N4728
Product Description
Full Text Search
 

To Download AZ10EL32T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az10el32 az100el32 ecl/pecl 2 divider 1630 s. stapley dr., suite 127 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (480) 890-2541 www.azmicrotek.com arizona microtek, inc. features ? 510ps propagation delay ? 3.0ghz toggle frequency ? high bandwidth output transitions ? 75k internal input pulldown resistors ? direct replacement for on semiconductor mc10el32 & mc100el32 description the az10/100el32 is an integrated 2 divider. the reset pin is asynchronous and is asserted on the rising edge. upon power-up, the internal flip-flop will attain a random logic state; the reset allows for the synchronization of multiple el32?s in a system. the el32 provides a v bb output for single-ended use or a dc bias reference for ac coupling to the device. for single-ended input applications, the v bb reference should be connected to one side of the clk/clk differential input pair. the input signal is then fed to the other clk/clk input. the v bb pin should be used only as a bias for the el32 as its sink/source capability is limited. when used, the v bb pin should be bypassed to ground via a 0.01 f capacitor. note: specifications in ecl/pecl tables are valid when thermal equilibrium is established. logic diagram and pinout assignment 1 4 3 2 6 5 7 8 r 2 reset clk clk v bb v cc q q v ee pin description pin function clk, clk clock inputs reset asynchronous reset v bb reference voltage output q, q data outputs v cc positive supply v ee negative supply package availability package part number marking notes soic 8 az10el32d azm10 el32 1,2 soic 8 az100el32d azm100 el32 1,2 soic 8 rohs compliant / lead (pb) free az100el32d+ azm100+ el32 1,2 tssop 8 AZ10EL32T azt el32 1,2 tssop 8 az100lvel32t azh el32 1,2 1 add r1 at end of part number for 7 inch (1k parts), r2 for 13 inch (2.5k parts) tape & reel. 2 date code format: ?y? or ?yy? fo r year followed by ?ww? for week on underside of part.
az10el32 az100el32 november 2006 * rev - 4 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic rating unit v cc pecl power supply (v ee = 0v) 0 to +8.0 vdc v i pecl input voltage (v ee = 0v) 0 to +6.0 vdc v ee ecl power supply (v cc = 0v) -8.0 to 0 vdc v i ecl input voltage (v cc = 0v) -6.0 to 0 vdc i out output current --- continuous --- surge 50 100 ma t a operating temperature range -40 to +85 c t stg storage temperature range -65 to +150 c 10k ecl dc characteristics (v ee = -4.75v to -5.5v, v cc = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1080 -890 -1020 -840 -980 -810 -910 -720 mv v ol output low voltage 1 -1950 -1650 -1950 -1630 -1950 -1630 -1950 -1595 mv v ih input high voltage -1230 -890 -1170 -840 -1130 -810 -1060 -720 mv v il input low voltage -1950 -1500 -1950 -1480 -1950 -1480 -1950 -1445 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a v bb output reference voltage -1430 -1300 -1380 -1270 -1350 -1250 -1310 -1190 mv i ee power supply current 25 30 25 30 25 30 25 30 ma 1. each output is terminated through a 50 resistor to v cc ? 2v. 10k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3920 4110 3980 4160 4020 4190 4090 4280 mv v ol output low voltage 1,2 3050 3350 3050 3370 3050 3370 3050 3405 mv v ih input high voltage 1 3770 4110 3830 4160 3870 4190 3940 4280 mv v il input low voltage 1 3050 3500 3050 3520 3050 3520 3050 3555 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a v bb output reference voltage 3570 3700 3620 3730 3650 3750 3690 3810 mv i ee power supply current 25 30 25 30 25 30 25 30 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 resistor to v cc ? 2v. 100k ecl dc characteristics (v ee = -4.2v to -5.5v, v cc = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1085 -1005 -880 -1025 -955 -880 -1025 -955 -880 -1025 -955 -880 mv v ol output low voltage 1 -1830 -1695 -1555 -1810 -1705 -1620 -1810 -1705 -1620 -1810 -1705 -1620 mv v ih input high voltage -1165 -880 -1165 -880 -1165 -880 -1165 -880 mv v il input low voltage -1810 -1475 -1810 -1475 -1810 -1475 -1810 -1475 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a v bb output reference voltage -1380 -1260 -1380 -1260 -1380 -1260 -1380 -1260 mv i ee power supply current 25 30 25 30 25 30 29 35 ma 1. each output is terminated through a 50 resistor to v cc ? 2v.
az10el32 az100el32 november 2006 * rev - 4 www.azmicrotek.com 3 100k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3915 3995 4120 3975 4045 4120 3975 4045 4120 3975 4045 4120 mv v ol output low voltage 1,2 3170 3305 3445 3190 3295 3380 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 1 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 1 3190 3525 3190 3525 3190 3525 3190 3525 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a v bb output reference voltage 3620 3740 3620 3740 3620 3740 3620 3740 mv i ee power supply current 25 30 25 30 25 30 29 35 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 resistor to v cc ? 2v. ac characteristics (v ee =10e(-4.75v to -5.5v), 100e(-4.2v to -5.5v); v cc =gnd or v ee =gnd, v cc =10e(+4.75v to +5.5v), 100e(+4.2v to +5.5v)) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit f max maximum toggle frequency 2.2 3.0 2.6 3.0 2.6 3.0 2.6 3.0 ghz t plh /t phl propagation delay clk to q reset to q 360 390 500 540 640 690 410 440 500 540 590 640 420 440 510 540 600 640 450 450 540 550 630 650 ps v pp (ac) minimum input swing 1 150 150 150 150 mv v cmr common mode range 2 v cc - 2.5 v cc - 0.4 v cc - 2.5 v cc - 0.4 v cc - 2.5 v cc - 0.4 v cc - 2.5 v cc - 0.4 v t r / t f output rise/fall times q (20% - 80%) 100 350 100 350 100 350 100 350 ps 1. v pp is the minimum peak-to-peak differential input swing for which ac parameters are guaranteed. 2. v cmr is defined as the range within which the v ih level may vary, with the device still meetin g the propagation delay specification. the v il level must be such that the peak-to- peak voltage is less than 1.0v and greater than or equal to v pp (min). figure 1: timing diagram d reset q
az10el32 az100el32 november 2006 * rev - 4 www.azmicrotek.com 4 millimeters inches dim min max min max a 1.75 0.069 a 1 0.10 0.25 0.004 0.010 a 2 1.25 1.45 0.049 0.057 a 3 0.25 0.01 b p 0.36 0.49 0.014 0.019 c 0.19 0.25 0.0075 0.0100 d 4.8 5.0 0.19 0.20 e 3.8 4.0 0.15 0.16 e 1.27 0.050 h e 5.80 6.20 0.228 0.244 l 1.05 0.041 l p 0.40 1.00 0.016 0.039 q 0.60 0.70 0.024 0.028 v 0.25 0.01 w 0.25 0.01 y 0.10 0.004 z 0.30 0.70 0.012 0.028 0 o 8 o 0 o 8 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm. package diagram soic 8
az10el32 az100el32 november 2006 * rev - 4 www.azmicrotek.com 5 package diagram tssop 8 millimeters dim min max a 1.10 a 1 0.05 0.15 a 2 0.80 0.95 a 3 0.25 b p 0.25 0.45 c 0.15 0.28 d 2.90 3.10 e 2.90 3.10 e 0.65 h e 4.70 5.10 l 0.94 l p 0.40 0.70 v 0.10 w 0.10 y 0.10 z 0.35 0.70 0 o 6 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm.
az10el32 az100el32 november 2006 * rev - 4 www.azmicrotek.com 6 arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time without prior notice. arizona mic rotek, inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does arizona mi crotek, inc. assume any liability arising out of the application or use of any pr oduct or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incident al damages. arizona microtek, inc. doe s not convey any license rights nor the rig hts of others. arizona microtek, inc. products are not designed, intended or auth orized for use as components in systems intended to support o r sustain life, or for any other application in which the fa ilure of the arizona microtek, inc. product could create a situation where personal in jury or death may occur. should buyer purchase or use arizona microtek, inc. produc ts for any such unintended or unauthorized application, buyer shall indemnify and hold arizona microtek, inc. and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all cl aims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associ ated with such unintended or unauthorized use, even if such claim alleges that arizona microtek, inc. was negligent regarding the design or ma nufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ10EL32T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X