product details dimension a dimension b dimension c dimension d interface material finish notes: d imension c = heat sink height from bottom of the base to the top of the fn feld thermal data reference only. actual performance may vary by application ats reserves the right to update or change its products without notice contact ats to learn about custom options available standard fan dimensions l x w x h are: 40 mm x 40 mm x 10 mm standard fan hole pattern is: 37mm c-c, (center-to-center) 1) 2) 3) 4) 5) 6) for more information, to fnd a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (north america); +31 (0) 3569 84715 (europe). ats part # ATS-61450W-C1-R0 features & benefts ats fansink tm with maxigrip tm attachment rev1_0908 illustration only fan not included heat sink thermal performance (c/w) thermal performance x-cut straight fin heat sink fins offer omni-directional air flow for optimum thermal performance independent of pcb lay-out stainless steel screw fan attachment - ensures dependable long-term fan to heat sink assembly component attachment - ats maxigrip tm is a proven high reliability mechanical attachment system ats maxigrip tm hardware includes a high performance plastic frame clip and 300 series stainless steel spring clip- avoiding pcb through holes provided with pre-assembled thermal interface material (tim) centered on base keep-out requirements: an un-populated boarder zone of 5 mm around the component is necessary to facilitate the installation/removal of the maxigrip?. please refer to the maxigrip? keep-out guidelines and maxigrip? installation/removal instructions for further details please note: fan not included. fan type is specific to individual customer requirements. fans need to be independently sourced. ? ? ? ? ? ? ? size 45 mm dimension a dimension b dimension c dimension d interface material finish 45 mm 45 mm 24.5 mm 32 x 32 mm chomerics t-412 black anodized product details ats fansink tm height comparison hs height
|