Part Number Hot Search : 
1200P T3904 K4H51083 1EVKI N7000 Y7C14 2GXXX MCP6022
Product Description
Full Text Search
 

To Download APTDF100H120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTDF100H120 APTDF100H120 ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 1 - 4 + - ac1 ac2 absolute maximum ratings symbol parameter max ratings unit v r maximum dc reverse voltage v rrm maximum peak repetitive reverse voltage 1200 v t c = 25c 120 i f(a v) maximum average forward current duty cycle = 50% t c = 60c 100 i f(rms) rms forward current duty cycle = 50% t c = 45c 135 i fsm non-repetitive forward surge current 8.3ms t c = 45c 500 a these devices are sensitive to electrostatic discharge. proper handing procedures should be followe d. ac1 + ac2 - v rrm = 1200v i c = 100a @ tc = 60c applicatio n ? uninterruptible power supply (ups) ? ind uctio n heati ng ? welding equipment ? high speed rectifiers features ? ultra fast recovery times ? soft recovery characteristics ? very low stray inductance ? high blocking voltage ? high current ? low leakage current ? very low stray inductance - symmetrical design - lead frames for power connections ? high level of integration benefits ? outsta ndi ng perfor ma nce at hi gh freq ue nc y operation ? low losses ? low noise switching ? solderable terminals for easy pcb mounting ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance fast diode rectifier bridge power module
APTDF100H120 APTDF100H120 ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 2 - 4 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i f = 100a 2.4 3 i f = 150a 2.7 v f diode forward voltage i f = 100a t j = 125c 1.8 v t j = 25c 100 i rm maximum reverse leakage current v r = 1200v t j = 125c 500 a c t junction capacitance v r = 1200v 110 pf dynamic characteristics symbol characteristic test conditions min typ max unit t rr reverse recovery time i f =1a,v r =30v di/dt = 100a/s t j = 25c 45 ns t j = 25c 385 t rr reverse recovery time t j = 125c 480 ns t j = 25c 1055 q rr reverse recovery charge t j = 125c 5240 nc t j = 25c 6 i rrm reverse recovery current i f = 100a v r = 800v di/dt = 200a/s t j = 125c 19 a t rr reverse recovery time 210 ns q rr reverse recovery charge 9.4 c i rrm reverse recovery current i f = 100a v r = 800v di/dt=1000a/s t j = 125c 70 a thermal and package characteristics symbol characteristic min typ max unit r thjc junction to case 0.55 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j operating junction temperature range -40 175 t stg storage temperature range -40 125 t c operating case temperature -40 100 c torque mounting torque to heatsink m5 1.5 4.7 n.m wt package weight 160 g
APTDF100H120 APTDF100H120 ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 3 - 4 typical performance curve 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.1 0.2 0.3 0.4 0.5 0.6 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) maximum effective transient thermal impedance, junction to case vs p ulse duration t j =-55c t j =25c t j =175c t j =125c 0 50 100 150 200 250 300 0.00.51.01.52.02.53.03.5 v f , anode to cathode voltage (v) i f , forward current (a) forward current vs forward voltage trr vs. current rate of charge 50 a 100 a 150 a 0 100 200 300 400 500 600 0 200 400 600 800 1000 1200 -di f /dt (a/s) t rr , reverse recovery time (ns) t j =125c v r =800v qrr vs. current rate charge 50 a 100 a 150 a 2 4 6 8 10 12 0 200 400 600 800 1000 1200 -di f /dt (a/s) q rr , reverse recovery charge (c) t j =125c v r =800v irrm vs. current rate of charge 50 a 100 a 150 a 10 20 30 40 50 60 70 80 0 200 400 600 800 1000 1200 -di f /dt (a/s) i rrm , reverse recovery current (a) t j =125c v r =800v capacitance vs. reverse voltage 0 100 200 300 400 500 600 700 800 1 10 100 1000 v r , reverse v oltage (v) c, capacitance (pf) 0 20 40 60 80 100 120 140 0 255075100125150175 case temperature (oc) i f (av) (a) max. average forward current vs. case temp. duty cycle = 0.5 t j =175c
APTDF100H120 APTDF100H120 ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 4 - 4 package outline (dimensions in mm) apt re s e rves the rig ht to c ha nge , witho ut notice , the s pe cificatio ns and info rma tio n co nta ine d he re in apt's products are covered by one or more of u.s patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. u.s and foreign pa tents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APTDF100H120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X