Part Number Hot Search : 
TMC429 UF102 1N756 TC74LC XO3090 SNC204 5671A4 15A10
Product Description
Full Text Search
 

To Download 7813S-1-051E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features single pole/double throw compatible with most surface mount manufacturing processes 50 or 2000 cycle rotational life tape and reel packaged rohs compliant* - see processing information on lead free surface mount components for switch applications/processing guidelines, click here 7813 smd 3 mm square sealed rotary switch *rohs directive 2002/95/ec jan 27 2003 including annex. ??luorinert?is a registered trademark of 3m co. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. electrical characteristics contact rating maximum current ..........100 ma max. maximum voltage ........................16 v contact timing ..................non-shorting contact resistance ........... 2 ohms max. insulation resistance ............................. 100 megohms min. dielectric strength .................... 250 vac general characteristics switch type ...................................spdt operating temperature range ............................... -55 c to +125 c storage temperature range ............................... -55 c to +125 c seal test ......................85 c fluorinert? mechanical characteristics positions ...............................................2 adjustment torque .......... .5 n-cm max. stop strength .................. 1.8 n-cm min. environmental characteristics shock ............................................. 20 g 0.1 ms max. discontinuity vibration ....................................... 100 g 0.1 ms max. discontinuity thermal shock ........................(5 cycles) -55 c to +125 c humidity insulation resistance ............................... 10 megohms min. rotational life -051 ..................................... 50 cycles -023 ................................. 2000 cycles standard packaging j ................................... 1,000 pcs./reel s ..................................... 200 pcs./reel product dimensions 7813j 3.20 +0.40/-0.20 (.126 +.016/-.008) adjustment slot wide long x 0.51 (.020) 1.93 (.076) deep x 2 plcs 2 plcs 2.30 0.20 (.089 .008) recommended land pattern 1.47 0.15 (.058 .006) 1.30 0.10 (.051 .004) 0.65 0.10 (.026 .004) c cw ccw 0.51 (.020) 2 plcs 1.50 0.15 (.059 .006) ref. 0.58 (.023) 2.20 0.20 (.087 .008) 0.15 0.05 (.006 .002) 0.60 (.024) 4.50 (.177) 1.60 (.063) 0.65 (.026) 1.10 (.043) 1.60 (.063) 1.60 (.063) 0.65 (.026) 0.60 (.024) 1.10 (.043) 4b 3.50 0.20 (.138 .008) k 0 3.02 (.119) 1.93 0.03 (.076 .001) 0.52 0.03 (.021 .001) 0.51 0.06 (.020 .002) adjustment slot long x wide x deep 1 2 3 2.39 (.094) 2 plcs 1.12 (.044) 2.62 (.103) 1.57 (.062) recommended land pattern 3 plcs 1.57 (.062) 3.71 (.146) 2.77 (.109) 5.35 (.211) 1.30 (.051) 0.15 0.03 (.006 .001) 0.71 0.20 (.028 .008) 1.15 (.045) typ typ 0.61 0.20 (.024 .008) 2.39 (.094) 3.61 (.142) 7813s dimensions: mm (inches) tolerances: ? except where noted. 2 c 1cw 3 ccw how to order 7813 j - 1 - 051 e model terminal switch type 1 = spdt rotational life -051 = 50 cycles -023 = 2000 cycles embossed tape e = 1000 pcs./180 mm reel (j style) 200 pcs./180 mm reel (s style) *rohs compliant
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 7813 smd 3 mm square sealed rotary switch packaging speci cations dimensions: mm (inches) rev. 08/10 3.8 0.2 (.150 .008) 5.52 0.18 (.217 .007) 2.0 0.1 (.079 .004) 4.0 0.1 (.157 .004) 1.75 0.10 (.069 .004) 12.0 0.2 (.472 .008) 1.5 0.1 (.059 .004) meets eia 481 21.01 0.79 (.827 .031) 180.0 5 dia. (7.087 .197) 1.78 (.070) min. equal spaced 3 plcs. 60.0 2.0 (2.362 .079) 12.40 + 2.00/ -.000 (.488 = .079/ -.000) 2.67 .25 (.105 .010) reel tape 2.5 0.1 (.098 .004) .30 0.1 (.012 .004) 1.5 0.2 (.059 .008) 13.0 0.51 (.512 .020) dia. 4.0 0.1 (.157 .004) 7813j 5 2 4.20 0.20 (.165 .008) 5.80 0.10 (.228 .004) max 0.40 (.016) 4.00 0.10 (.157 .004) 4.10 0.20 (.161 .008) 13.00 5.08 (0.51 0.02) 2.00 0.10 (.079 .004) 12.00 0.10 (.472 .004) 1.5 0.20 (.059 .008) 7.50 0.10 (.295 .004) 16.00 0.30 (.630 .012) dia. 1.5 + 0.10 (.059 + .004) dia. meets eia 481 tape dia. dia. 1.78 .254 (0.07 0.01) 2.67 .254 (0.11 0.01) 59.18 2.03 (2.33 0.08) 16.4 + 2.0/ -.00 (0.65 + 0.08/ -00) 177.8 2.03 (7.0 0.08) 21.01 .787 (0.83 0.03) equal spaced 3 plcs. dia. reel 7813s


▲Up To Search▲   

 
Price & Availability of 7813S-1-051E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X