Part Number Hot Search : 
KBPC3510 7210D 7210D M91415CK TDA820 007K7 STA733N 2N2ST
Product Description
Full Text Search
 

To Download 74LVC244A-Q100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2012 nxp semiconductors n.v. all rights reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. www.nxp.com date of release: november 2012 document order number: 9397 750 17356 printed in the netherlands continuing to lead the way in automotive logic nxp logic C q100 logic portfolio suffx bq pw d pw bq pw gw gm sot763-1 sot403-1 sot108-1 sot402-1 sot764-1 sot360-1 sot363 sot886 16-pin 16-pin 14-pin 14-pin 20-pin 20-pin 6-pin 6-pin width (mm) 2.50 6.40 6.00 6.40 2.50 6.40 2.10 1.00 length (mm) 3.50 5.00 8.65 5.00 4.50 6.50 2.00 1.45 pitch (mm) 0.50 0.65 1.27 0.65 0.50 0.65 0.65 0.50 innovative package options automotive q100 logic samples available in e-sample store. order them today! havent found your function? please contact your local nxp representative.
introduction the operating environment of automobile semiconductor components is much more hostile than that of semiconductors used in home or portable applications. a television set will generally spend its operating lifetime within an ambient temperature range of 0 ?c to 40 ?c. due to internal heating, its semiconductor devices can be expected to operate between 20 ?c and 60 ?c. by comparison, an automobile is expected to start at temperatures lower than -20 ?c and, in some cases, operate within the engine compartment at temperatures approaching 125 ?c. to ensure the reliability of automotive electronics, the automotive electronics council introduced its aec-q100 standard which outlines procedures to be followed to ensure integrated circuits meet the quality and reliability levels required by automotive applications. as the global number one supplier, the introduction of its q100 logic portfolio shows nxp continuing to lead the way in automotive logic. key benefts of the q100 logic portfolio aec-q100 product qualifcation and reliability monitoring operating at elevated temperatures reduces the lifetime of a semiconductor and temperature cycling has a negative impact on the stability of a package. in cases where there is no history of a products reliability within automotive applications, a series of stresses to simulate the life cycle within an automotive environment must be applied to guarantee conformance to the aec-q100 standard. to ensure continued reliability, nxp logic maintains an extensive reliability monitoring program; the results of which are published half yearly. these qsum reports are available upon request via your nxp sales representative. tightened manufacturing process controls q100 devices are ?? manufactured in ts16949 certifed and vda approved production facilities ?? fagged as automotive lots ?? subjected to additional process fow quality gates and stricter rules for lot dis-positioning and maverick lot handling this ensures that automotive products ?? receive highest priority ?? have greater traceability for improved quality analysis ?? ? that become outlier lots, passing a quality gate but outside of the acceptable distribution, are assigned to standard, non-q100, types. six sigma design, zero defect test and inspection methodology six sigma design philosophy is applied to all q100 devices. this ensures that an end user application designed to the datasheet limits can tolerate a shift as high as one and a half sigma in nxps manufacturing processes. as the process control limits are much tighter than one and a half sigma, this virtually guarantees trouble free end user applications. during electrical test process, average test limits or statistical test limits are applied to screen outliers within automotive lots. figure 1 shows the distribution of devices passing a test and the calculated statistical test limits in red. although the outliers are within the upper and lower specifcation limits they are not delivered as q100 products. dedicated website and datasheets a summary of nxp logics q100 portfolio including a search by function and a parametric search within each function can be found at www.nxp.com/products/automotive/logic, and unlike the standard types, each q100 device has a dedicated datasheet confrming that it has been qualifed in accordance with aec-q100 and is suitable for automotive applications. priority technical support nxps frst and second tier technical support teams give q100 product design-in assistance their highest priority and upon request aec-q100 production part approval process (ppap) qualifcation data will be made available. due to the stricter qualifcation requirements of automotive end user applications, a 180 day process change notifcation (pcn) approval cycle is applied for q100 products instead of the 90 day pcn approval cycle for standard types. in the unlikely event of a quality issue, nxp logic guarantees a 10 day through put time with initial verifcation within 24 hours for its q100 portfolio. examples of nxp q100 logic automotive application areas i/o expansion large pin count controllers are expensive, so when possible to reduce the complexity and pin-count of control solutions, input/ output expansion devices such as multiplexer/de-multiplexer devices are used. figure 2 shows an example of an 8:1 multiplexer used to sequentially switch analog sensor signals to a single analog to digital pin of a micro-controller. interface logic with high impedance inputs and low impedance outputs, interface logic such as registered or unregistered buffers and line drivers are used to interface between low drive outputs of a controller and higher loads of, for example, water pumps and window motors. nxp semiconductors b.v., gerstweg 2, 6534 ae nijmegen, the netherlands tel:+ 31 24 3539111 www.nxp.com , commercial register eindhoven no. 17070621 quality summary logic products & mcu q1/q2 C 2012 emile busink quality assurance date: september 01 st , 2012 logic products / mcu report: rnr-31/o2172 (rev. ct) nxp semiconductors building fb-3.107 tel: int + 31 24 353 2116 gerstweg 2 fax: int + 31 24 353 2820 6534 ae nijmegen email: emile.busink@nxp.com the netherlands display drivers display drivers integrate serial-in, parallel-out shift registers, which are common i/o expansion devices, with a number of mosfet led drivers. with 8-bit and 12-bit solutions, shift register based display drivers enable a controller to drive 8 or 12 leds using 3 output lines. cascading devices as shown in fgure 3 increases the number of leds controlled by the same 3 output lines. display drivers reduce the size, complexity, pin count and ultimately cost of any micro-controller based solution. control logic control applications such as engine control units and body control modules change settings based upon a combination of input signals. control logic consists of simple boolean functions, such as and or nand, to facilitate changing settings in simple sub-systems that dont require a micro-controller. display logic function control logic function hef4894b-q100 12-stage shift-and-store register led driver 74lvc1g125-q100 bus buffer/line driver; 3-state npic6c595-q100 power logic 8-bit shift register; open-drain 74lvc1g14-q100 single schmitt trigger inverter npic6c596-q100 power logic 8-bit shift register; open-drain 74lvc1g17-q100 single schmitt trigger buffer interface logic function 74lvc1g32-q100 single 2-input or gate hef4093bt-q100 quad 2-input nand schmitt trigger 74LVC244A-Q100 octal buffer/line driver; 3-state hef4094bt-q100 8-stage shift-and-store register 74lvc245a-q100 octal bus transceiver; 3-state 74hc(t)14-q100 hex inverting schmitt trigger i/o expansion function 74hc(t)151-q100 quad 2-input multiplexer nx3l4051-q100 low-ohmic single-pole octal-throw analog switch 74hc(t)244-q100 octal buffer/line driver; 3-state hef4051b-q100 8-channel analog multiplexer/demultiplexer 74ahc(t)14-q100 hex inverting schmitt trigger hef4052b-q100 dual 4-channel analog multiplexer/demultiplexer 74ahc(t)1g08-q100 2-input and gate hef4066bt-q100 quad single-pole single-throw analog switch 74ahc1g09-q100 2-input and gate with open-drain 74hc(t)138-q100 3-to-8 line decoder/demultiplexer; inverting 74ahc(t)1g125-q100 bus buffer/line driver; 3-state 74hc(t)165-q100 8-bit parallel-in/serial out shift register 74ahc(t)244-q100 bus buffer/line driver; 3-state 74hc(t)4051-q100 8-channel analog multiplexer/demultiplexer 74ahc(t)125-q100 quad buffer/line driver; 3-state 74hc(t)4052-q100 dual 4-channel analog multiplexer/demultiplexer control logic function 74hc(t)4053-q100 triple 2-channel analog multiplexer/demultiplexer hef40106b-q100 hex inverting schmitt trigger 74hc(t)4066-q100 16-channel analog multiplexer/demultiplexer 74hc(t)00-q100 quad 2-input nand gate 74hc(t)4851-q100 8-channel analog mux/demux; injection-current control 74hc(t)04-q100 hex inverter 74hc(t)4852-q100 dual 4-channel analog mux/demux; injection-current control 74hc(t)08-q100 quad 2-input and gate 74hc(t)595-q100 8-bit serial-in, serial or parallel-out shift register; 3-state 74hc(t)132-q100 quad 2-input nand schmitt trigger 74lvc08-q100 quad 2-input and gate 74hc(t)1g08-q100 2-input and gate 74lvc14-q100 hex inverting schmitt trigger with 5 v tolerant input 74lvc1g08-q100 single 2-input and gate lsl usl outliers outliers statistical test limits fig. 1 application of statistical test limits


▲Up To Search▲   

 
Price & Availability of 74LVC244A-Q100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X