Part Number Hot Search : 
BU2527A CLCD765 N5400 GA18A LQFP128 Q0365R 7N60C 1N5276B
Product Description
Full Text Search
 

To Download 558-0302-007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits long life - typically 100k hours low power consumption - uses up to 90% less energy than an incandescent indicator front panel snap-in mounting requires no additional hardware no heat generated resistant to shock and vibration termination - straight terminals for wire wrapping or lead wire for soldering or optional terminals colors include - red, green, yellow 558 series 5v integral resistor snap-in led - .156 mounting hole panel mount indicators dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel558si001_a applications dialight's 558 series led panel mount indicator is available with a variety of leds including alingap and ingan technology for high brightness applications, bicolor and integral resistors. these indicators are designed for a variety of applications such as: ? main and remote power indication ? maintenance and warning indication ? status indication ? instrumentation ..and many more! specifications voltage requirements: 5 vdc (no resistors required) operating temperature: -40c to +85c mounting hole size: 0.155 - 0.158" (3.94 - 4.01 mm) storage temperature: -55c to +100c panel thickness: 0.031 - 0.062" (.787 - 1.57 mm) electrical connection housing: black housing material meets straight terminals for wire wrapping or either ul94v-0 and enhances led contrast 6 or 14 inch 26 awg lead wire please see back of page for part numbers and additional specifications. 4.78 [.188] 11.89 [.468] max 6.99 [.275] min 1.25 [.050] ref. .51 [.020] sq. 4.83 [.190] 2.5 4 [.10 0] anode 12.70 [.500] + straight terminals - termination option 001 dialight reserves the right to make changes at any time in order to supply the best product possible. 3.18 .125 re. see order code 12.70 .500 tp. *26 awg 6 wire leads - termination option 003 26 awg 14 wire leads - termination option 007 note: wire lead color red (anode) and black (cathode) dimensions in mm [inches] *
558 series 5v integral resistor snap-in led - .156 mounting hole panel mount indicators dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com mdel558si001_a led panel mount indicator selection dialights line of led panel mount indicators are available in a variety of sizes and options. please visit our website for more information. www.dialight.com .156 (3.96mm) 5 5 5 5 8 8 s s e e r r i i e e s s 8mm 6 6 0 0 8 8 s s e e r r i i e e s s .250 (6.35mm) 5 5 5 5 9 9 s s e e r r i i e e s s 9mm 6 6 0 0 9 9 s s e e r r i i e e s s 5mm 6 6 0 0 5 5 s s e e r r i i e e s s 10mm 6 6 1 1 0 0 s s e e r r i i e e s s 6mm 6 6 0 0 6 6 s s e e r r i i e e s s 11/16 watertight 5 5 5 5 7 7 s s e e r r i i e e s s 7mm 6 6 0 0 7 7 s s e e r r i i e e s s 1 watertight 5 5 5 5 6 6 s s e e r r i i e e s s typical operating characteristics (t a = 25 o c) part number color peak wavelength (nm) intensity typ. (mcd) voltage (vdc) current typ. (ma) viewing angle 2o 1/2 maximum dc forward voltage termination 558-0102-001 red 635 29 5 12 60 7.5 straight terminals 558-0202-001 green 565 19 5 12 60 7.5 straight terminals 558-0302-001 yellow 585 12.6 5 12 60 7.5 straight terminals 558-0102-003 red 635 29 5 12 60 7.5 6 inch wire leads 558-0202-003 green 565 19 5 12 60 7.5 6 inch wire leads 558-0302-003 yellow 585 12.6 5 12 60 7.5 6 inch wire leads 558-0102-007 red 635 29 5 12 60 7.5 14 inch wire leads 558-0202-007 green 565 19 5 12 60 7.5 14 inch wire leads 558-0302-007 yellow 585 12.6 5 12 60 7.5 14 inch wire leads


▲Up To Search▲   

 
Price & Availability of 558-0302-007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X