Part Number Hot Search : 
72120 STM32F HCC4016B RFM04U6P A1006 10D121KJ MV313VCN HC541M
Product Description
Full Text Search
 

To Download W567S210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  w567sxxx data sheet 8-channel speech+melody processor (banddirector tm series) publication release date: june 15, 2004 - 1 - revision a11 table of contents- 1. general des cription ......................................................................................................... 2 2. features ....................................................................................................................... .......... 3 3. pin descri ption ..................................................................................................................... 4 4. block di agram .................................................................................................................. .... 5 5. electrical chara cteristics ........................................................................................... 6 5.1 absolute maxi mum rati ngs ............................................................................................... 6 5.2 d.c. charac teristics ........................................................................................................... 6 5.3 a.c. charac teristics ........................................................................................................... 7 6. typical application circui ts .......................................................................................... 8 6.1 w567s010~s 030 .............................................................................................................. 8 6.2 w567s040~s 060 .............................................................................................................. 9 6.3 w567s080~s 341 ............................................................................................................ 10 6.4 w567s301/s341 with a dc applicat ion ........................................................................... 11 7. revision history ............................................................................................................... .12
w567sxxx - 2 - 1. general description the w567sxxx is a powerful microcontroller (uc) dedicated to speech and melody synthesis applications. with the help of the embedded 8-bi t microprocessor & dedicated h/w, the w567sxxx can synthesize 8-channel speec h+melody simultaneously. the two channels of synthesized speech can be in di fferent kinds of format, for example adpcm and mdpcm. the w567sxxx can provide 8-channel high-quality winmelody tm , which can emulate the characteristics of musical inst ruments, such as piano and violin . the output of speech/melody channels are mixed together through the on-chip digital mixer to produce colorful effects. the mixer is further processed to drive dual speakers with ster eo effects. with these hardware resources, the w567sxxx is very suitable for high-qualit y and sophisticated scenario applications. the w567sxxx is also capable of transmitting infrared (ir) signals with on-chip carrier generator. as a result, toys can be designed to interact with each other for more play values. a serial interface can be supported as external memory for memory expansion or content-updateable applications. besides, the w567sxxx is equipped with a 4-channel anal og-to-digital converter (adc). with adc, a toy can respond to environment conditions such as temperature or pressure via sensory devices. therefore, toys with adc can behave vividly than ever before. the w567sxxx family contains several items with di fferent playback duration as shown below: (@5-bit mdpcm algorithm, 6 khz sampling rate) item w567s010 w567s015 w567s020 w567s025 w567s030 w567s040 *duration 14 sec. 18 sec. 27 se c. 31 sec. 35 sec. 52 sec. item w567s060 w567s080 w567s100 w567s120 w567s150 w567s170 duration 60 sec. 104 sec. 116 se c. 129 sec. 163 sec. 197 sec. item W567S210 w567s260 w567s301 w567s341 duration 232 sec. 265 sec. 300 sec. 334 sec. note: *: the duration time is based on 5-bit mdpcm at 6 khz sa mpling rate. the firmware library and timber library have been xcluded from user?s rom spac e for the duration estimation.
w567sxxx publication release date: june 15, 2004 - 3 - revision a11 2. features ? wide range of operating voltage: ? 8 mhz @ 3.6 volt ~ 5.5 volt ? 4 mhz @ 2.4 volt ~ 5.5 volt ? power management: ? 4 ~ 8 mhz system clocks, with ring type ? stop mode for stopping all ic operations ? provides up to 8 inputs and 24 i/o pins ? current-type digital-to -analog converter (dac): ? (8+2)-bit resolution with programmable output current ? 2 speaker outputs for stereo applications ? f/w speech synthesis with multip le format support: adpcm/mdpcm/pcm ? 2 speech synthesis 1 channels at programmable sample rate ? 8 melody channels that can emulate c haracteristics of musical instruments ? 8-input/10-bit-resolution mixer can mi x the speech and melody signals flexibly ? dynamic control of the channel assignment to the dual speaker output for stereo effects ? built-in ir carrier generation circuit for simplifying firmware ir application ? 4-channel adc interface (w567s301~s341) with maximum 4-khz sampling rate and 6-bit effective resolution ? built-in 9 timers for speech/melody synthesis and general purpose applications ? built-in 10*7 multiplier ? built-in watch-dog timer (wdt) and low voltage reset (lvr) ? built-in 32khz crystal oscillator with divi der for time-keeping application in w567s080 ~ s341 ? built-in serial interface manager (sim) in w567s080 ~ s341 ? support powerscript for developing codes in easy way ? full-fledged development system ? source-level ice debugger ? event synchronization mechanism ? compatible with w566b/c & w588s system ? user-friendly gui environment ? available package form: (cob is essential) ? w567s010, s015, s020, s025, s030: lqfp48 ? w567s040, s060: qfp64 ? w567s080 ~ s120: lqfp80 ? w567s150 ~ s341: lqfp100 1 more speech channels are avail able for 8-bit pcm format in the remaining melody channels.
w567sxxx - 4 - 3. pin description pin name i/o function resetb in ic reset input, low active. xin in 32 khz crystal oscillator with divider for time-keeping application xout out 32 khz crystal oscillator wi th divider for time-keeping application osc in main-clock oscillation input. only ring type is used. connect to gnd via the oscillation resistor. ip0[3:0] / ip0[7:4] in general input port with pull-high selection. each 2 input pins can be programmed to generate interrupt request and used to release ic from stop mode. ip0[3:0] are used as the input of adc. ip0.0 is the input pin of channel 0 and ip0.3 is the input pin of channel 3, and so on. bp0[7:0] i/o general input/output pins. when used as output pin, it can be open?drain or cmos type and it can sink 8ma for high-current applications. when used as input pin, there may have a pull-high option and generate interrupt request to release ic from stop mode. when bp0[7] is used as output pin, it can be the ir transmission carrier for ir applications. bp1[7:0] i/o general input/output pins. when used as output pin, it can be open?drain or cmos type. when used as input pin, there may have a pull-high option and generate interrupt request to re lease ic from stop mode. when serial interface is enabled, bp1[6:4 ] are used as serial interface pins. bp2[7:0] i/o general input/output pins. when used as output pin, it can be open?drain or cmos type. when used as input pin, there may have a pull-high option and generate interrupt request to re lease ic from stop mode. 2 vrb out reference-bottom voltage of adc. theor etically, the converted codes 0 ~ 255 will be uniformly distributed bet ween vrb and avdd. voltages below vrb will be mapped to code 0. 2 cin in capacitor input for adc. 2 cout out capacitor output for adc. 2 avdd out adc regulator output voltage. dac0 out current type dac speaker output 0. dac1 out current type dac speaker output 1. test in test input, internally pulled lo w. do not connect during normal operation. v dd power positive power supply for p and peripherals. v ss power negative power supply for p and peripherals. 3 vddosc power positive power supply for oscillation. 3 vssosc power negative power supply for oscillation. 2 vdda power positive power supply for adc module. 2 vssa power negative power supply for adc module. 2 only w567s301~s341 provides these pins for adc application. 3 in order to get a stable oscillating frequency, w 567s080~s341 provides these pins for power supply.
w567sxxx publ i c at i on rel e ase dat e : june 15, 2004 - 5 - revi si on a11 4. block diagram timing generator 8 bits up data ram program rom speaker driver interrupt controller timers & hq generator i/o wdt 4 channels adc mixer address/data bus osc bp1[7:0] dac0 resetb speaker driver dac1 ip0[3:0] or ip0[7:4] xin xout serial interface bp1[6:4] vrb cin ip0[3:0] cout bp2[7:0] bp0[7:0]
w567sxxx - 6 - 5. electrical characteristics 5.1 absolute maximum ratings parameter rating unit supply voltage to ground potential -0.3 to +7.0 v d.c. voltage on any pin to ground potential -0.3 to v dd +0.3 v operating temperature 0 to +70 c storage temperature -55 to +150 c note: exposure to conditions beyond those listed under absolute ma ximum ratings may adversely affect the life and reliability of the device. 5.2 d.c. characteristics (v dd ? v ss = 4.5 v, f m = 8 mhz, ta = 25 c, no load unless otherwise specified) spec. parameter sym. test conditions min. typ. max. unit f sys = 4 mhz 2.4 - 5.5 v operating voltage v dd f sys = 8 mhz 3.6 - 5.5 v operating current i op f sys = f m , normal operation - 15 20 ma standby current i sb stop mode - 1 2 a 32khz crystal current i 32k f osc disable, no load, wake up frequency: 2hz - 6 15 a input low voltage v il all input pins v ss - 0.3 v dd v input high voltage v ih all input pins 0.7 v dd - v dd v v out = 0.4v, all output pins except bp0 - - 4 ma output low current i ol v out = 0.4v, bp0 only - - 8 ma output high current i oh v out = 2.4v, all output pins -4 - - ma dac full scale current i dac v dd = 4.5v, rl = 100 ? -2.4 -4.0 -3.0 -5.0 -3.6 -6.0 ma adc analog input voltage v an v rb - av dd v adc reference-bottom voltage v rb i rb Q 6 ma 0.6 0.8 1.0 v adc input impendence r adc 30 - - m ? operation current of low voltage reset i lvr v dd = 4.5v 60 ua all input pins except resetb 200 - - k ? pull high resistance r in reserb 100 - - k ?
w567sxxx publ i c at i on rel e ase dat e : june 15, 2004 - 7 - revi si on a11 5.3 a.c. characteristics (v dd -v ss = 4.5 v, f m = 8 mhz, ta = 25 q c; no load unless otherw i se specified) spec. p a r a m e t e r s y m . test c o n d i t i o n s m i n . t y p . m a x . unit ring type, *rosc = 300 k : 3 . 6 4 4 . 4 m a i n - c l o c k f m ring type, *rosc = 150 k : 7 . 2 8 8 . 8 mhz cy cle time t cy c f sy s = 8 mhz 125 - dc ns main-clock wake-up stable time t ws m ring type, r = 160 k : - 3 5 m s main-clock frequency deviation, ring type ' f f min min max f f - f - 3 7 . 5 % resetb ac tive width t res a f t e r f sy s stable 4 - - t cy c fixed av dd 4 - - 6 b i t s adc resolution av dd = 3.6 ~ 5.5v - - 5 bits a dc a ccuracy e bit - - d 1 lsb conversion rate = 8 khz, f sy s = 4 mhz - 2 0 0 0 - p f adc capacitor c adc conversion rate = 16 khz, f sy s = 8 mhz - 1 0 0 0 - p f adc conversion time t con 512/f m - 32k/f m p s adc stable time t ads a v dd = v dd = 3v - - 2 p s *: ty pical rosc value for each part number should refer to design guide. 4 av dd is a fixed voltage, for example av dd = 3.6v, 4.5v, or 5.5v.
w567sxxx - 8 - 6. typical application circuits 6.1 w567s010~s030 ????  ????  ?? a ? ???? ?? ?   ??? ?  ???  ??? ?  ???  ?? ?   ? ??  ??  ?  ? 
?? ?a?? a?? ???t ? ?? ?   ? notes: 1. the ty pical value of rosc is 150 k : for 8mhz and 300 k : for 4mhz and should be connected to gnd (v ss ). 2. please refer to design guide to get ty pical rosc value for each part number. 3. the rs value is suggested in 270 : ~ 1k : to limit too large dac output current flow ing into transistor. 4. the capacitor, 4.7 p f, shunts betw een v dd and g nd is necessary as pow er stability . but the value of capacitor is depend on the application. 5. the above application circuits are for reference only . no w a rranty for mass production.
w567sxxx publ i c at i on rel e ase dat e : june 15, 2004 - 9 - revi si on a11 6.2 w567s040~s060     ????      ??? ?a?? a??  ?? ?   ????  ??? ????  ??? ???  ?? ?? ? ? ??? ???t? ? ???  ? ???   ? ? ? t ? ? ??? ? a ? ?? ?? ??  ?? ?  ? 
? ? notes: 1. the ty pical value of rosc is 160 k : for 8mhz and 330 k : for 4mhz and should be connected to gnd (v ss ). 2. please refer to design guide to get ty pical rosc value for each part number. 3. the rs value is suggested in 270 : ~ 1k : to limit too large dac output current flow ing into transistor. 4. the capacitor, 4.7uf, shunts betw een v dd and g nd is necessary as pow er stability . but the value of capacitor is depend on the application. 5. the above application circuits are for reference only . no w a rranty for mass production.
w567sxxx - 10 - 6.3 w567s080~s341 ????  ???? ?a? ? a?? ?? ? ?? ?a  ?? a??? ?? ?? ? ?? ? ? ?   ?   ????  ??? ?? ??  ?? ? ?? ? ?  ?? ?  ???  ??    a?? ??   ?? t ?? ?  ?? ? ?? a ?? ?? ?  ?
  ? ? ? ??t?  ? ?? ? ? ? ??t?  ? ?? ?   ? notes: 1. the ty pical value of rosc is 150 k : for 8mhz and 300 k : for 4mhz and should be connected to gnd (v ss ). 2. please refer to design guide to get ty pical rosc value for each part number. 3. for w567s080~s341, vssosc should be connected to v ss ; and vddosc should be connected to v dd in pcb lay out. 4. the rs value is suggested in 270 : ~ 1k : to limit too large dac output current flow ing into transistor. 5. the 10 : and 0.1 p f betw een v dd , vddosc and gnd are optional to filter pow er noise. 6. the capacitor, 4.7 p f, shunts betw een v dd and g nd is necessary as pow er stability . but the value of capacitor is depend on the application. 7. the above application circuits are for reference only . no w a rranty for mass production.
w567sxxx publ i c at i on rel e ase dat e : june 15, 2004 - 11 - revi si on a11 6.4 w567s301/s341 w i th adc application   ????    ????  ? ? ? ??? ?   ?? ? ?  ?? ?  ?? ? ?  ?? ?  ?? ? ?  ?? ?  ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?  ? ?   ??   ?   ? ?? ?t ? ? ?? ? ?a ? ? a? ? a? ? ? ? ? ? ?  ?? ?  ?
  ? ? ?? ?  ?? ? a ?? t ? ?   a ? ? ??  ? ? ? ?  ? ? ? ? a ? ?  ??? ? ?  ?a  ? ? ? ?? ?t ? ? ?? ?   notes: 1. the ty pical value of rosc is 150 k : for 8mhz and 300 k : for 4mhz and should be connected to gnd (v ss ). 2. please refer to design guide to get ty pical rosc value for each part number. 3. for w567s301~s341, vssa and vssosc should be connected to v ss ; and vdda and vddosc should be connected to v dd in pcb lay out. 4. the rs value is suggested in 270 : ~ 1k : to limit too large dac output current flow ing into transistor. 5. the 10 : and 0.1 p f betw een v dd , vddosc and gnd are optional to filter pow er noise. 6. the capacitor, 4.7 p f, shunts betw een v dd and g nd is necessary as pow er stability . but the value of capacitor is depend on the application. 7. the above application circuits are for reference only . no w a rranty for mass production.
w567sxxx - 12 - 7. revision history revision date modifications a1 april 2002 preliminary release. a2 july 11, 2002 w567s020 created. 2 speech channels for entire series. wording modification. a3 july 31, 2002 modify pin description modify dc/ac electrical characteristics a4 oct. 15, 2002 remove sim out of from w567s040 ~ s060 define rosc value in ac electrical characteri a5 nov. 15, 2002 page 2, provides up to 8 input pins page 2, available package a6 may 15, 2003 add a table to show all w567sxxx duration in page 1 add powerscript tm function in feature list update available package rename rtc as 32 khz crystal update application circuit a7 sep 10, 2003 change part number w567s300 as w567s301 change part number w567s340 as w567s341 page 3, add low voltage detect (lvd) feature a8 oct. 15, 2003 update application circuit and notes. a9 nov 17, 2003 rename vdd1 to vddosc in the pin description update application circuit and notes. a10 march 16, 2004 change the name low-voltage-detect (lvd) to low-voltage-reset (lvr). a11 june 15, 2004 add the operation current of low-voltage-reset.
w567sxxx publ i c at i on rel e ase dat e : june 15, 2004 - 13 - revi si on a11 headquarters no. 4, creation rd. iii, science-based industrial park, hsinchu, taiwan tel: 886-3-5770066 fax: 886-3-5665577 http://www.winbond.com.tw/ taipei office tel: 886-2-8177-7168 fax: 886-2-8751-3579 winbond electronics corporation america 2727 north first street, san jose, ca 95134, u.s.a. tel: 1-408-9436666 fax: 1-408-5441798 winbond electronics (h.k.) ltd. no. 378 kwun tong rd., kowloon, hong kong fax: 852-27552064 unit 9-15, 22f, millennium city, tel: 852-27513100 please note that all data and specifications are subject to change without notice. all the trade marks of products and companies mentioned in this data sheet belong to their respective owners. winbond electronics (shanghai) ltd. 200336 china fax: 86-21-62365998 27f, 2299 yan an w. rd. shanghai, tel: 86-21-62365999 winbond electronics corporation japan shinyokohama kohoku-ku, yokohama, 222-0033 fax: 81-45-4781800 7f daini-ueno bldg, 3-7-18 tel: 81-45-4781881 9f, no.480, rueiguang rd., neihu district, taipei, 114, taiwan, r.o.c.


▲Up To Search▲   

 
Price & Availability of W567S210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X