Part Number Hot Search : 
B8049E 2512R4 MPX2202D BNR21R23 AK53264D WS3413H 74LVC00A STF20120
Product Description
Full Text Search
 

To Download TF-APC-8172HTT-A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ps/2 keyboard & mouse vesa mounting holes two free expansion slots (2 pci) parallel crt d-sub s/p dif-out 10/100 or 10/100/1000base-tx ethernet (optional) power status led and lcd on/off button digital i/o usb2.0 x 4 com system power button 10/100base-tx ethernet speaker-out / line-in / mic-in anti-scratch front bezel usb2.0 port with waterproof cover easy stand 04 robust panel pc solutions features specifications note: all specifications are subject to change without notice. 04-3 17 tft sxga (1280 x 1024) lcd socket 478-based intel? pentium? 4 and celeron? processors anti-vibration disk drive bay for hard disk drive ip-65 certified anti-scratch & waterproof aluminum front panel with usb port up to 16 in or 16 out digital i/o resistive touchscreen (optional) two pci expansion slots 17 intel? pentium? 4 and celeron? processors robust panel pc with 2 expansion slots system processor (optional) socket 478-based intel? pentium? 4 (up to 2.8 ghz ) and celeron? processors (fsb400/533 mhz) memory (optional) 184-pin ddr sdram (200/266/333 mhz), up to 1 gb lcd/crt controller intel? i845gv, agp 4x ethernet intel? 82562, 10/100base-tx, rj-45 x 1 i/o port 3 serial ports : rs-232 x 2, rs-232/422/485 x 1 (com 4 is reserved for touchscreen) parallel x 1 (supports ecp/epp) ps/2 mouse x 1 ps/2 keyboard x 1 vga x 1 usb2.0 x 4 (on rear chassis) usb2.0 x 1 (on front panel) (protectable by bios) mic-in, line-in, speaker-out, s/p dif-out digital i/o x 1 (supports up to 16 in or 16 out) storage disk drive anti-vibration 2.5 ide hard disk drive (optional), slim floppy disk drive and slim cd-rom (optional) expansion slot pci x 2, mini pci x 1 os support windows? 2000, windows? xp pro for embedded, windows? xp embedded (optional) mechanical construction heavy-duty steel chassis ip-65 certified anti-scratch aluminum front panel (or optional stainless steel front panel) front panel color pms 2965c (dark blue) mounting panelmount, rackmount, vesa 75/100mm holes dimension 19 (w) x 15.7 (h) x 5.7 (d) (483mm x 399mm x 145mm) carton dimension 24.4 (w) x 20.6 (h) x 13.8 (d) (620mm x 522mm x 351mm) gross weight 39.2 lb (17.8 kg) net weight 34.32 lb (15.6 kg) environmental operating temperature 32f~ 122f (0oc ~ 50c) storage temperature -4f~ 140f (-20oc ~ 60c) storage humidity 10% to 90%@ 35c, non-condensing vibration random operation 1.5g, 5~500hz shock 15g peak acceleration (11 msec. duration) emc ce/fcc class b (ac version) ce/fcc class a (dc version) power supply ac input 250w (w/ active pfc) input : 100v ac ~ 240v ac10%@ 47 ~ 63hz dc input 200w input : 24v@16a max apc-8172
04-4 dimension unit: mm tf-apc-8172ht-a1 ? intel? pentium? 4/ celeron? panel pc with 17 tft, ac power supply, two free expansion slots tf-apc-8172ht-a2 ? intel? pentium? 4/ celeron? panel pc with 17 tft, 24v dc power supply, two free expansion slots TF-APC-8172HTT-A1 ? tf-apc-8172ht-a1 with resistive touchscreen tf-apc-8172htt-a2 ? tf-apc-8172ht-a2 with resistive touchscreen ordering information 1759200155 ? cpu cooler for pentium? 4 cpu 9761815202 ? 10/100base-tx ethernet kit, realtek 8100c 9761815203 ? 10/100/1000base-tx ethernet kit, realtek 8110s tf-per-a025 ? video capture module 9741666646 ? wireless lan kit, ieee802.11b/g, with antenna arm-wk075-0 ? wallmount kit with vesa 75/100mm standards 1702031802 ? power cord (us type) 1702031803 ? power cord (european type) 170203180e ? power cord (japanese type) 9761815206 ? card reader kit optional accessories lcd display type 17 color tft lcd max. resolution 1280 x 1024 max. colors 16.7m dot size 0.264 x 0.264 luminance (typical) 300 cd/m 2 viewing angle 160(h) / 160(v) back light mtbf (hrs) 50,000 touchscreen (optional) type 8-wire, analog resistive resolution 2048 x 2048 light transmission 80% lifetime 10 million activations os support windows? 2000, windows? xp pro for embedded, windows? xp embedded (optional) cut size: 449 x 367 mm 446.0 0 402.0 0 137.0 0 36.0 0 8.0 0 364.0 0 246.0 0 55.0 0 17.5 0 483.0 0 399.0 0 120.6 0 323.7 0 465.0 0 130.0 0 130.0 0 150.0 0 150.0 0 7.0 0 25.0 0 25.0 0 apc-8172


▲Up To Search▲   

 
Price & Availability of TF-APC-8172HTT-A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X