Part Number Hot Search : 
15C430JB 6KE12 2J103 BR605 790LT8 66000 74AHC04 H57V1262
Product Description
Full Text Search
 

To Download STY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  circuit protection 137 medium voltage fuses ul/csa fuses current limiting ul/csa fuses general purpose special purpose fuses canadian fuses & holders application section fuse blocks, holders & misc. for additional information, visit www.edisonfuse.com box cover units for plug fuses plug fuse box cover units provide a simple, inexpensive way to protect small motors with edison-type t, tl, tc, p and w plug fuses. box cover units are easily installed in standard electrical boxes. by using fuses sized at the amp rating of a motor or slightly larger, optimum overload and short-circuit protection is provided. box cover units are ul listed. fuse holder on/off switch receptacle switch light ssy-rl selection data plug fuse box cover units receptacle motor agency? box cover fuseholder outlet to load switch switch size listing/ cat. no. type box single double 125vac 250vac control+ light++ (max.) general data certification sou x 3 4 hp 125v, 15a ul, csa sru 2 1 4 " handy x x 1 2 hp 125v, 15a ul ssu xx 1 2 hp 125vac (do not use on dc), 15a ul, csa sow x 3 4 hp 125v, 15a ul, csa srw 2 3 4 " switch x x 1 2 hp 125v, 15a ul ssw xx 1 2 hp 125vac (do not use on dc), 15a ul, csa sox x 3 4 hp 125v, 15a ul, csa srx 4" octagon x x 1 2 hp 125v, 15a ul ssx xx 1 2 hp 125vac (do not use on dc), 15a ul, csa soy x 3 4 hp 125v, 15a ul, csa sry xx 1 2 hp 125v, 15a ul ssy xx 1 2 hp 125vac (do not use on dc), 15a ul, csa ssy-rl 4" square x x x x 1 2 hp 125vac (do not use on dc), 15a STY* xx* 1 2 hp* 125vac (do not use on dc)*, 15a ul scy** x x(2)** 1 2 hp(2)** 125vac (do not use on dc); ul can protect two motors**, 15a soy-b x 3 4 hp 125v, protects two motors, 15a ul ska 4 11 16 " square x x(15a) 2 hp 250v, 15a single-phase ul ssn single gang x x 1 2 hp 125v, 15a weatherproof ul + switch turns power to fused load off or on. ++ switch light indicates power to load (dark when switch off or fuse open). * double-pole switch opens both sides of circuit. STY can be used for two separate 125v motors not larger than 1 2 hp with the common switch, or a single motor not larger than 2 hp at 250v (maximum of 150v to ground). ** the scy unit can be used for protection of a single motor not larger than 2hp at 250v (maximum of 150v to ground). ? ul guide jamz, file e6491; csa class 6225-01, file 47235. box cover units for plug fuses
138 for additional information, visit www.edisonfuse.com application section fuse blocks, holders & misc. medium voltage fuses canadian fuses & holders special purpose fuses ul/csa fuses general purpose ul/csa fuses current limiting box cover units for plug fuses 2 1 ? 4 ? handy boxes 2 3 ? 4 ? switch boxes 4? octagon boxes 4- 11 ? 16 ? square boxes sou sru ssu sow srw ssw sox srx ssx ska 4? square boxes soy sry ssy ssy-rl soy-b STY scy ssn


▲Up To Search▲   

 
Price & Availability of STY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X