Part Number Hot Search : 
IRFZ4 PIC16L 0V8X1 UZ7812 W39V040B IRF840 F7N60 C3843
Product Description
Full Text Search
 

To Download SFF1001G13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? high efficiency, low vf ? high current capability ? high reliability ? high surge current capability ? low power loss sff1001g ito-220ab 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol sff 1001g sff 1002g sff 1003g sff 1004g sff 1005g sff 1006g sff 1007g sff 1008g unit v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v i f(av) a trr ns cj pf r jc o c/w t j o c t stg o c note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. storage temperature range - 65 to + 150 note 1: pulse test with pw=300 usec, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a version:j12 typical junction capacitance (note 3) 70 50 typical thermal resistance 2 operating temperature range - 65 to + 150 maximum reverse current @ rated vr t a =25 t a =100 i r 10 ua 400 maximum reverse recovery time (note 2) 35 maximum instantaneous forward voltage (note 1) @ 5a v f 0.975 1.3 1.7 v maximum average forward rectified current 10 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 a ? mounting torque: 5 in - lbs. max. parameter maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage ordering information (example) part no. package packing ? case: ito-220ab molded plastic ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed ? polarity: as marked ? high temperature soldering: 260 /10 seconds/.16",(4.06mm) from case ? weight: 1.71 grams packing code packing code (green) c0g sff1001g - sff1008g 10.0amps isolated glass passi vated super fast rectifier ito-220ab features ? for use in low voltage, high frequency inverter, free wheeling, and polarity protection application ? green compound with suffix "g" on packing code & prefix "g" on datecode mechanical data
version:j12 ratings and characteristic curves (sff1001g thru sff1008g) 0 2 4 6 8 10 12 0 25 50 75 100 125 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resister or inductive load with heatsink 0 30 60 90 120 150 1 10 100 peak forward surge a current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current(ua) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics ta=25 ta=100 ta=75 40 50 60 70 80 90 100 1 10 100 capacitance (pf) reverse voltage (v) fig. 4 typical junction capacitance ta=25 sff1001g-sff1004g sff1005g-sff1008g 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) forward voltage (v) fig. 5 typical forward characteristics ta=25 pulse width=300us 1% duty cycle sff1001g-sff1004g sff1005g-sff1006g sff1007g-sff1008g
ito-220ab dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = specific device code g = green compound yww = date code c0g packing code c0 ordering information part no. package bulk packing packing code (green) dim. unit(mm) unit(inch) marking diagram sff100xg 50 / tube note: "x" is device code from "1" thru "8".


▲Up To Search▲   

 
Price & Availability of SFF1001G13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X