Part Number Hot Search : 
STB3020L HD6473 MB91101A AQW614 TC7WB66 11KG4 MURA105 2SK1334
Product Description
Full Text Search
 

To Download RSP-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary specification RSP-150-3.3 RSP-150-5 RSP-150-7.5 RSP-150-12 RSP-150-13.5 RSP-150-15 RSP-150-24 RSP-150-27 RSP-150-48 model dc voltage rated current current range rated power output voltage adj. range line regulation load regulation setup, rise time hold up time (typ.) voltage range note.5 frequency range power factor (typ.) efficiency (typ.) input inrush current (typ.) leakage current safety standards working humidity working temp. storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage over temperature remote control function ac current (typ.) 3.3v 5v 7.5v 12v 13.5v 15v 24v 27v 48v 30a 30a 20a 12.5a 11.2a 10a 6.3a 5.6a 3.2a 0 ~ 30a 0 ~ 30a 0 ~ 20a 0 ~ 12.5a 0 ~ 11.2a 0 ~ 10a 0 ~ 6.3a 0 ~ 5.6a 0 ~ 3.2a 99w 150w 150w 150w 151.2w 150w 151.2w 151.2w 153.6w 100mvp-p 100mvp-p 100mvp-p 100mvp-p 100mvp-p 100mvp-p 150 mvp-p 150mvp-p 250mvp-p ? 2.0% 3.14 ~ 3.63v 4.75 ~ 5.5v 7.13 ~ 8.25v 11.4 ~ 13.2v 12.8 ~ 14.9v 14.3 ~ 16.5v 22.8 ~ 2 6.4v 25.7 ~ 29.7v 45.6 ~ 52.8v ? 2.0% ? 2.0% ? 2.0% ? 2.0% ? 2.0% ? 1.0% ? 1.0% ? 1.0% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 1.0% ? 1.0% ? 1.0% 600ms, 30ms at full load 16ms at full load 85 ~ 264vac 120 ~ 370vdc 47 ~ 63hz pf>0.93/230vac pf>0.98/115vac at full load 81.5% 87% 88.5% 90% 87.5% 88.5% 89% 89.5% 90% 1.6a/115vac 0.8a/230vac cold start 40a/230vac <2ma / 240vac 105 ~ 135% rated output power 3.63 ~ 4.46v 5.5 ~ 6.75v 8.25 ~ 10.13v 13.2 ~ 16.2v 14.85 ~ 18.2v 16.5 ~ 20.25v 26.4 ~ 32.4v 29.7 ~ 36.45v 52.8 ~ 64.8v protection type : constant current limiting, recovers automatical ly after fault condition is removed protection type : shut down o/p voltage, recovers automatically after t emperature goes down 100 5 (tsw1) detect on main power transformer for 3.3v ~ 7.5v ; 105 5 (tsw1) de tect on main power transformer for others j ? j j ? j protection type : shut down o/p voltage, re-power on to recover cn1: < 0~0.8vdc power on , 4~10vdc power off ul60950-1, tuv en60950-1, ccc gb4943 approved; design refer to en603 35-1 compliance to en55022 (cispr22) class b, en61000-3-2,-3, gb9254 cl ass b compliance to en61000-4-2,3,4,5,6,8,11, en55024, light indust ry level, criteria a -30 ~ +70 j (refer to "derating curve") 20 ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh j ? j j) 0.05%/ (0 ~ 50 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes k hrs min. mil-hdbk-217f (25 ) j 199*99*30mm (l*w*h) 0.6kg; 24pcs/15.4kg/1.01cuft file name:RSP-150-spec 2013-03-12 150w single output with pfc function r s p - 1 5 0 s e r i e s ?e?e ?e ?e ?e ?e ?e ?e ?e ?e universal ac input / full rangebuilt-in active pfc function protections: short circuit / overload / over voltage / over temperature built-in constant current limiting circuit remote on-off control led indicator for power on 100% full load burn-in test 3 years warranty cooling by free air convection1u low profile 30mm ?? features : withstand voltage isolation resistance i/p-o/p:3.75kvac i/p-fg:1.875kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh j ripple & noise (max.) note.2 voltage tolerance note.3 environment safety & emc (note 4) protection 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. 5. derating may be needed under low input voltages. please check the derati ng curve for more details. j for guidance on how to perform these emc tests, please refer to ?emi testing of c omponent power supplies.? (as available on http://www.meanwell.com) emc immunity emc emission bauar sicherheit egel gema t gepruft od be www. id 2000000000 tuv.com wac g o s
preliminary mechanical specification derating curve output derating vs input voltage file name:RSP-150-spec 2013-03-12 case no. 215a unit:mm input voltage (vac) 60hz ambient temperature ( ) j load (%) 85 100 115 135 155 230 264 load (%) 10 20 40 50 60 70 (horizontal) 20 40 60 80 100 -30 0 90 100 80 70 60 50 40 RSP-150-12~48 RSP-150-3.3~7.5 2.5 6.56.5 6.9 150w single output with pfc function r s p - 1 5 0 s e r i e s block diagram terminal pin no. assignment pin no. pin no. 4,5 1 6,7 23 assignment assignment dc output -v dc output +v ac/l ac/n fg remote on/off(cn1):jst s2b-xh or equivalent(optional) pin no. 12 assignment mating housing jst xhp or equivalent terminal jst sxh-001t-p0.6 or equivalent rc+ rc- pfc fosc : 67khz pwm fosc : 67khz cn1 control remote pwm & pfc circuit detection o.l.p. o.t.p. emi filter rectifiers circuit power switching filter & rectifiers +v -v i/p fg control o.v.p. & pfc constant current limiting & start circuit active 8 +v adj. 9.5 r.c. 25 119 99 49.5 30 12.5 4-m4(both sides) l=4mm 15 25 117 117 70 65 199 16 76 5 4 3 1 2 led 12 cn1 2-m4 l=4mm


▲Up To Search▲   

 
Price & Availability of RSP-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X