Part Number Hot Search : 
1392K 10130 04P5X MAX109 SC321 ACT3215 04P5X 34002
Product Description
Full Text Search
 

To Download OSP-V-16-23-16-N1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general output: (14) iec320 c13 (2) iec320 c19 input: (1) iec320 c20 inlet; enclosed iec320 c19 to c20 power cord 3 meters long protection (1) 16 amp circuit breaker communication ssl indication (1) yellow led dhcp indication (1) green led output status (16) red led network (1) rj45 for ethernet current meter 3 digits seven segments for true rms meter range: 0a ~ 20a resolution: 0.1a precision: +/-2%+/-0.1 amp operation nominal voltage 230v voltage 200v~ 240v full range frequency 50/60hz full range max. output current 16 amp (ul derated 12 amp) temperature 0 ~ 40 celsius degree humidity 0% ~ 90% size 56 x 1245 x 44 mm weight 4 kg a division of knight electronics, information and data are subject to change without prior notification. orion fans 10557 metric drive dallas, tx 75243 800.323.2439 model: switched pdu model number: OSP-V-16-23-16-N1 current meter digital true rms current meter power monitor remote total power monitoring by meter, web, snmp, free bundle software protocols http, https, snmp, dhcp, udp outlet control individual outlet control power delay power on/off sequence can be defined alarm thresholds user-defined alarm thresholds for warning and overload event alert email, trap, audible alarm features specification: ul 60950-1, ul listed, csa, cul listed, cb by ul ce, en 55022 class a, en 55024, en 61000-3-2, en 61000-3-3 c-tick as/nzs cispr 22: 2006 fcc part 15 class a, ices-003 regulatory approvals: input (left)


▲Up To Search▲   

 
Price & Availability of OSP-V-16-23-16-N1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X