Part Number Hot Search : 
RGP800 S2A07R PF070D 336K0 IW1601 A1264N 2SD1260A T24C0
Product Description
Full Text Search
 

To Download MMSZ5238B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount zener diode mmsz5221b-mmsz5260b features z planar die construction. z 500mw power dissipation. z general purpose, medium current. z ideally suited for automat ed assembly processes. applications z zener diode. z ultra-small surface mount package. sod-123 ordering information type no. marking package code mmsz5221b-mmsz5359b see table 2 sod-123 maximum rating @ ta=25 unless otherwise specified characteristic symbol value unit forward voltage @ i f =10ma v f 0.9 v power dissipation p d 500 mw thermal resistance,junction to ambient air r ja 350 /w junction temperature t j 150 storage temperature range t stg -65-150 notes: 1. device mounted on ceramic pcb; 7.6 mm x 9.4 mm x 0.87 mm with pad areas 25 mm 2 . 2. tested with pulses, tp 1.0ms. pb lead-free mdd electronic 201207
surface mount zener diode mmsz5221b-mmsz5260b electrical characteristics @ ta=25 unless otherwise specified zener voltage range test current maximum zener impedance maximum reverse leakage current v z @i zt i zt z zt@ i zt z zk@ i zk =0.25ma i r @v r type number type code nom(v) min(v) max(v) ma ? a v mmsz5221b c1 2.4 2.28 2.52 20 30 1200 100 1.0 mmsz5223b c3 2.7 2.57 2.84 20 30 1300 75 1.0 mmsz5225b c5 3.0 2.85 3.15 20 30 1600 50 1.0 mmsz5226b g1 3.3 3.14 3.47 20 28 1600 25 1.0 mmsz5227b g2 3.6 3.42 3.78 20 24 1700 15 1.0 mmsz5228b g3 3.9 3.71 4.10 20 23 1900 10 1.0 mmsz5229b g4 4.3 4.09 4.52 20 22 2000 5.0 1.0 mmsz5230b g5 4.7 4.47 4.94 20 19 1900 5.0 2.0 mmsz5231b e1 5.1 4.85 5.36 20 17 1600 5.0 2.0 mmsz5232b e2 5.6 5.32 5. 88 20 11 1600 5.0 3.0 mmsz5233b e3 6.0 5.70 6.30 20 7 1600 5.0 3.5 mmsz5234b e4 6.2 5.89 6.51 20 7 1000 5.0 4.0 mmsz5235b e5 6.8 6.46 7.14 20 5 750 3.0 5.0 mmsz5236b f1 7.5 7.13 7.88 20 6 500 3.0 6.0 mmsz5237b f2 8.2 7.79 8.61 20 8 500 3.0 6.5 MMSZ5238B f3 8.7 8.27 9.14 20 8 600 3.0 6.5 mmsz5239b f4 9.1 8.65 9.56 20 10 600 3.0 7.0 mmsz5240b f5 10 9.50 10.50 20 17 600 3.0 8.0 mmsz5241b h1 11 10.45 11.55 20 22 600 2.0 8.4 mmsz5242b h2 12 11.40 12.60 20 30 600 1.0 9.1 mmsz5243b h3 13 12.35 13. 65 9.5 13 600 0.5 9.9 mmsz5245b h5 15 14.25 15.75 8.5 16 600 0.1 11 mmsz5246b j1 16 15.20 16.80 7.8 17 600 0.1 12 mmsz5248b j3 18 17.10 18.90 7.0 21 600 0.1 14 mmsz5250b j5 20 19.00 21.00 6.2 25 600 0.1 15 mmsz5251b k1 22 20.90 23.10 5.6 29 600 0.1 17 mmsz5252b k2 24 22.80 25.20 5.2 33 600 0.1 18 mmsz5254b k4 27 25.65 28.35 5.0 41 600 0.1 21 mmsz5255b k5 28 26.60 29.40 4.5 44 600 0.1 21 mmsz5256b m1 30 28.50 31.5 4.2 49 600 0.1 23 mmsz5257b m2 33 31.35 34.65 3.8 58 700 0.1 25 mmsz5258b m3 36 34.20 37.80 3.4 70 700 0.1 27 mmsz5259b m4 39 37.05 40.95 3.2 80 800 0.1 30 mmsz5260b m5 43 40.85 45.15 3.0 93 900 0.1 33 mdd electronic
surface mount zener diode mmsz5221b-mmsz5260b typical characteristics @ ta=25 unless otherwise specified mdd electronic
surface mount zener diode mmsz5221b-mmsz5260b soldering footprint unit : mm package information device package shipping mmsz5221b-mmsz5260b sod-123 3000/tape&reel package outline plastic surface mounted package sod-123 sod-123 dim min max a 1.4 1.8 b 2.55 2.85 c 1.15 typical d 0.5 0.6 e 0.3 0.4 h 0.02 0.10 j 0.1 typical k 3.55 3.85 all dimensions in mm k j h e d c a b mdd electronic


▲Up To Search▲   

 
Price & Availability of MMSZ5238B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X