Part Number Hot Search : 
74VHC1 UMW10TL 74VHC1 T0780 HCT2G 74VHC1 C1473 74VHC1
Product Description
Full Text Search
 

To Download MM1065JM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsumi ultra-low power consumption low-saturation three-pin regulators with on/off pin mm1065 and 1165 ultra-low power consumption low-saturation three-pin regulators with on/off pin monolithic ics mm1065 and 1165 outline these ics are stabilized power supply devices with ultra-low consumption currents, designed for a greatly reduced reactive current at low input voltages, and with a small input/output difference voltage of 0.2v at an output current of 40ma. the output current is limited to a maximum of 100ma, and in the mmp-4a package, an on/off pin enables the device to be switched on and off. features 1. input/output voltage difference 0.2v typ. (i o =40ma) 2. no-load input current 13a typ. 3. maximum reactive current at low input voltages 15a typ. (no-load) 4. maximum output current 100ma max. 5. temperature coefficient of output voltage 0.01%/c typ. 6. output voltage ranks mm1065, 1165 f : 6.0v4% g : 5.0v4% h : 4.5v4% i : 4.0v4% j : 3.0v4% z : 3.3v4% 7. with overcurrent protection circuit 8. with thermal shutdown circuit 9. with function to turn output on and off (mmp-4a package only) package to-92a (mm1065 t, mm1165 t) mmp-4a (mm1065 m, mm1165 m) * the output voltage rank appears in the boxes. applications 1. handheld computers 2. portable transceivers 3. cordless phones 4. other portable equipment which uses batteries on/off pin level low high mm1065 output on off mm1165 output off on
mitsumi ultra-low power consumption low-saturation three-pin regulators with on/off pin mm1065 and 1165 absolute maximum ratings electrical characteristics item symbol ratings units operating temperature t opr - 20~+75 c storage temperature t stg - 40~+125 c power supply current v cc max. - 0.3~10 v output current i out 100 ma maximum ratings pd 200 (mmp-4a) mw 300 (to-92a) item symbol measurement conditions min. typ. max. units f 5.76 6.00 6.24 g 4.80 5.00 5.20 output voltage vo v in =vo+1v h 4.32 4.50 4.68 v io=40ma i 3.84 4.00 4.16 j 2.88 3.00 3.12 z 3.17 3.30 3.43 no-load input current iccq1 v in =vo+1v, io=0ma 13 20 a minimum i/o voltage difference vd min. v in =vo min., io=40ma 0.2 0.3 v input fluctuation rate v2 v in =(vo+1v)~10v, io=40ma 0.01 0.1 %/v load fluctuation rate v1 v in =vo+1v, io=0~100ma 0.01 0.03 %/ma output voltage temperature coefficient vo/t tj= - 20~+75c 100 ppm/c ripple rejection rate rr v ripple =1v, v in =vo+2v 50 60 db f=120hz, io=40ma
mitsumi ultra-low power consumption low-saturation three-pin regulators with on/off pin mm1065 and 1165 equivalent circuit diagram electrical characteristics (mmp-4p) basic circuit connection diagram item symbol measurement conditions min. typ. max. units input current while off iccq2 mm1065 2.5 7 a mm1165 3 6 a on/off pin current while off i off mm1065 4 7 a mm1165 0.2 0.1 a on/off pin level on/off pin high level high 2.4 v on/off pin low level low - 0.3 0.4 v v in =6v v(on/off)=high v in =6v v(on/off)=low v(on/off)=2.4v v(on/off)=0.4v v in +0.3 on/off pin level low high mm1065 output on off mm1165 output off on c1 > = 1f (ceramic) c2 > = 1f (ceramic) [
mitsumi ultra-low power consumption low-saturation three-pin regulators with on/off pin mm1065 and 1165 load fluctuation rate input fluctuation rate output voltage characteristic output voltage temperature characteristic i/o voltage difference no-load input current output current (ma) 0 20 40 60 80 100 100 200 300 400 v in =4.6v i/o voltage difference (mv) input voltage (v) 0 246 8 10 20 15 10 5 25 i o =0ma reactive current ( a) output current (ma) 020 40 60 80 100 - 20 - 10 10 v in =6v 0 load fluctuation (mv) input voltage (v) 678910 11 4 2 0 - 2 i o =40ma input fluctuations (mv) characteristics input voltage (v) 0246810 8 6 4 2 10 i o =40ma output voltage (v) temperature ( c) - 25 0 25 50 75 100 4.90 4.95 5.00 5.05 v in =6v, i o =40ma output voltage (v)
mitsumi ultra-low power consumption low-saturation three-pin regulators with on/off pin mm1065 and 1165 allowable loss ripple rejection rate thermal shutdown output current characteristic load transient response transient response to input fluctuation time (ms) 0 1.5 2.0 2.5 0.5 1.0 0 50 - 50 0 50 v in =6v output voltage (mv) output current (ma) time (ms) 0 0.1 0.2 0.3 0.5 0.4 6 8 - 50 0 50 i o =40ma output voltage (mv) input voltage (v) temperature ( c) 0 25 50 75 100 125 100 0 200 300 400 500 - 25 to-92 mmp-4 mounted on mmp-4 printed circuit board 50 75 1 t (mm) phenol allowable loss (mw) frequency (hz) 10 100 1k 10k 100k 20 0 40 60 80 v in =7v, vr=1v, i o =40ma ripple rejection rate (db) temperature ( c) 25 50 75 100 125 150 2 4 6 8 10 0 v in =6v output voltage (v) output current (ma) 40 80 120 160 200 2 4 6 8 10 0 v in =6v output voltage (v)


▲Up To Search▲   

 
Price & Availability of MM1065JM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X