Part Number Hot Search : 
MSB61DA 200BZ MSB61DA MP6005G LT581X W1154YD UL1244N C6707
Product Description
Full Text Search
 

To Download MINT1045A1575K01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ___________________________________________________ ___________________________________________________ ________________________ 1 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com ac input 100-240vac +/- 10%, 47-63 hz 1 ? rated 80-270 vac, 47-440 hz operational turn on time 500 ms max at 120 vac input current 0.75a @ 120 vac, 0.45 a @ 240 vac hold - up time 25 ms minimum at 45 w, nominal input (120vac) inrush curre nt 37a max., 264 vac overvoltage protection 120-150%, auto-reset input fuse s f1, f2: 1.6a, 250vac fuses provided internally overload protec tion hiccup mode, 58w typical power factor complies with en61000-3-2, class a short circuit protection hiccup mode, 58w typical efficiency 88% typical overtemperature protection self-recovering output power 45 w continuous. see chart for operation above 50 c medical safety standards csa/en/iec/ul 60601-1, 3 rd edition methods of protection: 2 mopp for type bf applicat ions peak output power 50 w for 1 minute, 10% duty cycle ite safety standards csa/en/iec/ul 60950-1, iec 2 nd edition see page 2 for detailed safety agency standards ripple and noise 1% pk-pk max., 20 mhz bw, differential mode measured with noise probe dire ctly across output terminals isolation input-output: 4500vac, input-ground: 1900vac output-ground: 1900vac output voltage see chart leak age current 12v-28v models: 120vac: 30a nc/70a sfc 264vac: 75 a nc/130 a sfc 48v model: 120vac: 90a nc/120a sfc 264vac: 190 a nc/220 a sfc voltage adjustability not adjustable factory set with fixed resistors for higher reliability operating temperature -20 to 70 c see derating chart minimum load not required output power derating derate output power by 2.5% per c above 50 c, up to 70 c max total regulation see chart storage temperature -40 to +85 c transient response 500 s max. to 1%, 50% load step 0.2a/ s, 3.5% deviation. typical relative humidity 5% to 95%, non-condensing switching frequency fixed 65 khz, typical mtbf 300k hours per telcordia mint1045 45 w single output series medical & ite ? universal input power supply 3 year warranty ? 45 w convection cooled ? universal input 80--270 vac ? very small size: 2? w x 3? l x 1.0? h ? 88% efficiency typical ? class i or class ii ac input applications ? csa/en/iec/ul60601-1 3 rd edition for medical, type bf capable, ultra-low leakage current ? csa/en/iec/ul60950-1 2 nd edition for ite specifications all specifications are typical at nominal input, fu ll load at 25 c unless otherwise stated . model number key 12 output voltage: "12" = 12v output, "24" = 24v outpu t, etc. 75 "75" = output connector - 4 pin header mint "k" = input connector - 3 pin header 01 01 = standard model, 02 and higher indicates a m od ified m odel. product fam ily: "m" = medical, "i" = internal, "nt" = new technology 1 # of outputs 045 output pow er (watts) - "045" = 45w a model configuration: "a" = class i input; "b" = cl ass ii input (no ground) k
___________________________________________________ ___________________________________________________ ________________________ 2 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com mint1045a1275k01 12 v 3.75 120mv 0.5% 2% MINT1045A1575K01 15 v 3.00 150mv 0.5% 2% mint1045a2475k01 24 v 1.90 240mv 0.5% 2% mint1045a2875k01 28 v 1.60 280mv 0.5% 2% consult factory for availability mint1045a4875k01 48 v 0.95 480mv 0.5% 2% medical certification to the new 3rd edition: ite certification to the new 2nd edition: ? demko certified to en 60601-1:2005, 3rd ed. ? demko certified to en60950-1:2006+ a11:2009,2nd ed . ? cb certified to iec 60601-1:2005, 3rd edition ? cb certified to iec 60950-1:2005, 2nd edition ? ul recognized to ansi aami es60601-1:2005 & can/csa c22.2, no. 60601-1-08 ? ul recognized to ul 60950-1:2007, 2nd edition & can/csa c22.2, no. 60950-1-07, 2nd edition vibration random vibration per mil-std-810e, method 514.4, cat. 1, figure 514.4-1, 1 hr in each of three axes shock half-sine, 40 gpk, 10 msec duration, +/- in each of three axes, total of 6 shocks enclosure dimensions see outline drawing operating altitude -500 to 10,000 ft we ight 113 grams non - operating altitude -500 to 40,000 ft conducted emissions en55011/22 class b, fcc part 15, class b, 6db margi n radiated emissions en55011/22 class a, fcc part 15, class a, 10db marg in to meet class b for grounded input (class i), unit should be mounted on a metal plate. static discharge immunity en61000-4-2, 6kv contact discharge, 8kv air dischar ge r adiated rf immunity en61000-4-3, 3v/m. eft/burst immunity en61000-4-4, 2kv/5khz. line surge immunity en61000-4-5, 1kv differential, 2kv common-mode conducted rf immunity en61000-4-6, 3vrms power frequency magnetic field immunity en61000-4-8, 3a/m vol tage dip immunity en61000-4-11 100vac, 95% dip/0.5 cycle (criteria a) , 60%/5cycles (criteria a at 30% load), 30%/25 cycles (criteria a). line frequency harmonics complies with en61000-3-2, en60601-2-1 mint1045 45 w single output series medical & ite ? universal input power supply 3 year warranty output parameters model output ripple total initial se t-point number volts current & noise regulation tolerance emi/emc compliance specifications (continued) notes: 1. derate output power by 2% per volt ac for input voltage <90vac. safety agency compliance convection cooled
___________________________________________________ ___________________________________________________ ________________________ 3 of 3 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com mating connectors : j1 = amp 640250-3, j2 = 640250-4, cont acts = amp 770461-1 note: for class ii (no earth ground) applications, all m ounting hardware must be non-conductive. data sheet ? 2011 sl power electronics corp. the i nformation and specifications contained herein are believed to be correct at the time of publication. rev. 6-7-2011 however, sl power accepts no responsibility for con sequences arising from reproduction errors or inacc uracies. specifications are subject to change with out notice. mint1045 45 w single output series medical & ite ? universal input power supply 3 year warranty outline drawing [4] 0.122 4 plcs mtg holes


▲Up To Search▲   

 
Price & Availability of MINT1045A1575K01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X