Part Number Hot Search : 
MMBD4 TSH95ID 75NF20 ES51999 15GD1 SM15T33A 09231 EHF10B1
Product Description
Full Text Search
 

To Download KPA1716 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type ic www.kexin.com.cn 1 smd type ic mos field effect transistor KPA1716 features low on-state resistance r ds(on)1 = 12.5 m typ. (v gs =-10v,i d =-4a) r ds(on)2 =17m typ. (v gs =-4.5v,i d =-4a) r ds(on)3 =19m typ. (v gs = -4.01 v, i d =-4a) low c iss :c iss = 2100 pf typ. built-in g-s protection diode small and surface mount package absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage (v gs =0) v dss -30 v gate to source voltage (v ds =0) v gss 20 v drain current (dc) ta = 25 i d(dc) 8 a drain current (pulse) *1 i d (pulse) 32 a total power dissipationta = 25 *2 p t 2.0 w channel temperature t ch 150 storage temperature t stg -55to+150 *1 pw 10 s, duty cycle 1% *2 mounted on ceramic substrate of 1200mm 2 x1.0 mm
www.kexin.com.cn 2 smd type ic smd type ic electrical characteristics ta = 25 parameter symbol testconditons min typ max unit r ds(on)1 v ds =-10v,i d = -4.0 a 12.5 16 m r ds(on)2 v gs =-4.5v,i d = -4.0 a 17 23 m r ds(on)3 v gs =-4.0v,i d = -4.0 a 19 26 m gate cut-off voltage v gs(off) v ds =-10v,i d = 1 ma -1.0 -1.6 -2.5 v forward transfer admittance | y fs |v ds =10v,i d =-4.0a 7 14 s zero gate voltage drain current i dss v ds =-30v,v gs =0 -1 a gate leakage current i gss v gs = 20v, v ds =0 10 a input capacitance c iss 2100 pf output capacitance c oss 700 pf reverse transfer capacitance c rss 300 pf turn-on delay time t d(on) 30 ns rise time t r 150 ns turn-off delay time t d(off) 120 ns fall time t f 76 ns total gate charge q g 40 nc gate to source charge q gs 6nc gate to drain charge q gd 10 nc body diode forward voltage v f(s-d) i f =8.0a,v gs =0 0.8 v reverse recovery time trr i f =8.0a,v gs =0v 45 ns reverse recovery charge qrr d i /d t =100a/ s 33 nc v ds =-10v,v gs =0,f=1mhz i d = -8.0a, v dd =-24v,v gs =-10v i d =-4.0a,v gs(on) =-10v,v dd =-15 v,r g =10 draintosourceon-stateresistance KPA1716


▲Up To Search▲   

 
Price & Availability of KPA1716

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X