Part Number Hot Search : 
SMCJ160A H7FT10 1N4001 KBPC8005 LQ5AW B90N6T 2SK2132 20400
Product Description
Full Text Search
 

To Download ISL5929 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tm 1 fn6021.1 ISL5929 dual 14-bit, +3.3v, 130/210+msps, commlink tm high speed d/a converter the ISL5929 is a dual 14-bit, 130/210+msps (mega samples p er second), cmos, high speed, low power, d/a (digital to analog) converter, designed speci cally for use in high performance communication systems such as base transceiver stations utilizing 2.5g or 3g cellular protocols. this device complements the commlink isl5x61 and isl5x29 families of high speed converters, which include 8-, 10-, 12-, and 14-bit devices. pinout ISL5929 (lqfp) t op view features ? speed grades . . . . . . . . . . . . . . . . 130m and 210+msps ?l ow power . . . . . 233mw with 20ma output at 130msps ? adjustable full scale output current . . . . . 2ma to 20ma ? guaranteed gain matching < 0.14db ? +3.3v power supply ? 3v lvcmos compatible inputs ? excellent spurious free dynamic range (75dbc to nyquist, f s = 130msps, f out = 10mhz) ? umts adjacent channel power = 71db at 19.2mhz ? edge/gsm sfdr = 94dbc at 11mhz in 20mhz window ? dual, 3.3v, lower power replacement for ad9767 applications ? cellular infrastructure - single or multi-carrier: is-136, is-95, gsm, edge, cdma2000, wcdma, tds-cdma ?b wa infrastructure ? quadrature transmit with if range 0?80mhz ? medical/test instrumentation and equipment ? wireless communication systems ordering information part number temp. range ( o c) package pkg. no. clock speed ISL5929in -40 to 85 48 ld lqfp q48.7x7a 130mhz ISL5929/2in -40 to 85 48 ld lqfp q48.7x7a 210mhz ISL5929eval1 25 evaluation platform 210mhz 1 2 3 4 5 6 7 8 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 9 10 11 12 13 14 15 16 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 qd6 qd7 qd8 qd9 qd10 qd11 qd12 qd13 (msb) clk dgnd agnd qcomp id7 id6 id5 id4 id3 (lsb) id0 sleep d vdd agnd icomp id2 id1 id8 id9 id10 id11 id12 qd0 (lsb) qd1 qd2 qd3 qd4 qd5 id13(msb) a vdd nc iouta ioutb refio reflo agnd fsadj qoutb qouta nc a vdd data sheet february 2002 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 321-724-7143 | intersil (and design) is a trademark of intersil americas inc. copyright ? intersil americas inc. 2002. all rights reserved commlink? is a trademark of intersil americas inc.
2 t ypical applications circuit +3.3v power source 1 f 50 ? 1.91k ? ferrite 10 h bead r set 1 2 3 4 5 6 7 8 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 9 10 11 12 13 14 15 16 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 av pp id7 qd0 (lsb) id6 id5 id4 id1 id0 (lsb) qd1 qd2 qd8 qd9 qd10 qd11 qd12 qd13 (msb) sleep d vdd a gnd a gnd a gnd dgnd qd3 id10 id11 id12 id13 (msb) fsadj refio reflo 0.1 f 0.1 f icomp av pp 0.1 f av pp a vdd a vdd 0.1 f dv pp 0.1 f qcomp clk + 10 f 1 f ferrite 10 h bead dv pp + 10 f 0.1 f 0.1 f 0.1 f c 1 c 2 c 4 c 3 r 1 c 5 c 6 c 9 c 10 l 1 c 12 c 13 c 11 c 14 l 2 (digital power plane) = +3.3v (analog power plane) = +3.3v id8 id9 qd6 qd7 qd4 qd5 id3 id2 any 50 ? load represents (50 ? ) (50 ? ) 50 ? 50 ? qout iout 1:1 transformer r 2 r 3 ISL5929
3 functional block diagram upper (lsb) qd0 qd1 qd2 qd3 qd4 qd5 qd6 qd9 clk qd7 qd8 5-bit decoder cascode current source switch matrix 40 40 31 msb segments 9 lsbs + qd10 qd11 qd12 (msb) qd13 input latch upper (lsb) id0 id1 id2 id3 id4 id5 id6 id9 id7 id8 5-bit decoder refio cascode current source switch matrix 40 40 31 msb segments 9 lsbs + id10 id11 id12 (msb) id13 input latch reflo fsadj sleep qouta qoutb iouta ioutb qcomp icomp vo ltage reference bias generation int/ext ISL5929
4 pin descriptions pin no. pin name pin description 11, 19, 26 agnd analog ground. 13, 24 a vdd analog supply (+2.7v to +3.6v). 28 clk clock iinput. 27 dgnd connect to digital ground. 10 d vdd digital supply (+2.7v to +3.6v). 20 fsadj full scale current adjust. use a resistor to ground to adjust full scale output current. full scale output current = 32 x v fsadj /r set . 14, 23 nc not internally connected. recommend no connect. 12, 25 icomp, qcomp compensation pin for internal bias generation. each pin should be individually decoupled to agnd with a 0.1 f capacitor. 1-8, 29-48 id13-id0, qd13-qd0 digital data input ports. bit 13 is most signi cant bit (msb) and bit 0 is the least signi cant bit (lsb). 15, 22 iouta, qouta current outputs of the device. full scale output current is achieved when all input bits are set to binary 1. 16, 21 ioutb, qoutb complementary current outputs of the device. full scale output current is achieved on the complementary outputs when all input bits are set to binary 0. 17 refio ref erence voltage input if internal reference is disabled. the internal reference is not intended to drive an e xternal load. use 0.1 f cap to ground when internal reference is enabled. 18 reflo connect to analog ground to enable internal 1.2v reference or connect to av dd to disable internal reference. 9 sleep connect to digital ground or leave oating for normal operation. connect to dv dd for sleep mode. ISL5929
5 absolute maximum ratings thermal information digital supply voltage dv dd to dgnd . . . . . . . . . . . . . . . . . . +3.6v analog supply voltage av dd to agnd . . . . . . . . . . . . . . . . . . +3.6v grounds, agnd to dgnd . . . . . . . . . . . . . . . . . . . . -0.3v to +0.3v digital input voltages (data, clk, sleep). . . . . . . . . dv dd + 0.3v reference input voltage range . . . . . . . . . . . . . . . . . . av dd + 0.3v analog output current (i out ) . . . . . . . . . . . . . . . . . . . . . . . . . 24ma operating conditions t emperature range . . . . . . . . . . . . . . . . . . . . . . . . . . .-40c to 85c thermal resistance (typical, note 1) ja (c/w) lqfp package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 maximum junction temperature . . . . . . . . . . . . . . . . . . . . . . . 150c maximum storage temperature range . . . . . . . . . . . -65c to 150c maximum lead temperature (soldering 10s) . . . . . . . . . . . . . 300c caution: stresses above those listed in ?bsolute maximum ratings may cause permanent damage to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this speci?ation is not implied. note: 1. ja is measured with the component mounted on an evaluation pc board in free air. electrical speci?ations av dd = dv dd = +3.3v, v ref = internal 1.2v, ioutfs = 20ma, t a = 25c for all typical values parameter test conditions t a = -40? to 85? units min typ max system performance resolution 14 - - bits integral linearity error, inl ?best fit? straight line (note 7) -5 2.5 +5 lsb differential linearity error, dnl (note 7) -3 1.5 +3 lsb offset error, i os iouta (note 7) -0.006 +0.006 % fsr offset drift coefficient (note 7) - 0.1 - ppm fsr/c full scale gain error, fse with external reference (notes 2, 7) -3 0.5 +3 % fsr with internal reference (notes 2, 7) -3 0.5 +3 % fsr full scale gain drift with external reference (note 7) - 50 - ppm fsr/c with internal reference (note 7) - 100 - ppm fsr/c crosstalk f clk = 100msps, f out = 10mhz - 83 - db f clk = 100msps, f out = 40mhz - 74 - db gain matching between channels (dc measurement) as a percentage of full scale range -1.6 0.6 +1.6 % fsr in db full scale range -0.14 0.05 +0.14 db fsr full scale output current, i fs 22022 ma output voltage compliance range (note 3) -1.0 - 1.25 v dynamic characteristics maximum clock rate, f clk ISL5929/2in 210 250 - mhz maximum clock rate, f clk ISL5929in 130 150 - mhz output rise time full scale step - 1 - ns output fall time full scale step - 1 - ns output capacitance -5 - pf output noise ioutfs = 20ma - 50 - pa/ hz ioutfs = 2ma - 30 - pa/ hz ISL5929
6 ac characteristics (using figure 13 with r diff = 50 ? and r load = 50 ? , full scale output = -2.5dbm ) spurious free dynamic range, sfdr within a window f clk = 210msps, f out = 80.8mhz, 30mhz span (notes 4, 7) - 73 - dbc f clk = 210msps, f out = 40.4mhz, 30mhz span (notes 4, 7) - 80 - dbc f clk = 130msps, f out = 20.2mhz, 20mhz span (notes 4, 7) - 86 - dbc spurious free dynamic range, sfdr to nyquist (f clk /2) f clk = 210msps, f out = 80.8mhz (notes 4, 7) - 56 - dbc f clk = 210msps, f out = 40.4mhz (notes 4, 7, 9) - 67 - dbc f clk = 200msps, f out = 20.2mhz, t = 25c (notes 4, 7) 62 68 - dbc f clk = 200msps, f out = 20.2mhz, t = -40c to 85c (notes 4, 7) 60 - - dbc f clk = 130msps, f out = 50.5mhz (notes 4, 7) - 59 - dbc f clk = 130msps, f out = 40.4mhz (notes 4, 7) - 63 - dbc f clk = 130msps, f out = 20.2mhz (notes 4, 7) - 70 - dbc f clk = 130msps, f out = 10.1mhz , t = -40c to 85c (notes 4, 7) 70 75 - dbc f clk = 130msps, f out = 5.05mhz, (notes 4, 7) - 79 - dbc f clk = 100msps, f out = 40.4mhz (notes 4, 7) - 61 - dbc f clk = 80msps, f out = 30.3mhz (notes 4, 7) - 64 - dbc f clk = 80msps, f out = 20.2mhz (notes 4, 7) - 71 - dbc f clk = 80msps, f out = 10.1mhz (notes 4, 7, 9) - 75 - dbc f clk = 80msps, f out = 5.05mhz (notes 4, 7) - 78 - dbc f clk = 50msps, f out = 20.2mhz (notes 4, 7) - 68 - dbc f clk = 50msps, f out = 10.1mhz (notes 4, 7) - 75 - dbc f clk = 50msps, f out = 5.05mhz (notes 4, 7) - 79 - dbc spurious free dynamic range, sfdr in a window with eight tones f clk = 210msps, f out = 28.3mhz to 45.2mhz, 2.1mhz spacing, 50mhz span (notes 4, 7, 9) -65 - dbc f clk = 130msps, f out =17.5mhz to 27.9mhz, 1.3mhz spacing, 35mhz span (notes 4, 7) -69 - dbc f clk = 80msps, f out = 10.8mhz to 17.2mhz, 811khz spacing, 15mhz span (notes 4, 7) -76 - dbc f clk = 50msps, f out = 6.7mhz to 10.8mhz, 490khz spacing, 10mhz span (notes 4, 7) -77 - dbc spurious free dynamic range, sfdr in a window with edge or gsm f clk = 78msps, f out = 11mhz, in a 20mhz window, rbw=30khz (notes 4, 7, 9) -94 - dbc adjacent channel power ratio, acpr with umts f clk = 76.8msps, f out = 19.2mhz, rbw=30khz (notes 4, 7, 9) - 71 - db voltage reference internal reference voltage, v fsadj pin 20 voltage with internal reference 1.2 1.23 1.3 v internal reference voltage drift - 40 - ppm/c internal reference output current sink/source capability reference is not intended to drive an external load - 0 - a reference input impedance -1 -m ? reference input multiplying bandwidth (note 7) - 1.0 - mhz digital inputs d13-d0, clk input logic high voltage with 3.3v supply, v ih (note 3) 2.3 3.3 - v electrical speci?ations av dd = dv dd = +3.3v, v ref = internal 1.2v, ioutfs = 20ma, t a = 25c for all typical values (continued) parameter test conditions t a = -40? to 85? units min typ max ISL5929
7 input logic low voltage with 3.3v supply, v il (note 3) - 0 1.0 v sleep input current, i ih -25 - +25 a input logic current, i ih, il -20 - +20 a clock input current, i ih, il -10 - +10 a digital input capacitance, c in -3 - pf timing characteristics data setup time, t su see figure 15 - 1.5 - ns data hold time, t hld see figure 15 - 1.5 - ns propagation delay time, t pd see figure 15 - 1 - clock period clk pulse width, t pw1 , t pw2 see figure 15 (note 3) 2 - - ns power supply characteristics av dd power supply (note 8) 2.7 3.3 3.6 v dv dd power supply (note 8) 2.7 3.3 3.6 v analog supply current (i avdd ) 3.3v, ioutfs = 20ma - 60 62 ma 3.3v, ioutfs = 2ma - 24 - ma digital supply current (i dvdd ) 3.3v (note 5) - 11 15 ma 3.3v (note 6) - 17 21 ma supply current (i avdd ) sleep mode 3.3v, ioutfs = don?t care - 5 - ma power dissipation 3.3v, ioutfs = 20ma (note 5) - 233 255 mw 3.3v, ioutfs = 20ma (note 6) - 253 274 mw 3.3v, ioutfs = 2ma (note 5) - 115 - mw power supply rejection single supply (note 7) -0.125 - +0.125 %fsr/v notes: 2. gain error measured as the error in the ratio between the full scale output current and the current through r set (typically 625 a). ideally the ratio should be 32. 3. parameter guaranteed by design or characterization and not production tested. 4. spectral measurements made with differential transformer coupled output and no external filtering. for multitone testing, the same pattern was used at different clock rates, producing different output frequencies but at the same ratio to the clock rate. 5. measured with the clock at 130msps and the output frequency at 10mhz. 6. measured with the clock at 200msps and the output frequency at 20mhz. 7. see ?definition of specifications.? 8. recommended operation is from 3.0v to 3.6v. operation below 3.0v is possible with some degradation in spectral performance. r eduction in analog output current may be necessary to maintain spectral performance. 9. see typical performance plots. electrical speci?ations av dd = dv dd = +3.3v, v ref = internal 1.2v, ioutfs = 20ma, t a = 25c for all typical values (continued) parameter test conditions t a = -40? to 85? units min typ max ISL5929
8 t ypical performance (+3.3v supply, using figure 13 with r diff = 100 ? and r load = 50 ? ) figure 1. edge at 11mhz, 78msps clock (94+dbc @ ? f = +6mhz) figure 2. edge at 11mhz, 78msps clock (77dbc -nyquist, 6db pad) figure 3. gsm at 11mhz, 78msps clock (94+dbc @ ? f = +6mhz, 3db pad) figure 4. gsm at 11mhz, 78msps clock (79dbc - nyquist, 9db pad) figure 5. four edge carriers at 12.4?5.6mhz, 800khz spacing, 78msps (75+dbc - 20mhz window) figure 6. four gsm carriers at 12.4?5.6mhz, 78msps (75+dbc - 20mhz window, 6db pad) spectral mask for gsm900/dcs1800/pcs1900 p>43dbm normal bts with 30khz rbw spectral mask for gsm900/dcs1800/pcs1900 p>43dbm normal bts with 30khz rbw ISL5929
9 figure 7. umts at 19.2mhz, 76.8msps (71db 1stacpr, 75db 2ndacpr) figure 8. one tone at 10.1mhz, 80msps clock (71dbc - nyquist, 6db pad) figure 9. one tone at 40.4mhz, 210msps clock (61dbc - nyquist, 6db pad) figure 10. eight tones (crest factor=8.9) at 37mhz, 210msps clock, 2.1mhz spacing (65dbc - nyquist) figure 11. two tones (cf=6) at 8.5mhz, 50msps clock, 500khz spacing (83dbc - 10mhz window, 6db pad) figure 12. four tones (cf=8.1) at 14mhz, 80msps clock, 800khz spacing (70dbc - nyquist, 6db pad) t ypical performance (+3.3v supply, using figure 13 with r diff = 100 ? and r load = 50 ? ) (continued) spectral mask umts tdd p>43dbm bts ISL5929
10 de?ition of speci?ations adjacent channel power ratio, acpr, is the ratio of the av erage power in the adjacent frequency channel (or offset) to the average power in the transmitted frequency channel. crosstalk, is the measure of the channel isolation from one da c to the other. it is measured by generating a sinewave in one dac while the other dac is clocked with a static input, and comparing the output power of each dac at the frequency generated. differential linearity error, dnl, is the measure of the step size output deviation from code to code. ideally the step size should be one lsb. a dnl speci cation of one lsb or less guarantees monotonicity. edge, enhanced data for global evolution, a tdma standard for cellular applications which uses 200khz bw, 8-psk modulated carriers. full scale gain drift, is measured by setting the data inputs to be all logic high (all 1s) and measuring the output voltage through a known resistance as the temperature is varied from t min to t max . it is de ned as the maximum deviation from the v alue measured at room temperature to the v alue measured at either t min or t max . the units are ppm of fsr (full scale range) per c. full scale gain error, is the error from an ideal ratio of 32 between the output current and the full scale adjust current (through r set ). gain matching, is a measure of the full scale amplitude match between the i and q channels given the same input pattern. it is typically measured with all 1s at the input to both channels, and the full scale output voltage developed into matching loads is compared for the i and q outputs. gsm, global system for mobile communication, a tdma standard for cellular applications which uses 200khz bw, gmsk modulated carriers. integral linearity error, inl, is the measure of the worst case point that deviates from a best t straight line of data v alues along the transfer curve. internal reference voltage drift, is de ned as the maximum deviation from the v alue measured at room temperature to the v alue measured at either t min or t max . the units are ppm per c. offset drift, is measured by setting the data inputs to all logic low (all 0s) and measuring the output voltage at iouta through a known resistance as the temperature is varied from t min to t max . it is de ned as the maximum deviation from the v alue measured at room temperature to the v alue measured at either t min or t max . the units are ppm of fsr (full scale range) per degree c. offset error, is measured by setting the data inputs to all logic low (all 0s) and measuring the output voltage of iouta through a known resistance. offset error is de ned as the maximum deviation of the iouta output current from a value of 0ma. output voltage compliance range, is the voltage limit imposed on the output. the output impedance should be chosen such that the voltage developed does not violate the compliance range. po wer supply rejection, is measured using a single power supply. the nominal supply voltage is varied 10% and the change in the dac full scale output is noted. reference input multiplying bandwidth, is de ned as the 3db bandwidth of the voltage reference input. it is measured by using a sinusoidal waveform as the external reference with the digital inputs set to all 1s. the frequency is increased until the amplitude of the output waveform is 0.707 (-3db) of its original value. spurious free dynamic range, sfdr , is the amplitude difference from the fundamental signal to the largest harmonically or non-harmonically related spur within the speci ed frequency window. t otal harmonic distortion, thd, is the ratio of the rms v alue of the fundamental output signal to the rms sum of the rst ve harmonic components. umts, universal mobile telecommunications system, a w -cdma standard for cellular applications which uses 3.84mhz modulated carriers. detailed description the ISL5929 is a dual 14-bit, current out, cmos, digital to analog converter. the core of each dac is based on the isl5961. the maximum update rate is at least 210+msps and can be powered by a single power supply in the recommended range of +3.0v to +3.6v. operation with clock r ates higher than 210msps is possible; please contact the f actory for more information. it consumes less than 125mw of power per channel when using a +3.3v supply, the maximum 20ma of output current, and the data switching at 210msps. the architecture is based on a segmented current source arrangement that reduces glitch by reducing the amount of current switching at any one time. in previous architectures that contained all binary weighted current sources or a binary weighted resistor ladder, the converter might have a substantially larger amount of current turning on and off at certain, worst-case transition points such as midscale and quarter scale transitions. by greatly reducing the amount of current switching at these major transitions, the overall glitch of the converter is dramatically reduced, improving settling time, transient problems, and accuracy. digital inputs and termination the ISL5929 digital inputs are formatted as offset binary and guaranteed to 3v lvcmos levels. the internal register is updated on the rising edge of the clock. to minimize ISL5929
11 re ections, proper termination should be implemented. if the lines driving the clock and the digital inputs are long 50 ? lines, then 50 ? termination resistors should be placed as close to the converter inputs as possible connected to the digital ground plane (if separate grounds are used). these termination resistors are not likely needed as long as the digital waveform source is within a few inches of the dac. f or pattern drivers with very high speed edge rates, it is recommended that the user consider series termination (50- 200 ? ) prior to the dac?s inputs in order to reduce the amount of noise. po wer supply separate digital and analog power supplies are recommended. the allowable supply range is +2.7v to +3.6v. the recommended supply range is +3.0 to 3.6v (nominally +3.3v) to maintain optimum sfdr. however, operation down to +2.7v is possible with some degradation in sfdr. reducing the analog output current can help the sfdr at +2.7v. the sfdr values stated in the table of speci cations were obtained with a +3.3v supply. ground planes separate digital and analog ground planes should be used. all of the digital functions of the device and their corresponding components should be located over the digital ground plane and terminated to the digital ground plane. the same is true for the analog components and the analog ground plane. noise reduction to minimize power supply noise, 0.1 f capacitors should be placed as close as possible to the converter?s power supply pins, av dd and dv dd . also, the layout should be designed using separate digital and analog ground planes and these capacitors should be terminated to the digital ground for dv dd and to the analog ground for av dd . additional ltering of the power supplies on the board is recommended. v oltage reference the internal voltage reference of the device has a nominal v alue of +1.23v with a 40ppm/c drift coef cient over the full temperature range of the converter. it is recommended that a 0.1 f capacitor be placed as close as possible to the refio pin, connected to the analog ground. the reflo pin selects the reference. the internal reference can be selected if reflo is tied low (ground). if an external reference is desired, then reflo should be tied high (the analog supply v oltage) and the external reference driven into refio. the full scale output current of the converter is a function of the v oltage reference used and the value of r set . i out should be within the 2ma to 22ma range, though operation below 2ma is possible, with performance degradation. if the internal reference is used, v fsadj will equal approximately 1.2v. if an external reference is used, v fsadj will equal the external reference. the calculation for i out (full scale) is: i out (full scale) = (v fsadj /r set) x 32. if the full scale output current is set to 20ma by using the internal voltage reference (1.23v) and a 1.91k ? r set resistor, then the input coding to output current will resemble the following: analog output iouta and ioutb are complementary current outputs. the sum of the two currents is always equal to the full scale output current minus one lsb. if single ended use is desired, a load resistor can be used to convert the output current to a voltage. it is recommended that the unused output be either grounded or equally terminated. the voltage developed at the output must not violate the output voltage compliance range of -1.0v to 1.25v. r out (the impedance loading each current output) should be chosen so that the desired output voltage is produced in conjunction with the output full scale current. if a known line impedance is to be driven, then the output load resistor should be chosen to match this impedance. the output voltage equation is: v out = i out x r out . the most effective method for reducing the power consumption is to reduce the analog output current, which dominates the supply current. the maximum recommended output current is 20ma. differential output iouta and ioutb can be used in a differential-to-single- ended arrangement to achieve better harmonic rejection. with r diff = 50 ? and r load =50 ? , the circuit in figure 13 will provide a 500mv (-2.5dbm) signal at the output of the transformer if the full scale output current of the dac is set to 20ma (used for the electrical speci cations table). values of r diff = 100 ? and r load =50 ? were used for the typical performance curves to increase the output power and the dynamic range. the center tap in figure 13 must be g rounded. in the circuit in figure 14, the user is left with the option to g round or oat the center tap. the dc voltage that will exist at either iouta or ioutb if the center tap is oating is iout dc x (r a //r b ) v because r diff is dc shorted by the transformer. if the center tap is grounded, the dc voltage is 0v. recommended values for the circuit in figure 14 are t able 1. input coding vs output current with internal reference (1.23v typ) and rset=1.91k ? input code (d13-d0) iouta (ma) ioutb (ma) 11 1111 1111 1111 20.6 0 10 0000 0000 0000 10.3 10.3 00 0000 0000 0000 0 20.6 ISL5929
12 r a =r b =50 ? , r diff =100 ? , assuming r load =50 ? . the performance of figure 13 and figure 14 is basically the same, however leaving the center tap of figure 14 oating allows the circuit to nd a more balanced virtual ground, theoretically improving the even order harmonic rejection, b ut likely reducing the signal swing available due to the output voltage compliance range limitations. propagation delay the converter requires two clock rising edges for data to be represented at the output. each rising edge of the clock captures the present data word and outputs the previous data. the propagation delay is therefore 1/clk, plus <2ns of processing. see figure 15. t est service intersil offers customer-speci c testing of commlink converters with a service called testdrive. to submit a request, ll out the testdrive form at www.intersil.com/testdrive. or, send a request to the technical support center. r diff ISL5929 r load figure 13. output loading for datasheet measurements outa outb v out = (2 x outa x r eq )v l o ad seen by the transformer r load represents the 1:1 r eq = 0.5 x (r load // r diff ) at each output figure 14. alternative output loading ISL5929 outa outb v out = (2 x outa x r eq )v r eq = 0.5 x (r load // r diff // r a ), where r a =r b at each output r load r diff r a r b load seen by the transformer r load represents the timing diagram figure 15. propagation delay, setup time, hold time and minimum pulse width diagram clk i out 50% t pw1 t pw2 t su t hld t su t su t pd t hld t hld d13-d0 w 0 w 1 w 2 w 3 output=w 0 output=w 1 t pd output=w -1 ISL5929
3-13 all intersil u.s. products are manufactured, assembled and tested utilizing iso9000 quality systems. intersil corporation?s quality certi cations can be viewed at www.intersil.com/design/quality intersil products are sold by description only. intersil corporation reserves the right to make changes in circuit design, soft w are and/or speci?ations at any time without notice. accordingly, the reader is cautioned to verify that data sheets are current before placing orders. information furnishe d by intersil is believed to be accurate and reliable. however, no responsibility is assumed by intersil or its subsidiaries for its use; nor for any infringements of paten ts or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiari es. f or information regarding intersil corporation and its products, see www.intersil.com sales of?e headquarters north america intersil corporation 7585 irvine center drive suite 100 irvine, ca 92618 tel: (949) 341-7000 fax: (949) 341-7123 intersil corporation 2401 palm bay rd. palm bay, fl 32905 tel: (321) 724-7000 fax: (321) 724-7946 europe intersil europe sarl ave. william graisse, 3 1006 lausanne switzerland tel: +41 21 6140560 fax: +41 21 6140579 asia intersil corporation unit 1804 18/f guangdong water building 83 austin road tst, kowloon hong kong tel: +852 2723 6339 fax: +852 2730 1433 ISL5929 thin plastic quad flatpack packages (lqfp) d d1 e e1 -a- pin 1 a2 a1 a 11 o -13 o 11 o -13 o 0 o -7 o 0.020 0.008 min l 0 o min plane b 0.004/0.008 0.09/0.20 with plating b ase metal seating 0.004/0.006 0.09/0.16 b1 -b- e 0.003 0.08 a-b s d s c m 0.08 0.003 -c- -d- -h- 0.25 0.010 gage plane q48.7x7a (jedec ms-026bbc issue b) 48 lead thin plastic quad flatpack package symbol inches millimeters notes min max min max a- 0.062 - 1.60 - a1 0.002 0.005 0.05 0.15 - a2 0.054 0.057 1.35 1.45 - b 0.007 0.010 0.17 0.27 6 b1 0.007 0.009 0.17 0.23 - d 0.350 0.358 8.90 9.10 3 d1 0.272 0.280 6.90 7.10 4, 5 e 0.350 0.358 8.90 9.10 3 e1 0.272 0.280 6.90 7.10 4, 5 l 0.018 0.029 0.45 0.75 - n48 487 e 0.020 bsc 0.50 bsc - rev. 2 1/99 notes: 1. controlling dimension: millimeter. converted inch dimensions are not necessarily exact. 2. all dimensions and tolerances per ansi y14.5m-1982. 3. dimensions d and e to be determined at seating plane . 4. dimensions d1 and e1 to be determined at datum plane . 5. dimensions d1 and e1 do not include mold protrusion. allowable protrusion is 0.25mm (0.010 inch) per side. 6. dimension b does not include dambar protrusion. allowable dambar protrusion shall not cause the lead width to exceed the maximum b dimension by more than 0.08mm (0.003 inch). 7. ?n? is the number of terminal positions. -c- -h-


▲Up To Search▲   

 
Price & Availability of ISL5929

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X