Part Number Hot Search : 
5E10D5K ON2501 T114031 DS1040 MIC83301 5608B 070F0T SN74LS47
Product Description
Full Text Search
 

To Download IFO2225-830-FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 427 i/o cover 1. brightness adjust buttons 2. volume adjust buttons 3. power switch 4. dc-in power connector 5. com 1 (rs-232/422/485) 6. com 2 (rs-232) 7. vga 8. etherenet 9. usb 2.0 x 2 10. audio (line-out) 11. usb 2.0 x2 12. com 3 (rs-232) 13. com 4 (rs-232) camera IFO2225-830-FL 22" tft fanless touch panel computer with intel ? atom ? processor n270 22" (300 nits) wsxga+ tft lcd intel ? atom? processor n270 1.6 ghz water/dust-proof design (front bezel: ip65, full enclosure: ipx1) fanless and noiseless operation optional 1.3 mega pixels camera optional bluetooth/internal wifi (802.11 b/g) introduction specifcations the IFO2225-830-FL is a slim panel computer equipped with a 22-inch 300 nits wsxga+ lcd display that supports an superior intel ? atom? processor n270. powered by an intel 945gse+ich7m core logic chipset with maximum 256mb sharing graphics memory, this panel computer has enhanced graphics performance. the panel also supports dualview and multiple i/o options including 4 usb 2.0 and 4 rs-232 ports. the ifo2225-830- fl supports an antenna for 802.11b/g wireless connection. the gigabit ethernet ports provide an extremely high speed of ethernet connectivity. it features low noise, low power consumption, high reliability and high performance. its excellent industrial design (id) and user friendly interface design makes the IFO2225-830-FL a safe, reliable & user- friendly panel computer. best suited for infotainment, media content display and dsa solutions. water/dust-proof design for entire system: ipx1 the ipx1-rated water/dust-proof housing protects the entire system from outside damage of water drip in a public place. its unique design improves system stability and saves maintenance/re-installation time. front bezel plastic abs (black) lcd panel display type 22" wsxga+ tft brightness (cd/m 2 ) 300 nits resolution 1680 x 1050 viewing angle (h/v) 178/178 main system cpu intel ? atom? processor n270 1.6 ghz chipset intel ? 945gse + ich7m system memory 1 x ddr2 so-dimm max. up to 2 gb bios ami bios with smartview and customer cmos backup storage supports 1 x 2.5" sata hdd 1 x compactflash? optical drive 1 x super multi drive (optional) watchdog timer 255 levels, 1~255 sec. onboard graphics integrated in intel ? 945gse; max. memory shared 256 mb features 1 2 3 10 fanless low p o we r dualv iew rear view 4 5 6 7 8 9 11 12 13
428 * all specifcations and photos are subject to change without notice. axiomtek.com overview industrial panel computers & monitors heavy-duty fanless touch panel computers digital signage solutions healthcare & medical solutions open frame panel computers accessories ? 2013 axiomtek co., ltd. all rights reserved. i/o connectors 3 x rs-232 (com 2/3/4) 1 x rs-232/422/485 (com 1) 4 x usb 2.0 1 x audio (line-out) 1 x vga 1 x 10/100/1000mbps ethernet expansion interface 1 x mini card slot camera 1 x 1.3 mega pixels camera touchscreen resistive type power supply 24vdc with ac-dc power adaptor dimensions 573.5 mm (22.58") (w) x 68.5 mm (2.69") (d) x 399 mm (15.71") (h) packing dimensions 730 mm (28.74") (w) x 240 mm (9.45") (d) x 650 mm (25.59") (h) weight (net/gross) 8.22 kg (18.12 lb)/9.87 kg (21.76 lb) environment operating temperature: 0 ~ +40c (32f ~ 104f) storage temperature:-20c ~ +60c (-4f ~ +140f) relative humidity: 10% ~ 95%, non-condensing certifcation ce ordering information specifcations optional accessories optional os installation optional eos installation dimensions IFO2225-830-FL-ac -dvdrw 22" wsxga tft high brightness fanless panel computer with intel ? atom? n270, resistive t/s, super multi drive and camera IFO2225-830-FL-ac 22" wsxga tft high brightness fanless panel computer with intel ? atom? n270, resistive t/s (w/o super multi drive and camera) * specifcation and certifcations are based on options and may vary. * super multi drive includes dvd-r, dvd-rw and dvd-ram. e202003330 vm-101 vesa arm (clamp type) e202003329 vm-105 vesa arm (wall mount type) e222175103 22" stand kit windows ? xp windows ? 7 windows ? xp embedded


▲Up To Search▲   

 
Price & Availability of IFO2225-830-FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X