Part Number Hot Search : 
TOP234 74HCT5 68HC908 CD4094 B7638 HS200 LC503 E2010S
Product Description
Full Text Search
 

To Download HT82M23B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ht82m23a/HT82M23B/ht82m23c 3/5-key usb+ps/2 optical mouse controller selection table part no. interface mode usb product id package ht82m23a usb and ps/2 windows 2000 048eh 20dip/sop HT82M23B usb and ps/2 3d 0499h 18dip/sop ht82m23c usb only 3d 0499h 18dip/sop rev. 1.10 1 january 22, 2007 features  operating voltage: 4.4v~5.25v  compatible with microsoft windows 2000 and 5-button wheel mouse  microsoft 3d intelli mouse and ibm ps/2 mouse compatible  supports 3/5 buttons and z-axis input  z-axis can support two kinds of scroller input (optomechanical and mechanical)  3 key or 5 key mode can be selected by package  complete universal serial bus specs v2.0 compatibility  serial bus interface engine (sie)  usb transceiver  single chip solution especially for usb mouse function  halt function and wake-up feature reduce power consumption  plug and play functions  minimal external components  6mhz crystal oscillator for system clock  interface compliant with adns-2051, adns-2610 and adns-2620  pass whql, usb-if and emc testing  ht82m23a is pin compatible with ht82m22a  HT82M23B/ht82m23c is pin compatible with ht82m21a  ht82m23a: 20-pin dip/sop package HT82M23B/ht82m23c: 18-pin dip/sop package general description ht82m23a/HT82M23B/ht82m23c is a plug and play windows 2000 and 5-button 3d usb+ps/2 mouse con - troller. the ht82m23a/HT82M23B/ht82m23c can support the usb standard request as well as hid class request version 1.1. it is compatible with microsoft intelli 3d or windows 2000 5 key ps/2 mouse. the z-axis can support two kinds of scroller input, namely; mechanical and optomechanical. it requires minimal external com- ponents to implement 3d or windows 2000 5 key usb plus ps/2 mouse. all its features combined and make up this versatile holtek 8-bit mcu with an on-chip usb interface logic. the usb is specified by the universal serial bus specification v2.0. the usb vendor id for ht82m23a/HT82M23B/ ht82m23c is defined as 04d9h, the usb product id is different by different package
block diagram pin assignment ht82m23a/HT82M23B/ht82m23c rev. 1.10 2 january 22, 2007            
                   
       
  
                           
                                                                                     
                
                   
    
  
                   ! " # $ "      " ! " # $ "         % # & & "   ' ( &  ) "  " ) * (  & ' 
( ' ! + , "  "   & '  
      " ) # & "   " &   #   &  & " - %  ! . #  "  * / "  # ' 
'  &  ' (    -  "  #  (   & "  0  ! " -   ) #  " 1    2   3
'  &  ' ( ' ) # ! 4 ' ( & " +  5 6 # &  # !  ' ! '  &  ' ( ( "  7  7                   
  
      
pin description pin name i/o description vss  negative power supply, ground v33o o 3.3v voltage output usbd+/clk i/o usb data plus or ps2 clock, f/w auto-detect usbd+ for usb, clk for ps2 usbd  data i/o usb data minus or ps2 data, f/w auto-detect usb  for usb, data for ps2 reset i chip reset input, low active sel1 sel0 i configuration selections sel1=0: z-axis is divided by 2 (default) sel1=1: z-axis is divided by 4 for adns 2051: sel0=0: 800dpi (default) sel0=1: 400dpi for adns 2610/2620: sel0=0, 400dpi (default) sel0=1, 800dpi-by firmware sdio i/o serial data for agilent sensor ic sdio sclk i serial data for agilent sensor ic sclk rb0, rb1 l, r, m i click button detection. input ports with 30k  pull-high resistor. input ports with pull-high resistor. these pads can function as left, right, middle, b4 and b5 button input lines. z1, z2 i z-axis input supports two kinds of scroller input; optomechanical and mechanical. led i/o drives led output vdd  5v positive power supply osc2 o 6mhz osc output osc1 i 6mhz osc input absolute maximum ratings supply voltage ..............................v ss  0.3v to v ss +6v storage temperature ............................  50  cto125  c mcu input voltage.....................v ss  0.3v to v dd +0.3v operating temperature...........................  25  cto70  c usb input voltage ....................v ss  0.3v to v 33o +0.3v note: these are stress ratings only. stresses exceeding the range specified under  absolute maximum ratings  may cause substantial damage to the device. functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil - ity. ht82m23a/HT82M23B/ht82m23c rev. 1.10 3 january 22, 2007
d.c. characteristics ta=25  c symbol parameter test conditions min. typ. max. unit v dd conditions v dd operating voltage  4.4  5.25 v i dd operating current (crystal osc) 5v no load, f sys =6mhz usb mode  10  ma ps/2 mode  3  ma i sus usb suspend mode 5v no load, system halt  250  a v il1 input low voltage (z1, z2, l, m, r) 5v  0  1.0 v v ih1 input high voltage (z1, z2, l, m, r) 5v  3.5  5v v il2 input low voltage (reset )5v  0  1.5 v v ih2 input high voltage (reset )5v  3.5  5v v por built-in power on reset v dd detection voltage 5v  3.7  v i ol sink current (led) 5v v ol =0.8v  50  ma a.c. characteristics ta=25  c symbol parameter test conditions min. typ. max. unit v dd conditions f sys system clock (crystal osc) 5v  0 6000  khz note: t sys =1/f sys timing diagram z-axis photo-coupler crossed width z-axis counting ht82m23a/HT82M23B/ht82m23c rev. 1.10 4 january 22, 2007     &  & 0 & 8 9 ' & " : 7 '  -  5  ; # - - &  < - & 8 < - & 0 - = -  %         5  5 
ht82m23a/HT82M23B/ht82m23c rev. 1.00 5 january 12, 2006 functional description ps/2 mouse  ps/2 status byte byte 1 bit 7: reserved bit 6: 0=stream mode, 1=remote mode bit 5: 0=disabled, 1=enabled bit 4: 0=scaling 1:1, 1=scaling 2:1 bit 3: 1=wrap mode, 0=stream or remote (different from ibm specs.) bit 2: 1=left button pressed bit 1: 1=middle button pressed bit 0: 1=right button pressed byte 2 bit 0~7 current resolution setting (bit 0=lsb) byte 3 bit 0~7 current sampling rate (bit 0=lsb)  standard ps/2 data format (ht82m23a/HT82M23B) bitno.76543210 1st word yv xv ys xs 1 m r l 2nd word x7 x6 x5 x4 x3 x2 x1 x0 3rd word y7 y6 y5 y4 y3 y2 y1 y0  data format for 3d ps/2 (ht82m23a/HT82M23B) bitno.76543210 1st word yv xv ys xs 1 m r l 2nd word x7 x6 x5 x4 x3 x2 x1 x0 3rd word y7 y6 y5 y4 y3 y2 y1 y0 4th word z7 z6 z5 z4 z3 z2 z1 z0 note: the x/y data report is 9-bit 2
s complement the z data report is 8-bit 2
s complement  data format for 5-button wheel mouse (ht82m23a) bitno.76543210 1st word 0 0 ys xs 1 m r l 2nd word x7 x6 x5 x4 x3 x2 x1 x0 3rd word y7 y6 y5 y4 y3 y2 y1 y0 4th word 0 0 rb1 rb0 z3 z2 z1 z0 note: x- movement towards the right is positive, mov - ing towards the left is negative y- upward movement is positive, moving down is negative z- rolling towards the user is positive, else negative button status: 1=pressed, 0=released  for ht82m23a/HT82M23B, mouse mode changes between standard and 3d ps/2 mode. sending the commands in the following sequence will set the mouse to 3d ps/2 mode. command response from mouse f3h fah c8h fah f3h fah 64h fah f3h fah 50h fah f2h fah, 03h  for ht82m23a, mouse mode changes between standard and windows 2000 ps/2 mode. sending the commands in the following sequence will set the mouse to windows 2000 ps/2 mode. command response from mouse f3h fah c8h fah f3h fah c8h fah f3h fah 50h fah f2h fah, 04h any time the pc sends a reset  ffh  command to the mouse, it will reset the mouse to standard ps/2 mode. after power-on reset is initiated, the mouse is set to standard ps/2 mode.  usb mouse data format for 3d mod (ht82m23a/HT82M23B/ht82m23c) bitno.76543210 1st word 00000mrl 2nd word x7 x6 x5 x4 x3 x2 x1 x0 3rd word y7 y6 y5 y4 y3 y2 y1 y0 4th word z7 z6 z5 z4 z3 z2 z1 z0  data format for windows 2000 mode (ht82m23a) bitno.76543210 1st word 0 0 0 rb1 rb1 m r l 2nd word x7 x6 x5 x4 x3 x2 x1 x0 3rd word y7 y6 y5 y4 y3 y2 y1 y0 4th word z7 z6 z5 z4 z3 z2 z1 z0 note: x- movement towards the right is positive, mov - ing towards the left is negative y- upward movement is negative, moving down is positive z- rolling towards the user is negative, else positive button status: 1=pressed, 0=released
application circuits ht82m23a application circuit is for reference only note: layout 0.1  f capacitor, 33  resistor and 0.01  f capacitor as close to vdd pin as possible. ht82m23a/HT82M23B/ht82m23c rev. 1.00 6 january 12, 2006                            
                   
      5         +   
  
                                               / 7   / 7  >  +         >   7   4 ?      / 7   / 7  >   7    +   >    7    7        >   7   +   +  
  7   7  @ a b   8      
, 9  , 9   b   9  
b  9  
b    @  @ a  a      +    >     4 ?                       >   7  >   7 
      >   7  +      
 c   c        
9 ' & " :  c  d ' / "  : -     8  - 1 3 " 0  * ( & 2  c  d ! ( ' " : -     8   c  d ' / "  : -   - 1 3 " 0  * ( & 2  c  d ! ( ' " : -    c  d ' / "  : -   8 -
' % 6 '  c  d ! ( ' " : -    - '  ( e   +     c   >  +                9 ' & " :       4 ?    >   7 
      >   7      
, 9   
b  9  
b      7 @ a b       
            +   +                             
                   
      5         +   
  
                                               / 7   / 7  >  +         >   7   4 ?      / 7   / 7  >   7    +   >    7    7        >   7   +   +  
 +      
 c   c    +   c   >  +                 c  d ' / "  : -     8  - 1 3 " 0  * ( & 2  c  d ! ( ' " : -     8   c  d ' / "  : -   - 1 3 " 0  * ( & 2  c  d ! ( ' " : -    c  d ' / "  : -   8 -
' % 6 '  c  d ! ( ' " : -    - '  ( e
HT82M23B/ht82m23c application circuit is for reference only note: layout 0.1  f capacitor, 33  resistor and 0.01  f capacitor as close to vdd pin as possible. ht82m23a/HT82M23B/ht82m23c rev. 1.10 7 january 22, 2007                              
                   
      5         +   
  
                                             / 7   / 7  >  +         >   7   4 ?      / 7   / 7  >   7    +   >    7    7        >   7   +   +  
  7   7  @ a b   8      
, 9  , 9   b   9  
b  9  
b    @  @ a  a      +    >     4 ?                       >   7  >   7 
      >   7  +      
 c   c        
9 ' & " :  c  d ' / "  : -     8  - 1 3 " 0  * ( & 2  c  d ! ( ' " : -     8   c  d ' / "  : -   - 1 3 " 0  * ( & 2  c  d ! ( ' " : -     +    9 ' & " :       4 ?    >   7 
      >   7      
, 9   
b  9  
b      7 @ a b       
            +   +   c  d ' / "  : -     8  - 1 3 " 0  * ( & 2  c  d ! ( ' " : -     8  5 6 e - 0 #  % f   "  c  d ' / "  : -   - 1 3 " 0  * ( & 2  c  d ! ( ' " : -                                
                   
      5         +   
  
                                             / 7   / 7  >  +         >   7   4 ?      / 7   / 7  >   7    +   >    7    7        >   7   +   +  
 +      
 c   c    + 
package information 18-pin dip (300mil) outline dimensions symbol dimensions in mil min. nom. max. a 895  915 b 240  260 c 125  135 d 125  145 e16  20 f50  70 g  100  h 295  315 i 335  375 0  15  ht82m23a/HT82M23B/ht82m23c rev. 1.10 8 january 22, 2007        
  7 , 4 
18-pin sop (300mil) outline dimensions symbol dimensions in mil min. nom. max. a 394  419 b 290  300 c14  20 c
447  460 d92  104 e  50  f4  g32  38 h4  12 0  10  ht82m23a/HT82M23B/ht82m23c rev. 1.10 9 january 22, 2007       
  7 , 4 
g
20-pin dip (300mil) outline dimensions symbol dimensions in mil min. nom. max. a 1020  1045 b 240  260 c 125  135 d 125  145 e16  20 f50  70 g  100  h 295  315 i 335  375 0  15  ht82m23a/HT82M23B/ht82m23c rev. 1.10 10 january 22, 2007         
  7 , 4 
20-pin sop (300mil) outline dimensions symbol dimensions in mil min. nom. max. a 394  419 b 290  300 c14  20 c
490  510 d92  104 e  50  f4  g32  38 h4  12 0  10  ht82m23a/HT82M23B/ht82m23c rev. 1.10 11 january 22, 2007        
  7
g , 4 
product tape and reel specifications reel dimensions sop 18w symbol description dimensions in mm a reel outer diameter 330 1.0 b reel inner diameter 62 1.5 c spindle hole diameter 13.0+0.5  0.2 d key slit width 2.0 0.5 t1 space between flange 24.8+0.3  0.2 t2 reel thickness 30.2 0.2 sop 20w symbol description dimensions in mm a reel outer diameter 330 1.0 b reel inner diameter 62 1.5 c spindle hole diameter 13.0+0.5  0.2 d key slit width 2.0 0.5 t1 space between flange 24.8+0.3  0.2 t2 reel thickness 30.2 0.2 ht82m23a/HT82M23B/ht82m23c rev. 1.10 12 january 22, 2007
     
carrier tape dimensions sop 18w symbol description dimensions in mm w carrier tape width 24.0+0.3  0.1 p cavity pitch 16.0 0.1 e perforation position 1.75 0.1 f cavity to perforation (width direction) 11.5 0.1 d perforation diameter 1.5 0.1 d1 cavity hole diameter 1.5+0.25 p0 perforation pitch 4.0 0.1 p1 cavity to perforation (length direction) 2.0 0.1 a0 cavity length 10.9 0.1 b0 cavity width 12.0 0.1 k0 cavity depth 2.8 0.1 t carrier tape thickness 0.3 0.05 c cover tape width 21.3 sop 20w symbol description dimensions in mm w carrier tape width 24.0+0.3  0.1 p cavity pitch 12.0 0.1 e perforation position 1.75 0.1 f cavity to perforation (width direction) 11.5 0.1 d perforation diameter 1.5+0.1 d1 cavity hole diameter 1.5+0.25 p0 perforation pitch 4.0 0.1 p1 cavity to perforation (length direction) 2.0 0.1 a0 cavity length 10.8 0.1 b0 cavity width 13.3 0.1 k0 cavity depth 3.2 0.1 t carrier tape thickness 0.3 0.05 c cover tape width 21.3 ht82m23a/HT82M23B/ht82m23c rev. 1.10 13 january 22, 2007 8   c 8  8    7 &    

ht82m23a/HT82M23B/ht82m23c rev. 1.10 14 january 22, 2007 holtek semiconductor inc. (headquarters) no.3, creation rd. ii, science park, hsinchu, taiwan tel: 886-3-563-1999 fax: 886-3-563-1189 http://www.holtek.com.tw holtek semiconductor inc. (taipei sales office) 4f-2, no. 3-2, yuanqu st., nankang software park, taipei 115, taiwan tel: 886-2-2655-7070 fax: 886-2-2655-7373 fax: 886-2-2655-7383 (international sales hotline) holtek semiconductor inc. (shanghai sales office) 7th floor, building 2, no.889, yi shan rd., shanghai, china 200233 tel: 86-21-6485-5560 fax: 86-21-6485-0313 http://www.holtek.com.cn holtek semiconductor inc. (shenzhen sales office) 5/f, unit a, productivity building, cross of science m 3rd road and gaoxin m 2nd road, science park, nanshan district, shenzhen, china 518057 tel: 86-755-8616-9908, 86-755-8616-9308 fax: 86-755-8616-9722 holtek semiconductor inc. (beijing sales office) suite 1721, jinyu tower, a129 west xuan wu men street, xicheng district, beijing, china 100031 tel: 86-10-6641-0030, 86-10-6641-7751, 86-10-6641-7752 fax: 86-10-6641-0125 holtek semiconductor inc. (chengdu sales office) 709, building 3, champagne plaza, no.97 dongda street, chengdu, sichuan, china 610016 tel: 86-28-6653-6590 fax: 86-28-6653-6591 holtek semiconductor (usa), inc. (north america sales office) 46729 fremont blvd., fremont, ca 94538 tel: 1-510-252-9880 fax: 1-510-252-9885 http://www.holtek.com copyright  2007 by holtek semiconductor inc. the information appearing in this data sheet is believed to be accurate at the time of publication. however, holtek as - sumes no responsibility arising from the use of the specifications described. the applications mentioned herein are used solely for the purpose of illustration and holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. holtek  s products are not authorized for use as critical components in life support devices or systems. holtek reserves the right to alter its products without prior notification. for the most up-to-date information, please visit our web site at http://www.holtek.com.tw.


▲Up To Search▲   

 
Price & Availability of HT82M23B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X