Part Number Hot Search : 
QVE11233 12S15 AS7C3 5335H5 85EPF04J 01209 ULN2803 31M10
Product Description
Full Text Search
 

To Download HC49US-JH0F18-20000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 lead metal package quartz crystal, 4.7 mm x 11 mm hc49us series ilsi america phone: 775-851-8880 ? fax: 775-851-8882? e-mail: e-mail@ilsiamerica.com ? www.ilsiamerica.com 06/09_a specifications subject to change without noti ce page 1 0.43 0.03 4.7 max. 11.1 max. 4.88 0.2 12 min. h max. hc49us, h max. = 3.5 hc49us2, h max. = 2.5 hc49us3, h max. = 2.0 dimension units: mm product features: applications: low cost package fibre channel rohs compliant server & storage compatible with leadfree processing sonet /sdh 802.11 / wifi t1/e1, t3/e3 * not available at all frequencies. ** not available for all temperature ranges. frequency 3.2 mhz to 100.000 mhz esr (equivalent series resistance) 3.2 mhz ? 3.49 mhz 3.5 mhz ? 3.99 mhz 4.0 mhz ? 4.99 mhz 5.0 mhz ? 5.99 mhz 6.0 mhz ? 6.99 mhz 7.0 mhz ? 8.9 mhz 9.0 mhz ? 12.9 mhz 13 mhz ? 19.9 mhz 20 mhz ? 36 mhz 27 mhz ? 100 mhz (3 rd o.t.) 300 ? max. 200 ? max. 150 ? max. 120 ? max. 100 ? max. 80 ? max. 60 ? max. 40 ? max. 30 ? max. 100 ? max. shunt capacitance (c0) 7 pf max. frequency tolerance @ 25 c 30 ppm standard (see part number guide for more options) frequency stability over temperature 50 ppm standard (see part number guide for more options) crystal cut at cut standard load capacitance 18 pf standard (see part number guide for more options) drive level 1 mw max. aging 5 ppm max. / year standard temperature operating 0 c to +70 c standard (see part number guide for more options) storage -40 c to +85 c standard part number guide sample part number: hc49us - fb1f18 - 20.000 package tolerance (ppm) at room temperature stability (ppm) over operating temperature operating temperature range mode (overtone) load capacitance (pf) frequency hc49us - (3.5 mm h) hc49us2 - (2.5 mm h) hc49us3 - (2.0 mm h) b = 50 ppm b = 50 ppm 0 = 0c to +50c f = fundamental 18 pf standard or specify - 20.000 mhz f = 30 ppm f = 30 ppm 1 = 0c to +70c 3 = 3 rd overtone g = 25 ppm g = 25 ppm 2 = -10c to +60c h = 20 ppm h = 20 ppm 3 = -20c to +70c i = 15 ppm i = 15 ppm** 5 = -40c to +85c j = 10 ppm* j = 10 ppm** 9 = -10c to +50c
2 lead metal package quartz crystal, 4.7 mm x 11 mm hc49us series ilsi america phone: 775-851-8880 ? fax: 775-851-8882? e-mail: e-mail@ilsiamerica.com ? www.ilsiamerica.com 06/09_a specifications subject to change without noti ce page 2 pb free solder reflow profile: typical circuit: *units are backward compatible with 240c reflow processes package information: msl = 1 termination = e1 (sn / cu / ag over ni over kovar base metal). environmental specifications thermal shock mil-std-883, method 1011, condition a moisture resistance mil-std-883, method 1004 mechanical shock mil-std-883, method 2002, condition b mechanical vibration mil-std-883, method 2007, condition a resistance to soldering heat j-std-020c, tabl e 5-2 pb-free devices (except 2 cycles max) hazardous substance pb-free / rohs / green compliant solderability jesd22-b102-d method 2 (preconditioning e) terminal strength mil-std-883, method 2004, test condition d gross leak mil-std-883, method 1014, condition c fine leak mil-std-883, method 1014, condition a2, r1=2x10-8 atm cc/s solvent resistance mil-std-202, method 215 marking line 1 ilsi, frequency, date code (yww)


▲Up To Search▲   

 
Price & Availability of HC49US-JH0F18-20000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X