Part Number Hot Search : 
BZT52C TA820 C1672 081903 68HC05C4 GS9032 T52C4V 1N1612A
Product Description
Full Text Search
 

To Download EQCO-SDI30-7501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  extend hd - cctv links up to 1.0km with power over cable and camera control link over single coax cable eqcologics eqco - sdi30 - 7501 is an extender soluton for hd - sdi links, operatng with 75? coax cable. each unit receives a hd - cctv signal that may be atenuated by up to 220m of coax cable. the repeater contains three critcal components to correct and then retransmit the signal: ? adaptive equalizer to return the signal to its original amplitude and modulation ? reclocker to resynchronize the signal bringing it back to its original condition ? cable driver to retransmit the signal with its original characteristics restored furthermore, the repeater design allows for two unique benefts: ? power can be transmitted from the recorder (dvr) side to the camera over the coax cable. ? up to 6 repeaters may be powered from the coax cable; if only one or two repeaters are used, the power may also be adequate to power the sdi camera. ? a control signal (rs485) can be transmitted from the recorder (dvr) side to the camera over the coax cable repeater enables simultaneous signal transmission, camera control and power over a single cable. implementation each repeater supports a date - rate of 2.97 gbit/s (3g - sdi). a link of up to 220m can be achieved with a data - rate of 1.485 gbit/s (depending on cable quality*). longer lengths can be supported with lower speed cameras: for example, 720m for sdi cameras. up to 5 repeater units can be daisy - chained together, all powered over the coax cable by power injected to the frst repeater. camera control signals and the system power can be injected at the frst repeater (nearest the recorder). control signals and camera power (if appropriate) can similarly be taken from the repeater nearest to the camera and fed into the camera itself. the camera control is via rs485, the most commonly used protocol and a control signal bandwidth of up to 38.4 kbps is supported. open your eyes? *subject to maximum cable atenuaton, see over for details www.eqcologic.com sl - eqc0 - hd - cctv repeater - 0v1 ?2011 eqcologic hd - sdi repeaters for long - haul digital hd - cctv dvr side repeater including link power and control channel in - line hdsdi repeater camera side hdsdi repeater with power and control
technical specifications performance specifications eqcologic nv/sa brussels business base ransbeekstraat 230 1120 brussels, belgium sales contact: peter helfet: phone +32 2 629 1301 email: phelfet@eqcologic.com sales contact: zeph freeman: phone +1 - 972 - 607 - 4113 email: zfreeman@eqcologic.com hd - sdi interface connector s bnc true 75? cable impedance 75? + 3? data throughput 27 0mbps , 1.485 gbps, 2 .97 gbps aux interface connector (head end ) rj45 (cat 3) cable type category 3 or above signaling rs485 in (pair 1) rs485 out (pair 2), gnd (pair 3), +24v (pair 4) power supply input (head end input ) aux power in via rj45 24v @ 720mwatts , plus any concatenated repeaters dc feed via coax min 9v C 24v dc, rated current 0.5 C 2a power supply output (camera side output ) aux power out via rj45 v in @ head end - 1 v - coax dc drop (varies with cable type/length ) dc feed via coax v in @ head end C 1v - coax dc drop per hop (varies with cable type/length) environmental operating temperature 0 o c to 50 0 c relative humidity up to 85% non - condensing storage temperature - 20 o c to 70 0 c performance by coax type max coax length for error free operation @1.5gbps max coax length for error free operation @3.0gbps cable/power budget max # repeaters (total length) dc power after 2 repeaters rg6 sample 1 (16 db/100m) (belden 1694a) 2 20 meters / 72 0 feet 120 meters /390 feet 5 (1km) 6w rg6 sample 2 (16 db/100m) (carol brand) 2 20 meters / 72 0 feet 120 meters /390 feet 3 (60 0 m ) 1.8w 5c - hfbt sample (16 db/100m) (amphenol) 220 meters / 72 0 feet 120 meters /390 feet 5 (1km ) 6w rg59 sample (23 db/100m) 1 53 meters / 502 feet 83 meters/ 272 feet 5 (70 0 m) 6.5w 3c - 2v sample 1 (41 db/100m) (hangzhou linan tongda cable co.,ltd) 85 meters / 280 feet 47 meters / 154 feet 5 (390 m) 6.5w rg11 sample ( 10 db/100m) (commccope f1160bvv) 350 meters / 11 50 feet 192 meters / 63 0 feet 4 (1. 3 km) 4w


▲Up To Search▲   

 
Price & Availability of EQCO-SDI30-7501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X