Part Number Hot Search : 
1SMB17CA RU1H80P AX232 CBM5D20 1502B B1524 HMT325 00222
Product Description
Full Text Search
 

To Download DCR1575SV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 www.dynexsemi.com dcr1575sy / DCR1575SV replaces july 2001 version, ds4401-5.0 ds4401-6.0 october 2003 key parameters v drm 4200v i t(av) 2536a i tsm 44000a dvdt* 1000v/ s di/dt 300a/ s *higher dv/dt selections available dcr1575sy / DCR1575SV phase control thyristor advance information package outline see package details for further information. fig. 1 package outline outline type code: y outline type code: v voltage ratings ordering information when ordering select the required part number shown in the voltage ratings selection table. for example: dcr1575sy42 for a 4200v 'y' outline variant or DCR1575SV42 for a 4200v 'v' outline variant if a lower voltage grade is required, then use v drm /100 for the grade required e.g.: dcr1575sy 36 for a 3600v 'y' outline variant etc. note: please use the complete part number when ordering and quote this number in any future correspondance relating to your order. dcr1575sy42 or DCR1575SV42 conditions t vj = 0? to 125?c. i drm = i rrm = 500ma. v drm , v rrm = 10ms 1/2 sine. v dsm & v rsm = v drm & v rrm + 100v respectively. lower voltage grades available. part number repetitive peak voltages v drm v rrm v 4200 4200
2/9 www.dynexsemi.com dcr1575sy / DCR1575SV current ratings t case = 80?c unless stated otherwise symbol parameter conditions double side cooled i t(av) mean on-state current i t(rms) rms value i t continuous (direct) on-state current single side cooled (anode side) i t(av) mean on-state current i t(rms) rms value i t continuous (direct) on-state current units max. half wave resistive load 2010 a - 3155 a - 2850 a half wave resistive load 1310 a - 2050 a - 1740 a current ratings t case = 60?c unless stated otherwise symbol parameter conditions double side cooled i t(av) mean on-state current i t(rms) rms value i t continuous (direct) on-state current single side cooled (anode side) i t(av) mean on-state current i t(rms) rms value i t continuous (direct) on-state current units max. half wave resistive load 2536 a - 3983 a - 3729 a half wave resistive load 1680 a - 2639 a - 2295 a
3/9 www.dynexsemi.com dcr1575sy / DCR1575SV surge ratings conditions 10ms half sine; t case = 125 o c v r = 50% v rrm - 1/4 sine 10ms half sine; t case = 125 o c v r = 0 max. units symbol parameter i tsm surge (non-repetitive) on-state current i 2 ti 2 t for fusing i tsm surge (non-repetitive) on-state current i 2 t i 2 t for fusing 9.68 x 10 6 a 2 s 44.0 ka 6.13 x 10 6 a 2 s 35.0 ka thermal and mechanical data dc conditions min. max. units o c/w - 0.019 anode dc clamping force 50.0kn with mounting compound thermal resistance - case to heatsink r th(c-h) 0.002 double side - 125 o c t vj virtual junction temperature t stg storage temperature range reverse (blocking) single side - thermal resistance - junction to case r th(j-c) single side cooled symbol parameter clamping force 45.0 55.0 kn -55 150 o c - on-state (conducting) - 135 o c - 0.004 o c/w o c/w cathode dc - 0.019 o c/w double side cooled - 0.0095 o c/w
4/9 www.dynexsemi.com dcr1575sy / DCR1575SV dynamic characteristics parameter symbol conditions typ. max. units gate trigger characteristics and ratings v drm = 5v, t case = 25 o c conditions parameter symbol v gt gate trigger voltage v drm = 5v, t case = 25 o c i gt gate trigger current v gd gate non-trigger voltage at v drm t case = 125 o c v fgm peak forward gate voltage anode positive with respect to cathode v fgn peak forward gate voltage anode negative with respect to cathode v rgm peak reverse gate voltage i fgm peak forward gate current anode positive with respect to cathode p gm peak gate power see table, gate characteristics curve p g(av) mean gate power 3.0 v 300 ma 0.25 v 30 v 0.25 v 5v 30 a 150 w 10 w max. units i rrm /i drm peak reverse and off-state current at v rrm /v drm , t case = 125 o c from 67% v drm to 2x i t(av) gate source 20v, 20 ? t r < 0.5 s. dv/dt maximum linear rate of rise of off-state voltage to 67% v drm t j = 125 o c. - 300 ma - 1000 v/ s repetitive 50hz - 150 a/ s non-repetitive - 300 a/ s rate of rise of on-state current di/dt v t(to) threshold voltage at t vj = 125 o c r t on-state slope resistance at t vj = 125 o c t gd delay time i l latching current t j = 25 o c, v d = 5v i h holding current t j = 25 o c, r g - k = 0.94 -v -0.24m ? -2.5 s v d = 67% v drm , gate source 30v, 15 ? rise time 0.5 s, t j = 25 o c 550 1000 ma 150 300 ma i t = 800a, t p = 1ms, t j = 125?c, v rm = 50v, di rr /dt = 20a/ s, v dr = 67% v drm , dv dr /dt = 20v/ s linear ms - 1.2 turn-off time t q
5/9 www.dynexsemi.com dcr1575sy / DCR1575SV curves fig.2 maximum (limit) on-state characteristics fig.3 dissipation curves v tm equation:- v tm = a + bln (i t ) + c.i t +d. i t where a = 1.659647 b = ?.2206499 c = 7.427997 x 10 ? d = 0.02837417 these values are valid for t j = 125?c for i t 500a to 7600a 0.0 1.0 2.0 3.0 instantaneous on-state voltage, v t - (v) 0 2000 4000 6000 8000 instantaneous on-state current, i t - (a) measured under pulse conditions t j = 125 ? c min. max. 0 1000 2000 3000 mean on-state current, i t(av) - (a) 0 1000 2000 3000 4000 5000 mean power dissipation - (w) 6 phase 3 phase halfwave d.c.
6/9 www.dynexsemi.com dcr1575sy / DCR1575SV fig.6 transient thermal impedance - junction to case fig.7 surge (non-repetitive) on-state current vs time (with 50% v rrm at t case = 125?c) fig.4 stored charge fig.5 gate characteristics 10000 1000 100 stored charge, q s - (c) 0.1 1.0 10 rate of decay of on-state current, di/dt - (a/s) 100 100000 conditions: t j = 125 ? c, v r = 800v, i t = 2000a snubber 1f, 11 ohms max. q s min. q s i rm q s t p = 2ms i t di/dt 100 10 1 0.1 0.001 0.1 0.01 1.0 10 lower lim it 1% u pp er lim it 99% t j = 25 ? c gate trigger voltage, v gt - (v) gate trigger current, i gt - (a) 5w 50w 20w 10w 2w t j = -40 ? c t j = 125 ? c table gives pulse power p gm in watts pulse width s 100 200 500 1ms 10ms 50 150 150 150 150 20 100 150 150 150 100 - 400 150 125 100 25 - frequency hz 10 1 0.1 0.01 0.001 time - (s) 0.1 0.01 0.001 0.0001 thermal impedance - ( ? c/w) double side cooled anode side cooled 100 conduction d.c. halfwave 3 phase 120 ? 6 phase 60 ? effective thermal resistance junction to case ? c/w double side 0.0095 0.0105 0.0112 0.0139 anode side 0.019 0.020 0.0207 0.0234 110 5 10 1 50 cycles at 50hz ms duration 0 20 40 60 80 peak half sinewave on-state current - (ka) 100 i 2 t 0 1.0 2.0 3.0 i 2 t value for fusing - (a 2 s x 10 6 ) 4.0 5.0 t case = 125 ? c with 50% v rrm 6.0 7.0
7/9 www.dynexsemi.com dcr1575sy / DCR1575SV package details for further package information, please contact customer services. all dimensions in mm, unless stated otherwise. do not scale. fig.8 package details hole 3.6 x 2.0 deep (one in each electrode) 3 7.7 36.0 1.5 cathode gate anode 73 nom 112.5 max 73 nom nominal weight: 1600g clamping force: 50kn 10% lead length: 420mm lead terminal connector: m4 ring package outine type code: y cathode tab
8/9 www.dynexsemi.com dcr1575sy / DCR1575SV package details for further package information, please contact customer services. all dimensions in mm, unless stated otherwise. do not scale . 2 holes 3.6 x 2.0 deep (in both electrodes) 73 nom cathode gate anode 27.0 25.4 cathode tab 73 nom 112.5 max 1.5 nominal weight: 1100g clamping force: 50kn 10% lead length: 420mm lead terminal connector: m4 ring package outline type code: v fig.9 package details
www.dynexsemi.com power assembly capability the power assembly group was set up to provide a support service for those customers requiring more than the basic semiconductor, and has developed a flexible range of heatsink and clamping systems in line with advances in device voltages and current capability of our semiconductors. we offer an extensive range of air and liquid cooled assemblies covering the full range of circuit designs in general use today . the assembly group offers high quality engineering support dedicated to designing new units to satisfy the growing needs of our customers. using the latest cad methods our team of design and applications engineers aim to provide the power assembly complete solution (pacs). heatsinks the power assembly group has its own proprietary range of extruded aluminium heatsinks which have been designed to optimise the performance of dynex semiconductors. data with respect to air natural, forced air and liquid cooling (with flow rates) is available on request. for further information on device clamps, heatsinks and assemblies, please contact your nearest sales representative or customer services. customer service tel: +44 (0)1522 502753 / 502901. fax: +44 (0)1522 500020 sales offices benelux, italy & switzerland: tel: +33 (0)1 64 66 42 17. fax: +33 (0)1 64 66 42 19. france: tel: +33 (0)2 47 55 75 5 3 . fax: +33 (0)2 47 55 75 59. germany, northern europe, spain & rest of world: tel: +44 (0)1522 502753 / 502901. fax: +44 (0)1522 500020 north america: tel: (440) 259-2060. fax: (440) 259-2059. tel: (949) 733-3005. fax: (949) 733-2986. these offices are supported by representatives and distributors in many countries world-wide. ?dynex semiconductor 2003 technical documentation ?not for resale. produced in united kingdom headquarters operations dynex semiconductor ltd doddington road, lincoln. lincolnshire. ln6 3lf. united kingdom. tel: +44-(0)1522-500500 fax: +44-(0)1522-500550 this publication is issued to provide information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. no warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. the company reserves the right to alter without prior notice the specification, design or price of any product or service. information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. it is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. these products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. all products and materials are sold and services provided subject to the company's conditions of sale, which are available on request. all brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners. http://www.dynexsemi.com e-mail: power_solutions@dynexsemi.com


▲Up To Search▲   

 
Price & Availability of DCR1575SV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X