Part Number Hot Search : 
B80NE SU80301 VF16C05 TS4972 BB179 SS56B HSM22PT TC74LCX
Product Description
Full Text Search
 

To Download ARM-WK075-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  03 omni series - operator panel solutions features specifications note: all specifications are subject to change without notice. 03-13 fanless design (celeron? m 600 mhz) onboard intel? celeron? m 1.3 ghz/ 600 mhz processor 6.4 vga color tft lcd display slim, fanless, rugged design touch screen and compactflash? card support windows? xp embedded support 10/100base-tx ethernet dual independent displays 6.4 tft-lcd windows? xp embedded, windows? 7 operator panel pc system processor intel? celeron? m 1.3 ghz/ 600 mhz system memory onboard 256 mb storage memory 512 mb compactflash? lcd/crt controller intel? 852gm + chrontel7009 ethernet intel? 82562, 10/100base-tx, rj-45 x 1 i/o port rs-232 (db-9) x 1 usb2.0 x 2 vga x 1 audio line out x 1 ps/2 (keyboard + mouse mini-din port) x 1 solid storage disk type ii compactflash? open slot expansion slot mini-pci slot, compactflash? slot os support windows? xp embedded, windows? xp pro for embedded mechanical construction aluminum back cover ip-65 certified plastic front panel color front bezel: black back cover: silver mounting vesa 75 dimension 7.8 x 6 x 2.05 (198mm x 152mm x 52mm) carton dimension 11.2 x 7.36 x 9 (284mm x 187mm x 228mm) gross weight 3.3 lb (1.5 kg) net weight 2.2 lb (1 kg) environmental operating temperature 32f ~ 104f (0c ~40c) storage temperature -4f ~ 140f (-20c ~60c) storage humidity 10 ~90%@40c, non-condensing vibration random operation 1 g, 5~500hz shock 15g peak acceleration (11m sec. duration) / operation emc ce/fcc class a power supply dc-dc input, 25w input: 5v dc lcd display type 6.4 color tft lcd max. resolution 640 x 480 max. color 262k dot size 0.204 x 0.204 luminance 250 cd/m 2 (typical) view angle 130?(h)/ 110?(v) back light mtbf (hours) 20,000 aop-8060xt comapctflash? type ii socket line out 10/100base-tx ps/2 keyboard & mouse power on/off dual usb rs-232 vga port dc input power led
03-14 dimension unit: mm aop-8060xt ordering information tf-aop-8060xt-p1-1110 ? intel? celeron? m 1.3 ghz operator panel with 6.4 lcd, 256 ram, touch screen and windows? xp embedded (eng) on 512 mb compactflash? tf-aop-8060xt-p2-1110 ? intel? celeron? m 600 mhz fanless operator panel with 6.4 lcd, 256 ram, touch screen and windows? xp embedded(eng) on 512 mb compactflash? optional accessories ARM-WK075-0 ? wallmount kit with vesa75/100mm standards arm-dr075-0 ? din rail kit with vesa 75/100mm standards 1702031802 ? power cord (us type) 1702031803 ? power cord (european type) 170203180e ? power cord (japanese type) 1757902500 ? 25w ac input adapter (dc 5v output) 1702021201 ? dc power cable w/ lockable connector touchscreen type 4-wire, analog resistive resolution 2048 x 2048 light transmission > 79% lifetime 1 million activations 197.95 151.95 47.70 4.00 143.75 189.75 aop-8060xt cutout si ze: 191 mm x 1 4 5 mm 51.70 di mensi on: 197.95 mm x 151.9 5 mm x 5 1 .7 mm l i n e o u t u s b 0 / 1 l a n c o m k b / m s v g a d c 5 v 39.77 62.00


▲Up To Search▲   

 
Price & Availability of ARM-WK075-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X