Part Number Hot Search : 
MBR20200 TQS32 1N1190E3 BLF184XR P3N60FI ST62T45B 477M00 BU4823
Product Description
Full Text Search
 

To Download AR350005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ar3500 - ar3510 automotive rectifier diodes prv : 50 - 1000 volts io : 35 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop mechanical data : * case : molded plastic * epoxy : ul94v-o rate flame retardant * terminals : terminal are readily solderable * polarity : cathode polarity band * mounting position : any * weight : 1.80 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol ar 3500 ar 3501 ar 3502 ar 3504 ar 3506 ar 3508 ar 3510 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v average rectified forward current tc = 150 c i f(av) 35 a peak forward surge current single half sine wave superimposed on rated load (jedec method) maximum forward voltage at i f = 35 amps. v f 1.1 v maximum dc reverse current ta = 25 c i r 5.0 m a at rated dc blocking voltage ta = 100 c i r(h) 1.0 ma thermal resistance (note 1) r q jc 1.0 c/w junction temperature range t j - 65 to + 175 c storage temperature range t stg - 65 to + 175 c marking code note : (1) thermal resistance from junction to case. single side cooled. page 1 of 2 rev. 02 : march 24, 2005 rating a 400 i fsm dimensions in inches and (millimeter) 0.410 (10.4) 0.380 (9.70) 0.185 (4.7) 0.165 (4.2) 0.250 (6.4) 0.235 (6.0) 0.225 (5.7) 0.215 (5.5) 5 nom * pb / rohs free
rating and characteristic curves ( ar3500 - ar3510 ) fig.1 - derating curve for output fig.2 - maximum non-repetitive peak rectified current forward surge current 120 130 140 150 160 170 180 190 1 2 4 6 10 20 40 60 100 case temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig.4 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, volts page 2 of 2 rev. 02 : march 24, 2005 28 21 14 7 35 10 1.0 400 0 500 0 300 200 100 10 80 1 0.01 100 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes ta = 25 c ta = 100 c t j = 25 c ta = 25 c pulse width = 300 m s 2% duty cycle 0.1


▲Up To Search▲   

 
Price & Availability of AR350005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X