Part Number Hot Search : 
UF1504S D856A 6812MG09 2SK1728 AO7403 4HCT7 M29W160 BH6113FV
Product Description
Full Text Search
 

To Download AOW12N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AOW12N60/aowf12n60 600v,12a n-channel mosfet general description product summary v ds i d (at v gs =10v) 12 a r ds(on) (at v gs =10v) < 0.55 ? 100% uis tested 100% r g tested symbol v ds v gs i dm i ar e ar e as peak diode recovery dv/dt dv/dt t j , t stg t l symbol r cs r jc * drain current limited by maximum junction temperature. c/w 0.5 -- maximum junction-to-case 0.45 4.5 maximum case-to-sink a c/w aowf12n60 12 12* AOW12N60 aowf12n60 c/w 5 9.7 9.7* 278 28 65 65 v/ns t c =25c thermal characteristics 300 -55 to 150 derate above 25 o c avalanche current c 450 single plused avalanche energy g 900 5.5 repetitive avalanche energy c v 30 gate-source voltage t c =100c a 48 pulsed drain current c continuous drain current t c =25c i d the AOW12N60 & aowf12n60 have been fabricated using an advanced high voltage mosfet process that is designed to deliver high levels of performance and robustness in popular ac-dc applications.by providing low r ds(on) , c iss and c rss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs. v units parameter absolute maximum ratings t a =25c unless otherwise noted 700v@150 drain-source voltage 600 AOW12N60 parameter maximum lead temperature for soldering p ur p ose, 1/8" from case for 5 seconds c c junction and storage temperature range units maximum junction-to-ambient a,d power dissipation b p d a w w/ o c 2.2 0.22 mj mj g d s top view t o-262f bottom view top view t o-262 bottom view g d s g d s g d s g d s rev2: june 2010 www.aosmd.com page 1 of 6
AOW12N60aowf12n60 symbol min typ max units 600 700 bv dss / ? tj 0.65 v/ o c 1 10 i gss gate-body leakage current 100 n v gs(th) gate threshold voltage 3 4 4.5 v r ds(on) 0.46 0.55 ? g fs 20 s v sd 0.72 1 v i s maximum body-diode continuous current 12 a i sm 48 a c iss 1400 1751 2100 pf c oss 130 164 215 pf c rss 10 13 19 pf r g 2.5 3.3 5 ? q g 40 50 nc q gs 911nc q gd 17.9 27 nc t d(on) 39 50 ns t r 70 85 ns t d(off) 122 150 ns t f 74 90 ns t rr 311 373 ns q rr 5.2 6.2 c this product has been designed and qualified for the consumer market. applications or uses as critical components in life support devices or systems are not authorized. aos does not assume any liability arising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. a v ds =0v, v gs =30v v drain-source breakdown voltage i d =250a, v gs =0v, t j =25c i d =250a, v gs =0v, t j =150c bv dss body diode reverse recovery charge i f =12a,di/dt=100a/ s,v ds =100v maximum body-diode pulsed current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time diode forward voltage turn-off delaytime v gs =10v, v ds =300v, i d =12a, r g =25 ? gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time total gate charge v gs =10v, v ds =480v, i d =12a gate source charge gate drain charge v ds =5v i d =250 a v ds =480v, t j =125c zero gate voltage drain current i dss zero gate voltage drain current v ds =600v, v gs =0v id=250a, vgs=0v electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions body diode reverse recovery time static drain-source on-resistance v gs =10v, i d =6a reverse transfer capacitance i f =12a,di/dt=100a/ s,v ds =100v v gs =0v, v ds =25v, f=1mhz switching parameters i s =1a,v gs =0v v ds =40v, i d =6a forward transconductance a. the value of r ja is measured with the device in a still air environment with t a =25c. b. the power dissipation p d is based on t j(max) =150c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is used. c. repetitive rating, pulse width limited by junction temperature t j(max) =150c, ratings are based on low frequency and duty cycles to keep initial t j =25c. d. the r ja is the sum of the thermal impedence from junction to case r jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsi nk, assuming a maximum junction temperature of t j(max) =150c. the soa curve provides a single pulse rating. g. l=60mh, i as =5.5a, v dd =150v, r g =25 ? , starting t j =25c rev2: june 2010 www.aosmd.com page 2 of 6
AOW12N60aowf12n60 typical electrical and thermal characteristic s 40 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 v sd (volts) figure 6: body-diode characteristics (note e) i s (a) 25c 125c 0 5 10 15 20 25 30 0 5 10 15 20 25 30 v ds (volts) fig 1: on-region characteristics i d (a) v gs =5.5v 6v 10v 6.5v 0.1 1 10 100 246810 v gs (volts) figure 2: transfer characteristics i d (a) -55c v ds =40v 25c 125c 0.2 0.4 0.6 0.8 1.0 0 5 10 15 20 25 i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) ( ? ) v gs =10v 0 0.5 1 1.5 2 2.5 3 -100 -50 0 50 100 150 200 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =10v i d =6a 0.8 0.9 1 1.1 1.2 -100 -50 0 50 100 150 200 t j (c) figure 5:break down vs. junction temparature bv dss (normalized) rev2: june 2010 www.aosmd.com page 3 of 6
AOW12N60aowf12n60 typical electrical and thermal characteristic s 0 3 6 9 12 15 0 102030405060 q g (nc) figure 7: gate-charge characteristics v gs (volts) v ds =480v i d =12a 1 10 100 1000 10000 0.1 1 10 100 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss 0.01 0.1 1 10 100 1 10 100 1000 v ds (volts) i d (amps) figure 9: maximum forward biased safe operating area for AOW12N60 (note f) 10 v ds (volts) i d (amps) figure 10: maximum forward biased safe operating area for aowf12n60 (note f) 10 s 1s 0 2 4 6 8 10 12 14 0 25 50 75 100 125 150 t case (c) figure 11: current de-rating (note b) current rating i d (a) rev2: june 2010 www.aosmd.com page 4 of 6
AOW12N60aowf12n60 typical electrical and thermal characteristic s 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 12: normalized maximum transient thermal impedance for AOW12N60 (note f) z jc normalized transient thermal resistance d=t on /t t j,pk =t c +p dm .z jc .r jc r jc =0.45c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t on t p d single pulse 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 13: normalized maximum transient thermal impedance for aowf12n60 (note f) z jc normalized transient thermal resistance d=t on /t t j,pk =t c +p dm .z jc .r jc r jc =4.5c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse single pulse t on t p d rev2: june 2010 www.aosmd.com page 5 of 6
AOW12N60aowf12n60 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd char ge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms tt r d( on) t on t d(of f ) t f t of f vdd vgs id vgs rg du t - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds is d is d diode recovery tes t circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt t rr ar ar rev2: june 2010 www.aosmd.com page 6 of 6


▲Up To Search▲   

 
Price & Availability of AOW12N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X