Part Number Hot Search : 
1N4004 UF100S07 MM1180 1N5779 GL41G 54753 TPC13 L79L08AB
Product Description
Full Text Search
 

To Download 2N6989 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet 6 lake street, lawrence, ma 01841 gort road business park, ennis, co. clare, ireland. 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: http://www.microsemi.com multiple (quad) npn silicon dual in-line and flatpack switching transistor qualified per mil-prf-19500/559 t4-lds-0177 rev. 1 (101229) page 1 of 7 devices levels 2N6989 2N6989u jan 2n6990 jantx jantxv jans absolute maximum ratings (t c = +25c unless otherwise noted) parameters / test conditions symbol value unit collector-emitter voltage (3) v ceo 50 vdc collector-base voltage (3) v cbo 75 vdc emitter-base voltage (3) v ebo 6.0 vdc collector current (3) i c 800 madc total power dissipation @ t a = +25c 2N6989 (2) 2N6989u (2) 2n6990 (2) p d 1.5 1.0 1.0 w operating & storage junction temperature range t op , t stg -65 to +200 c note: 1. maximum voltage between transistors shall be 500vdc. 2. for derating, see figures 6, 7, 8 and 9. ratings apply to total package. 3. for thermal impedance curves, see figures 10, 11, 12 and 13. 4. ratings apply to each transistor in the array. electrical characteristics (t a = +25c, unless otherwise noted) parameters / test conditions symbol min. max. unit off charactertics collector-emitter breakdown voltage i c = 10madc v (br)ceo 50 vdc collector-base cutoff current v cb = 60vdc v cb = 75vdc v cb = 60vdc, t a = +150c i cbo 10 10 10 adc adc adc emitter-base cutoff current v eb = 4.0vdc v eb = 6.0vdc i ebo 10 10 adc adc to-116 ? 2N6989 20 pin leadless 2N6989u 14 pin flat pack 2n6990
technical data sheet 6 lake street, lawrence, ma 01841 gort road business park, ennis, co. clare, ireland. 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: http://www.microsemi.com t4-lds-0177 rev. 1 (101229) page 2 of 7 electrical characteristics (t a = +25c, unless otherwise noted) parameters / test conditions symbol min. max. unit on characteristics (4) forward-current transfer ratio h fe i c = 0.1madc, v ce = 10vdc 50 i c = 1.0madc, v ce = 10vdc 75 325 i c = 10madc, v ce = 10vdc 100 i c = 150madc, v ce = 10vdc 100 300 i c = 500madc, v ce = 10vdc 30 i c = 10madc, v ce = 10vdc, t a = -55c 35 collector-emitter saturation voltage v ce(sat) vdc i c = 150madc, i b = 15madc i c = 500madc, i b = 50madc 0.3 1.0 base-emitter saturation voltage v be(sat) vdc i c = 150madc, i b = 15madc i c = 500madc, i b = 50madc 0.6 1.2 2.0 dynamic characteristics parameters / test conditions symbol min. max. unit magnitude of small?signal short-circ uit forward curren t transfer ratio |h fe | i c = 20madc, v ce = 10vdc, f = 100mhz 2.5 8.0 forward current transfer ratio h fe 50 i c = 1.0madc, v ce = 10vdc, f = 1.0khz output capacitance c obo 8.0 pf v cb = 10vdc, i e = 0, 100khz f 1.0mhz input capacitance c ibo 25 pf v eb = 0.5vdc, i e = 0, 100khz f 1.0mhz switching characteristics parameters / test conditions symbol min. max. unit turn-on time t on see figure 14 / mil-prf-19500/559 35 s turn-off time t off s see figure 15 / mil-prf-19500/559 300 (4) pulse test: pulse width = 300 s, duty cycle 2.0%.
technical data sheet 6 lake street, lawrence, ma 01841 gort road business park, ennis, co. clare, ireland. 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: http://www.microsemi.com t4-lds-0177 rev. 1 (101229) page 3 of 7 package dimensions
technical data sheet 6 lake street, lawrence, ma 01841 gort road business park, ennis, co. clare, ireland. 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: http://www.microsemi.com t4-lds-0177 rev. 1 (101229) page 4 of 7 dimensions dimensions symbol inches millimeters notes symbol inches millimeters notes min max min max min max min max bh .200 5.08 ls .100 bsc 2.54 bsc 7, 11 lw .014 .023 0.36 0.58 10 ll .125 .200 3.18 5.08 lw 1 .030 .070 0.76 1.78 4, 10 ll 1 .150 3.81 lt .008 .015 0.20 0.38 10 lo .005 0.13 8 bl .785 19.94 6 lo 1 .098 2.49 8 bw .220 .310 5.59 7.87 6 lo 2 .015 .060 0.38 1.52 5 bw 1 .290 .320 7.37 8.13 9 0 15 0 15 notes: 1 dimension are in inches. 2 millimeters are given for general information only. 3 index area: a notch or pin one identification mark shall be located adjacent to pin one and shall be located within the shaded area shown. the manufacturer?s identification shall not be used as a pin one identification mark. 4 the minimum limit for dimension lw 1 may be .023 inch (0.58 mm) for leads number 1, 7, 8 and 14 only. 5 dimension lo 2 shall be measured from the seating plane to the base plane. 6 this dimension allows for off-center lid, meniscus, and glass overrun. 7 the basic pin spacing is .100 inch (2.54 mm ) between centerlines. each pin centerline shall be located within .010 inch (0.25 mm) of its exact longitudinal position relative to pins 1 and 14. 8 applies to all four corners (leads number 1, 7, 8 and 14). 9 lead center when is 0 degrees. bw 1 shall be measured at the centerline of the leads. 10 all leads. 11 twelve spaces. 12 no organic or polymeric materials shall be molded to the bottom of the pack age to cover the leads. 13 in accordance with asme y14.5m , diameters are equivalent to x symbology. figure 1. physical dimension and configuration for type 2N6989
technical data sheet 6 lake street, lawrence, ma 01841 gort road business park, ennis, co. clare, ireland. 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: http://www.microsemi.com t4-lds-0177 rev. 1 (101229) page 5 of 7 package dimensions dimensions dimensions symbol inches millimeters notes symbol inches millimeters notes min max min max min max min max ch .030 .115 0.76 2.92 bw 3 .030 0.76 lw .010 .019 0.25 0.48 7 ls .050 bsc 1.27 bsc 6, 8 tl .008 .015 0.20 0.38 12 lt .003 .006 0.076 0.152 7 bl .280 7.11 5 ll .250 .370 6.35 9.40 bw .240 .260 6.10 6.60 ld 2 .005 .040 0.13 1.02 4 lu .290 7.37 5 lo .005 0.13 9, 10 bw 2 .125 3.18 lo 3 .004 13 30 90 30 90 14
technical data sheet 6 lake street, lawrence, ma 01841 gort road business park, ennis, co. clare, ireland. 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: http://www.microsemi.com t4-lds-0177 rev. 1 (101229) page 6 of 7 notes: 1 dimension are in inches. 2 millimeters are given for general information only. 3 index area: a notch or pin one identification mark shall be located adjacent to pin one and shall be located within the shaded area shown. the manufacturer?s identification shall not be used as a pin one identification mark. alternatively, a tab (dine tl) may be used to identify pin one. 4 dimension ld 2 shall be measured at the point of exit of the lead from the body. 5 this dimension allows for off-center lid, meniscus, and glass overrun. 6 the basic pin spacing is .050 inch (1.27 mm ) between centerlines. each pin centerline shall be located within .005 inch (0.13 mm) of its exact longitudinal position relative to pins 1 and 14. 7 all leads: increase maximum limit by .003 inch (0.08 mm) measured at the center of the flat when the lead finish is solder. 8 twelve spaces. 9 applies to all four corners (leads number 2, 6, 9 and 13). 10 dimension lo may be .000 inch (0.00 mm if leads number 2, 6, 9, and 13) bend toward the cavity of the package within one lead width from the point of entry of the lead into the body or if the leads are brazed to the metalized ceramic body. 11 no organic or polymeric materials shall be molded to the bottom of the pack age to cover the leads. 12 optional, see note 1. if a pin one identification mark is used in addition to this tab, the minimum limit of dimension tl does not apply. 13 applies to leads number 1, 7, 8, and 14. 14 lead configuration is optional within dimension bw except dimensions lw and lt apply. 15 in accordance with asme y14.5m , diameters are eqivalent to x symbology. 16 pins 1, 7, 8, and 14 are collectors. 17 pin 2, 6, 9, and 13 are bases. 18 pin 3, 5, 10, and 12 are emitters. 19 pins 4 and 11 are no contacts. figure 2. physical dimensions for type 2n6990 figure 3. schematic and terminal connections for types 2N6989 & 2n6990
technical data sheet 6 lake street, lawrence, ma 01841 gort road business park, ennis, co. clare, ireland. 1-800-446-1158 / (978) 620-2600 / fax: (978) 689-0803 tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: http://www.microsemi.com t4-lds-0177 rev. 1 (101229) page 7 of 7 package dimensions notes: 1 dimensions are in inches. 2 millimeters are given for general information only. 3 unless otherwise specified, tolera nce is .005 inch (0.13 mm). 4 in accordance with asme y14.5m , diameters are equivalent to x symbology. figure 4. physical demension for type 2N6989u dimensions symbol inches millimeters min max min max a .073 .085 1.85 2.16 a 1 .063 .075 1.60 1.91 d .345 .355 8.76 9.02 d 1 .195 .205 4.95 5.21 d 2 .050 typ 1.27 typ d 3 .070 .080 1.78 2.03 e .025 ref 0.64 ref l 1 .050 ref for pins 2 through 20 1.27 ref for pins 2 through 20 l 2 .080 .090 2.03 2.29


▲Up To Search▲   

 
Price & Availability of 2N6989

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X