Part Number Hot Search : 
766104 T72V3 IRF7754 BCP53 PJ20168 PM5363 LV4924VH LTC40071
Product Description
Full Text Search
 

To Download 1M130Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? low profile package ? built-in strain relief ? glass passivated junction ? low inductance ? typical i r less than 5ua above 11v 1n4740a do-41 3k / ammo box a0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol unit t j , t stg ? weight: 0.3 gram type number operating and storage temperature range -55 to +150 version:f12 peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method)(note 2) note 2: measure on 8.3ms single half sine-wave of equival ent square wave, duty cycle= 4 pulse per minute maximum 1n4740a - 1m200z do-41 ? high temperature soldering guaranteed: 260 / 10 seconds at terminals features ? plastic package has underwriters laboratory flammability classification 94v-0 ? green compound with suffix "g" on packing code & prefix "g" on datecode 1.0 watt glass passivated junction silicon zener diodes mechanical data ? expoxy: ul 94v-0 rate flame retardant ordering information (example) part no. package packing ? case: molded plastic do-41 peak power dissipation at ta=50 , derate above 50 (note 1) p d 1.0 6.67 value ? lead: pure tin plated, lead free, solderable per mil-std-202, method 2025 ? mounting position: any ? polarity: color band denotes cathode end inner tape packing code packing code (green) 52mm a0g note 1: mounted on cu-pad size 5mm x 5mm x 1.6mm on pcb watts mw/ i fsm 10 amps
i zt z zt @i zt i r ma ?? ma ua v ma 1n4740a 9.50 10 10.50 25.0 7 700 0.25 10 7.6 454 1n4741a 10.45 11 11.55 23.0 8 700 0.25 5 8.4 414 1n4742a 11.40 12 12.60 21.0 9 700 0.25 5 9.1 380 1n4743a 12.35 13 13.65 19.0 10 700 0.25 5 9.9 344 1n4744a 14.25 15 15.75 17.0 14 700 0.25 5 11.4 304 1n4745a 15.20 16 16.80 15.5 16 700 0.25 5 12.2 285 1n4746a 17.10 18 18.90 14.0 20 750 0.25 5 13.7 250 1n4747a 19.00 20 21.00 12.5 22 750 0.25 5 15.2 225 1n4748a 20.90 22 23.10 11.5 23 750 0.25 5 16.7 205 1n4749a 22.80 24 25.20 10.5 25 750 0.25 5 18.2 190 1n4750a 25.65 27 28.35 9.5 35 750 0.25 5 20.6 170 1n4751a 28.50 30 31.50 8.5 40 1000 0.25 5 22.8 150 1n4752a 31.35 33 34.65 7.5 45 1000 0.25 5 25.1 135 1n4753a 34.20 36 37.80 7.0 50 1000 0.25 5 27.4 125 1n4754a 37.05 39 40.95 6.5 60 1000 0.25 5 29.7 115 1n4755a 40.85 43 45.15 6.0 70 1500 0.25 5 32.7 110 1n4756a 44.65 47 49.35 5.5 80 1500 0.25 5 35.8 95 1n4757a 48.45 51 53.55 5.0 95 1500 0.25 5 38.8 90 1n4758a 53.20 56 58.80 4.5 110 2000 0.25 5 42.6 80 1n4759a 58.90 62 65.10 4.0 125 2000 0.25 5 47.1 70 1n4760a 64.60 68 71.40 3.7 150 2000 0.25 5 51.7 65 1n4761a 71.25 75 78.75 3.3 175 2000 0.25 5 56.0 60 1n4762a 77.90 82 86.10 3.0 200 3000 0.25 5 62.2 55 1n4763a 86.45 91 95.55 2.8 250 3000 0.25 5 69.2 50 1n4764a 95.00 100 105.00 2.5 350 3000 0.25 5 76.0 45 1m110z 104.50 110 115.50 2.3 450 4000 0.25 5 83.6 - 1m120z 114.00 120 126.00 2.0 550 4500 0.25 5 91.2 - 1M130Z 123.50 130 136.50 1.9 700 5000 0.25 5 98.8 - 1m150z 142.50 150 157.50 1.7 1000 6000 0.25 5 114.0 - 1m160z 152.00 160 168.00 1.6 1100 6500 0.25 5 121.6 - 1m180z 171.00 180 189.00 1.4 1200 7000 0.25 5 136.8 - 1m200z 190.00 200 210.00 1.2 1500 8000 0.25 5 152.0 - notes: 1. tolerance and type number designation. the type numbers losted have a standard tolerance on the nominal zener voltage of 5% 2. specials available include: a. nominal zener voltages between the voltages shown and tighter voltage tolerances b. matched sets 3. zener voltage (vz) measurement. guarantees the zener voltage when messured at 90 seconds while maintaining the lead temperature(tl) at 30 1 , from the diode body 4. zener impedance (zz) derivation. the zener impedance is derives from the 60 cycle ac voltage, which results when an accurren t having and rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk 5. surge current (i r ) non-repetitive. the rating listd in the electrical chatacteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, i zt per jedec registration; however, actual device capability is as described in figure 11 version:f12 nom. (note 2) (note 3) test current electrical characteristics (ta=25 unless otherwise noted) device (note 1) zener voltage vz@iz t v min. z zk @i zk surge current t a =25 max. leakage current i r @v r max. zener impedance
ratings and characteristic curves (1n4740a thru 1m200z) version:f12 0 0.25 0.5 0.75 1 1.25 0 25 50 75 100 125 150 p d , maximum power dissipation (watts) ambient temperature( ) fig. 1 power temperature derating curve 1 10 100 1000 110100 zz, dynamic impedance ( ? ) iz, zener current(ma) fig.4 effect of zener voltage on zener impedance ta=25 iz(rms)=0.1 iz(dc) f=1khz iz = 1ma 5 ma 20ma 1 10 100 1000 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 if, forward current (ma) v f , forward voltage (v) fig. 2 typical forward characteristics minimum maximum 70 150 25 0 1 10 100 1000 0 1 10 100 zz, dynamic impedance ( ? ) iz, zener current (ma) fig.3 effect of zener current on zener impedance ta=25 iz(rms)=0.1 iz(dc) f=1khz 47v 27v 0.8v 0.001 0.01 0.1 1 10 100 1000 10000 3456789101112131415 ir, leakage current(ua) vz, nominal zener voltage(v) fig.5 typical leakage current typical leakage current at 80% of nominal breakdown voltage 125 25
ratings and characteristic curves (1n4740a thru 1m200z) version:f12 10 100 1000 1 10 100 c, capacitance(pf) vz, forward voltage (v) fig.6 typical capacitance versus vz 50% of breakdown 0v bias 1.0v bias -4 -2 0 2 4 6 8 10 12 23456789101112 vz, temperature coefficient (mv/ ) vz, zener voltage(v) fig. 7 temperature coefficients a-range for units to 12 volts range vz@ izt 1 10 100 10 100 vz, temperature coefficient (mv/ ) vz, zener voltage(v) fig.8 temperature coefficients range vz@ izt b-range for units 12 to 100 volts -4 -2 0 2 4 6 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 vz, temperature coefficient (mv/ ) vz, zener voltage(v) fig. 9 effect of zener current note:below 3 voltage above a volts changes in zener current not affect temperature coefficients vz@ izt ta=25 0.01ma 1 ma 20ma 0 25 50 75 100 125 150 175 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 jl, junction to lead thermal resistance( /w) l, lead length to heat sink(inches) fig. 10 typical thermal resistance versus lead length
ratings and characteristic curves (1n4740a thru 1m200z) version:f12 1 10 100 0 0 1 10 100 1000 p pk , peak surge power watts pw, pulse width (ms) fig.11 maximum surge power 20% duty cycle 11v-91v non-repetitive 10% duty cycle 5% duty cycle 0.8v-10v non-repetitive rectangular waveform ta=25 prior to initial pulse
ordering information do-41 52mm a0 do-41 26mm a1 do-41 52mm r0 do-41 52mm r1 do-41 b0 abzte O O symbol a b c d 3k / ammo box a1g part no. package packing inner tape packing code packing code (green) 1n46xxa 1mxxxz (note) 3k / ammo box a0g 5k / 13" reel r0g 5k / 13" reel r1g 1k / bulk packing b0g 5.1 0.8 3.0 1.2 note: "xx" is device code from 1n47"40"a thru "94"a, 1m"110"z thru "200"z axial lead taping specifications outline suggested mounting hole rule unit(mm)
dimensions min max min max a 2.00 2.70 0.079 0.106 b 0.71 0.86 0.028 0.034 c 25.40 - 1.000 - d 4.20 5.20 0.165 0.205 e 25.40 - 1.000 - p/n = specific device code g = green compound yww = date code dim. unit(mm) unit(inch) marking diagram


▲Up To Search▲   

 
Price & Availability of 1M130Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X