Part Number Hot Search : 
1C681 QS5U13 KIA7427 330M166 00DT1 BR3510 N6121 N79E8221
Product Description
Full Text Search
 

To Download 0747121009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/15/2010 please check www.molex.com for latest part information part number: 0747121009 status: active overview: ganged_rf description: 6.25mm (.246") pitch ganged rf header, vertical, 6 circuits, long tails, without packaging header documents: drawing (pdf) product specification ps-74854-001 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) general product family backplane connectors series 74712 application backplane comments ports numbered 5 loaded component type pcb header overview ganged_rf product name ganged rf style n/a physical circuits (loaded) 2 circuits (maximum) 6 circuits detail 6 color - resin natural durability (mating cycles max) 500 first mate / last break no guide to mating part no keying to mating part yes material - metal copper material - resin high temperature thermoplastic number of columns 3 number of pairs n/a number of rows 2 orientation vertical pc tail length (in) 0.141 in pc tail length (mm) 3.58 mm pcb locator yes pcb retention none pcb thickness recommended (in) 0.177 in pcb thickness recommended (mm) 4.50 mm packaging type tray pitch - mating interface (in) 0.246 in pitch - mating interface (mm) 6.25 mm pitch - term. interface (in) 0.049 in, 0.148 in pitch - term. interface (mm) 1.25 mm, 3.75 mm polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole - compliant pin electrical current - maximum per contact 1a data rate 3.0 gbps real signals (per 25mm) 8 series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 74712 series mates with 74642 ganged rf receptacle
shielded no voltage - maximum 50v ac material info reference - drawing numbers packaging specification pk-74712-102 product specification ps-74854-001 sales drawing sd-74712-003 this document was generated on 05/15/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 0747121009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X