Part Number Hot Search : 
101AY A2S1CSQ VN16B SSM2040 LA8151V B4008 SD820S05 EFE19CF
Product Description
Full Text Search
 

To Download ZJYS51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. common mode filters for general signal line zjys series type: issue date: ZJYS51 september 2011
 all specifications are subject to change without notice. (1/4) 001-03 / 20110926 / e971_zjys common mode filters for general signal line zjys series ZJYS51 features  a common mode filter for distortion-free noise removal from transmission signals. optimized for transmission of high quality signals.  best filter for countering the common mode noise resulting from data signal processing by pcs, phone equipment, etc.  smd-type designed for surface mounting.  due to a maximum current tolerance of 2a, can also be used to counter power line noise. applications personal computers, telephones, lans, isdns, digital pbxs, elec- tronic games, ctvs, cd-rom drives, 8mm video equipment, and other electronic devices. packaging style and quantities recommended soldering conditions recommended temperature profile for lead-free solder reflow profile for solder heat resistance conformity to rohs directive part no. taping (reel) bulk ZJYS51r5-2p(t)-01 1500 pieces 200 pieces ZJYS51r5-2pb(t)-01 1500 pieces 200 pieces ZJYS51r5-2pl(t)-01 1500 pieces 200 pieces ZJYS51r5-4p(t)-01 1000 pieces 100 pieces ZJYS51r5-m4pa(t)-01 1000 pieces 100 pieces 150?c 180?c peak 245?c max. 230?c 60 to 120s 10 to 30s natural cooling time ( s ) 150?c 180?c peak 260?c max. 230?c 60 to 120s 40s max. natural cooling time ( s )  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
 all specifications are subject to change without notice. (2/4) 001-03 / 20110926 / e971_zjys shapes and dimensions/recommended pc board patterns transfer mold ZJYS51r5-2p(t)-01, -2pb(t )-01, -2pl(t)-01 ZJYS51r5-4p(t)-01, -m4pa(t)-01 dimensions in mm ? 1 t means the taping product. ? 2 the "-01" designation at the end of the product code indicates lead-free compatible product. circuit diagrams ZJYS51r5-2p(t)-01,-2pb(t)-01, -2pl(t)-01 ZJYS51r5-4p(t)-01, -m4pa(t)-01 part no. a max. b max. c max. d max. e f g max. h ZJYS51r5-2p(t)-01, -2pb(t)-01, -2pl(t) ? 1 -01 ? 2 5.5 6.86 4.57 5.08 1.3 2.540.25 90.5 0.25 ZJYS51r5-4p(t)-01, -m4pa(t)-01 10.5 6.86 4.57 5.08 1.3 2.540.25 90.5 0.25 f e c d 0.1min. 43 12 a ( 0.6 ) b g h 6.7 9.9 2.54 1.8 1.6 weight: 0.4g e f c d 0.1max. 87 65 12 a 34 6.7 9.9 2.54 2.54 2.54 1.8 1.6 ( 0.6 ) b g h weight: 0.8g 4 3 2 1 l 1 l 2 8 76 2 1 4 3 l 1 l 2 l 3 5 l 4
 all specifications are subject to change without notice. (3/4) 001-03 / 20110926 / e971_zjys electrical characteristics ? 1 the improvement type on low area characteristics. ? 2 separate winding type (for communications).  the ?t? designation at the end of the product code indicates tape mounting. typical electrical characteristics impedance vs. frequency characteristics (for 1 element) ZJYS51r5-2p-01, 4p(t)-01 zjy s51r5-2pb-01 zj ys51r5-2pl-01 ZJYS51r5-m4pa-01 measuring circuit part no. ZJYS51r5-2p(t)-01, 4p(t)-01 ZJYS51r5-2pb(t)-01 ? 1 ZJYS51r5-2pl(t)-01 ? 2 ZJYS51r5-m4pa(t)-01 rated voltage edc(v) 50 50 50 50 rated current (a) 2220.5 test voltage edc(v) [between terminals for 5s] 125 125 250 125 insulation resistance (m ? ) [between terminals at dc.50v for 1min] 100 min. 100 min. 100 min. 100 min. dc resistance ( ? ) [each line] 0.12 max. 0.12 max. 0.10 max. 0.25 max. operating temperature range (c) ?25 to +85 ?25 to +85 ?25 to +85 ?25 to +85 impedance ( ? ) [+5 to +35c] 200 min.[20 to 300mhz] 300 min.[6 to 20mhz] 100 min.[20 to 100mhz] 200 min.[20 to 300mhz] 10 1 100 1000 10000 impedance ( ? ) 11030 3 100 300 1000 frequency ( mhz ) common mode differential mode 10 1 100 1000 10000 impedance ( ? ) 11030 3 100 300 1000 frequency ( mhz ) common mode differential mode 10 1 100 1000 10000 impedance ( ? ) 11030 3 100 300 1000 frequency ( mhz ) common mode differential mode 10 1 100 1000 10000 impedance ( ? ) 11030 3 100 300 1000 frequency ( mhz ) common mode differential mode vector impedance meter vector impedance meter ( yhp 4191a equivalent ) measuring at each common mode choke coil
 all specifications are subject to change without notice. (4/4) 001-03 / 20110926 / e971_zjys typical application an application example showing how radiation noise is prevented when transmitter and receiver are connected via twisted pair cables. typical application effects (a) without emc filter (b) with emc filter (b) ZJYS51r5-2p(t)-01 transmitter receiver 1000 300 100 30 frequency ( mhz ) radiation field intensity ( db v/m ) 0 10 30 20 40 60 50 80 70 vcci-2 1000 300 100 30 0 10 30 20 40 60 50 80 70 vcci-2 frequency ( mhz ) radiation field intensity ( db v/m )


▲Up To Search▲   

 
Price & Availability of ZJYS51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X