Part Number Hot Search : 
S209R 3BT48 SR102 5600F7LC 78M24C IC16F 50224 R1040X
Product Description
Full Text Search
 

To Download X9407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev 1.6 10/10/02 characteristics subject to change without notice. 1 of 20 www.xicor.com low noise/low power/2-wire bus X9407 quad digitally controlled (xdcp ) potentiometers features four potentiometers in one package 64 resistor taps per potentiometer 2-wire serial interface wiper resistance, 40 ? typical at 5v four nonvolatile data registers for each pot nonvolatile storage of wiper position standby current < 1? max (total package) ? cc = 2.7v to 5.5v operation v+ = 2.7v to 5.5v v?= ?.7v to ?.5v 10k ? , 2.5k ? end to end resistances high reliability endurance?00,000 data changes per bit per register register data retention?00 years 24-lead soic, 24-lead tssop packages description the X9407 integrates four digitally controlled potentiometers (xdcp) on a monolithic cmos integrated circuit. the digital controlled potentiometer is implemented using 63 resistive elements in a series array. between each element are tap points connected to the wiper terminal through switches. the position of the wiper on the array is controlled by the user through the 2-wire bus interface. each potentiometer has associated with it a volatile wiper counter register (wcr) and four non-volatile data registers that can be directly written to and read by the user. the contents of the wcr controls the position of the wiper on the resistor array though the switches. powerup recalls the contents of the default data register (dr0) to the wcr. the xdcp can be used as a three-terminal potentiometer or as a two terminal variable resistor in a wide variety of applications including control, parameter adjustments, and signal processing. block diagram interface and control circuitry scl sda a0 a1 a2 a3 r0 r1 r2 r3 wiper counter register (wcr) resistor array pot 1 r h1 r l1 r0 r1 r2 r3 wiper counter register (wcr) r h0 r l0 data 8 r w0 r w1 r0 r1 r2 r3 resistor array r h2 r l2 r w2 r0 r1 r2 r3 resistor array r h3 r l3 r w3 wiper counter register (wcr) wiper counter register (wcr) pot 3 pot 2 wp pot 0 v cc v ss v+ v- a pplication n otes available an99 ?an115 ?an124 ?an133 ?an134 ?an135
X9407 characteristics subject to change without notice. 2 of 20 rev 1.6 10/10/02 www.xicor.com pin descriptions host interface pins serial clock (scl) the scl input is used to clock data into and out of the X9407. serial data (sda) sda is a bidirectional pin used to transfer data into and out of the device. it is an open drain output and may be wire-ored with any number of open drain or open collector outputs. an open drain output requires the use of a pull-up resistor. for selecting typical values, refer to the guidelines for calculating typical values on the bus pull-up resistors graph. device address (a 0 a 3 ) the address inputs are used to set the least signi?ant 4 bits of the 8-bit slave address. a match in the slave address serial data stream must be made with the address input in order to initiate communication with the X9407. a maximum of 16 devices may occupy the 2-wire serial bus. potentiometer pins r h (r h0 ? h3 ), r l (r l0 ? l3 ) the r h and r l inputs are equivalent to the terminal connections on either end of a mechanical potentiometer. r w (r w0 ? w3 ) the wiper outputs are equivalent to the wiper output of a mechanical potentiometer. hardware write protect input (wp) the wp pin when low prevents nonvolatile writes to the data registers. analog supplies v+, v- the analog supplies v+, v- are the supply voltages for the xdcp analog section. pin names symbol description scl serial clock sda serial data a0-a3 device address r h0 ? h3 , r l0 ? l3 potentiometer pins (terminal equivalent) r w0 ? w3 potentiometer pins (wiper equivalent) wp hardware write protection v+,v- analog supplies v cc system supply voltage v ss system ground nc no connection pin configuration v cc r l0 r h0 wp sda a 1 1 2 3 4 5 6 7 8 9 10 24 23 22 21 20 19 18 17 16 15 v+ r l3 r h3 r w3 a 0 nc a 3 scl r l2 r h2 dip/soic X9407 v ss r w0 14 13 11 12 a 2 r l1 r h1 r w1 r w2 v- sda a 1 r h2 1 2 3 4 5 6 7 8 9 10 24 23 22 21 20 19 18 17 16 15 wp a 2 r w0 v cc v+ r l3 r h3 r w3 tssop X9407 r w2 14 13 11 12 a 3 r l1 r h1 r w1 a 0 nc r h0 v- scl r l2 r l0 v ss
X9407 characteristics subject to change without notice. 3 of 20 rev 1.6 10/10/02 www.xicor.com principles of operation the X9407 is a highly integrated microcircuit incorporating four resistor arrays and their associated registers and counters and the serial interface logic providing direct communication between the host and the xdcp potentiometers. serial interface the X9407 supports a bidirectional bus oriented protocol. the protocol de?es any device that sends data onto the bus as a transmitter and the receiving device as the receiver. the device controlling the transfer is a master and the device being controlled is the slave. the master will always initiate data transfers and provide the clock for both transmit and receive operations. therefore, the X9407 will be considered a slave device in all applications. clock and data conventions data states on the sda line can change only during scl low periods (t low ). sda state changes during scl high are reserved for indicating start and stop conditions. start condition all commands to the X9407 are preceded by the start condition, which is a high to low transition of sda while scl is high (t high ). the X9407 continuously monitors the sda and scl lines for the start condition and will not respond to any command until this condition is met. stop condition all communications must be terminated by a stop condition, which is a low to high transition of sda while scl is high. acknowledge acknowledge is a software convention used to provide a positive handshake between the master and slave devices on the bus to indicate the successful receipt of data. the transmitting device, either the master or the slave, will release the sda bus after transmitting eight bits. the master generates a ninth clock cycle and during this period the receiver pulls the sda line low to acknowledge that it successfully received the eight bits of data. the X9407 will respond with an acknowledge after recognition of a start condition and its slave address and once again after successful receipt of the command byte. if the command is followed by a data byte the X9407 will respond with a ?al acknowledge. array description the X9407 is comprised of four resistor arrays. each array contains 63 discrete resistive segments that are connected in series. the physical ends of each array are equivalent to the ?ed terminals of a mechanical potentiometer (r h and r l inputs). at both ends of each array and between each resistor segment is a cmos switch connected to the wiper (r w ) output. within each individual array only one switch may be turned on at a time. these switches are controlled by the wiper counter register (wcr). the six bits of the wcr are decoded to select, and enable, one of sixty-four switches. the wcr may be written directly, or it can be changed by transferring the contents of one of four associated data registers into the wcr. these data registers and the wcr can be read and written by the host system. device addressing following a start condition the master must output the address of the slave it is accessing. the most signi?ant four bits of the slave address are the device type identi?r (refer to figure 1 below). for the X9407 this is ?ed as 0101[b]. figure 1. slave address the next four bits of the slave address are the device address. the physical device address is de?ed by the state of the a 0 -a 3 inputs. the X9407 compares the serial data stream with the address input state; a successful compare of all four address bits is required for the X9407 to respond with an acknowledge. the a 0 ? 3 inputs can be actively driven by cmos input signals or tied to v cc or v ss . 1 00 a3 a2 a1 a0 device type identifier device address 1
X9407 characteristics subject to change without notice. 4 of 20 rev 1.6 10/10/02 www.xicor.com acknowledge polling the disabling of the inputs, during the internal nonvolatile write operation, can be used to take advantage of the typical 5ms eeprom write cycle time. once the stop condition is issued to indicate the end of the nonvolatile write command the X9407 initiates the internal write cycle. ack polling can be initiated immediately. this involves issuing the start condition followed by the device slave address. if the X9407 is still busy with the write operation no ack will be returned. if the X9407 has completed the write operation an ack will be returned and the master can then proceed with the next operation. flow 1. ack polling sequence instruction structure the next byte sent to the X9407 contains the instruction and register pointer information. the four most signi?ant bits are the instruction. the next four bits point to one of the two pots and when applicable they point to one of four associated registers. the format is shown below in figure 2. figure 2. instruction byte format the four high order bits de?e the instruction. the next two bits (r1 and r0) select one of the four registers that is to be acted upon when a register oriented instruction is issued. the last bits (p1, p0) select which one of the four potentiometers is to be affected by the instruction. four of the nine instructions end with the transmission of the instruction byte. the basic sequence is illustrated in figure 3. these two-byte instructions exchange data between the wiper counter register and one of the data registers. a transfer from a data register to a wiper counter register is essentially a write to a static ram. the response of the wiper to this action will be delayed t wrl . a transfer from the wiper counter register (current wiper position), to a data register is a write to nonvolatile memory and takes a minimum of t wr to complete. the transfer can occur between one of the four potentiometers and one of its associated registers; or it may occur globally, wherein the transfer occurs between all of the potentiometers and one of their associated registers. four instructions require a three-byte sequence to complete. these instructions transfer data between the host and the X9407; either between the host and one of the data registers or directly between the host and the wiper counter register. these instructions are: read wiper counter register (read the current wiper position of the selected pot), write wiper counter register (change current wiper position of the selected pot), read data register (read the contents of the selected nonvolatile register) and write data register (write a new value to the selected data register). the sequence of operations is shown in figure 4. nonvolatile write command completed enter ack polling issue start issue slave address ack returned? further operation? issue instruction issue stop no yes yes proceed issue stop no proceed i1 i2 i3 i0 r1 r0 p1 p0 wiper counter register select instructions register select
X9407 characteristics subject to change without notice. 5 of 20 rev 1.6 10/10/02 www.xicor.com figure 3. two-byte instruction sequence s t a r t 0101a3a2a1a0 a c k i3 i2 i1 i0 r1 r0 p1 p0 a c k scl sda s t o p the increment/decrement command is different from the other commands. once the command is issued and the X9407 has responded with an acknowledge, the master can clock the selected wiper up and/or down in one segment steps; thereby, providing a ?e tuning capability to the host. for each scl clock pulse (t high ) while sda is high, the selected wiper will move one resistor segment towards the r h terminal. similarly, for each scl clock pulse while sda is low, the selected wiper will move one resistor segment towards the r l terminal. a detailed illustration of the sequence and timing for this operation are shown in figures 5 and 6 respectively. table 1. instruction set note: (7) 1/0 = data is one or zero instruction instruction set operation i 3 i 2 i 1 i 0 r 1 r 0 p 1 p 0 read wiper counter register 10010 0p 1 p 0 read the contents of the wiper counter register pointed to by p 1 ? 0 write wiper counter register 10100 0p 1 p 0 write new value to the wiper counter register pointed to by p 1 ? 0 read data register 1 0 1 1 r 1 r 0 p 1 p 0 read the contents of the data register pointed to by p 1 ? 0 and r 1 ? 0 write data register 1 1 0 0 r 1 r 0 p 1 p 0 write new value to the data register pointed to by p 1 ? 0 and r 1 ? 0 xfr data register to wiper counter register 1101r 1 r 0 p 1 p 0 transfer the contents of the data register pointed to by p 1 ? 0 and r 1 ? 0 to its associated w iper counter register xfr wiper counter register to data register 1110r 1 r 0 p 1 p 0 transfer the contents of the wiper counter register pointed to by p 1 ? 0 to the data register pointed to by r 1 ? 0 global xfr data reg- isters to wiper counter registers 0001r 1 r 0 0 0 transfer the contents of the data registers pointed to by r 1 ? 0 of all four pots to their respective wiper counter registers global xfr wiper counter registers to data register 1000r 1 r 0 0 0 transfer the contents of both wiper counter regis- ters to their respective data registers pointed to by r 1 ? 0 of all four pots increment/decrement wiper counter register 00100 0p 1 p 0 enable increment/decrement of the w iper counter register pointed to by p 1 ? 0
X9407 characteristics subject to change without notice. 6 of 20 rev 1.6 10/10/02 www.xicor.com figure 4. three-byte instruction sequence figure 5. increment/decrement instruction sequence figure 6. increment/decrement timing limits s t a r t 0 1 0 1 a3 a2 a1 a0 a c k i3 i2 i1 i0 r1 r0 p1 p0 a c k scl sda s t o p a c k 0 0 d5 d4 d3 d2 d1 d0 s t a r t 0101a3a2a1a0 a c k i3 i2 i1 i0 r0 p1 p0 a c k scl sda s t o p i n c 1 i n c 2 i n c n d e c 1 d e c n r1 scl sda v w /r w inc/dec cmd issued voltage out t wrid
X9407 characteristics subject to change without notice. 7 of 20 rev 1.6 10/10/02 www.xicor.com figure 7. acknowledge response from receiver figure 8. detailed potentiometer block diagram scl from data output 1 89 start acknowledge master from transmitter data output from receiver serial data path from interface circuitry register 0 register 1 register 2 register 3 serial bus input parallel bus input wiper counter register inc/dec logic up/dn clk modified scl up/dn r h r l r w if wcr = 00[h] then r w = r l if wcr = 3f[h] then r w = r h 8 6 c o u n t e r d e c o d e (wcr)
X9407 characteristics subject to change without notice. 8 of 20 rev 1.6 10/10/02 www.xicor.com detailed operation all xdcp potentiometers share the serial interface and share a common architecture. each potentiometer has a wiper counter register and four data registers. a detailed discussion of the register organization and array operation follows. wiper counter register the X9407 contains four wiper counter registers, one for each xdcp potentiometer. the wiper counter register can be envisioned as a 6-bit parallel and serial load counter with its outputs decoded to select one of sixty-four switches along its resistor array. the contents of the wcr can be altered in four ways: it may be written directly by the host via the write wiper counter register instruction (serial load); it may be written indirectly by transferring the contents of one of four associated data registers via the xfr data register instruction (parallel load); it can be modi?d one step at a time by the increment/ decrement instruction. finally, it is loaded with the contents of its data register zero (dr0) upon power-up. the wcr is a volatile register; that is, its contents are lost when the X9407 is powered-down. although the register is automatically loaded with the value in r0 upon power-up, it should be noted this may be different from the value present at power-down. data registers each potentiometer has four nonvolatile data registers. these can be read or written directly by the host and data can be transferred between any of the four data registers and the wcr. it should be noted all operations changing data in one of these registers is a nonvolatile operation and will take a maximum of 10ms. if the application does not require storage of multiple settings for the potentiometer, these registers can be used as regular memory locations that could possibly store system parameters or user preference data. register descriptions data registers, (6-bit), nonvolatile four 6-bit data registers for each xdcp. (sixteen 6-bit registers in total). {d5~d0}: these bits are for general purpose not vol- atile data storage or for storage of up to four different wiper values. the contents of data register 0 are automatically moved to the wiper counter register on power-up. wiper counter register, (6-bit), volatile one 6-bit wiper counter register for each xdcp. (four 6-bit registers in total.) {d5~d0}: these bits specify the wiper position of the respective xdcp. the wiper counter register is loaded on power-up by the value in data register 0. the contents of the wcr can be loaded from any of the other data register or directly. the contents of the wcr can be saved in a dr. d5 d4 d3 d2 d1 d0 nv nv nv nv nv nv (msb) (lsb) wp5 wp4 wp3 wp2 wp1 wp0 vvvvvv (msb) (lsb)
X9407 characteristics subject to change without notice. 9 of 20 rev 1.6 10/10/02 www.xicor.com instruction format notes: (1) ?ack??ack? stands for the acknowledge sent by the master/slave. (2) ?3 ~ a0? stands for the device addresses sent by the master. (3) ?? indicates that it is a ? for testing purpose but physically it is a ?on? care condition. (4) ?? stands for the increment operation, sda held high during active scl phase (high). (5) ?? stands for the decrement operation, sda held low during active scl phase (high). read wiper counter register (wcr) write wiper counter register (wcr) read data register (dr) write data register (dr) xfr data register (dr) to wiper counter register (wcr) write wiper counter register (wcr) to data register (dr) s t a r t device type identifier device addresses s a c k instruction opcode wcr addresses s a c k wiper position (sent by slave on sda) m a c k s t o p 0101 a 3 a 2 a 1 a 0 100100 p 1 p 0 00 w p 5 w p 4 w p 3 w p 2 w p 1 w p 0 s t a r t device type identifier device addresses s a c k instruction opcode wcr addresses s a c k wiper position (sent by master on sda) s a c k s t o p 0101 a 3 a 2 a 1 a 0 101000 p 1 p 0 00 w p 5 w p 4 w p 3 w p 2 w p 1 w p 0 s t a r t device type identifier device addresses s a c k instruction opcode dr and wcr addresses s a c k wiper position/data (sent by slave on sda) m a c k s t o p 0101 a 3 a 2 a 1 a 0 1011 r 1 r 0 p 1 p 0 00 w p 5 w p 4 w p 3 w p 2 w p 1 w p 0 s t a r t device type identifier device addresses s a c k instruction opcode dr and wcr addresses s a c k wiper position/data (sent by master on sda) s a c k s t o p high-voltage write cycle 0101 a 3 a 2 a 1 a 0 1100 r 1 r 0 p 1 p 0 00 w p 5 w p 4 w p 3 w p 2 w p 1 w p 0 s t a r t device type identifier device addresses s a c k instruction opcode dr and wcr addresses s a c k s t o p 0101 a 3 a 2 a 1 a 0 1101 r 1 r 0 p 1 p 0 s t a r t device type identifier device addresses s a c k instruction opcode dr and wcr addresses s a c k s t o p high-voltage write cycle 0101 a 3 a 2 a 1 a 0 1110 r 1 r 0 p 1 p 0
X9407 characteristics subject to change without notice. 10 of 20 rev 1.6 10/10/02 www.xicor.com increment/decrement wiper counter register (wcr) global xfr data register (dr) to wiper counter register (wcr) global xfr wiper counter register (wcr) to data register (dr) s t a r t device type identifier device addresses s a c k instruction opcode wcr addresses s a c k increment/decrement (sent by master on sda) s t o p 0101 a 3 a 2 a 1 a 0 001000 p 1 p 0 i/ d i/ d .... i/ d i/ d s t a r t device type identifier device addresses s a c k instruction opcode dr addresses s a c k s t o p 0101 a 3 a 2 a 1 a 0 0001 r 1 r 0 00 s t a r t device type identifier device addresses s a c k instruction opcode dr addresses s a c k s t o p high-voltage write cycle 0101 a 3 a 2 a 1 a 0 1000 r 1 r 0 00 symbol table guidelines for calculating typical values of bus pull-up resistors waveform inputs outputs must be steady will be steady may change from low to high will change from low to high may change from high to low will change from high to low don? care: changes allowed changing: state not known n/a center line is high impedance 120 100 80 40 60 20 20 40 60 80 100 120 0 0 resistance (k) bus capacitance (pf) min. resistance max. resistance r max = c bus t r r min = i ol min v cc max =1.8k ?
X9407 characteristics subject to change without notice. 11 of 20 rev 1.6 10/10/02 www.xicor.com absolute maximum ratings temperature under bias ....................?5 c to +135 c storage temperature .........................?5 c to +150 c voltage on sda, scl or any address input with respect to v ss ......................... ?v to +7v voltage on v+ (referenced to v ss ) ........................ 10v voltage on v- (referenced to v ss ) ........................ -10v (v+) ?(v-) ............................................................. 12v any r h , r l , r w ................................................. v-, v+ lead temperature (soldering, 10 seconds) ........300 c i w (10 seconds) ................................................. ?ma comment stresses above those listed under ?bsolute maximum ratings may cause permanent damage to the device. this is a stress rating only; the functional operation of the device (at these or any other conditions above those listed in the operational sections of this speci?ation) is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. recommended operating conditions temperature min. max. commercial 0 c +70 c industrial ?0 c +85 c device supply voltage (v cc ) limits X9407 5v 10% X9407-2.7 2.7v to 5.5v analog characteristics (over recommended operating conditions unless otherwise stated.) symbol parameter limits test condition min. typ. max. unit end to end resistance tolerance ?0 +20 % power rating 50 mw 25?, each pot i w wiper current ? +3 ma r w wiper resistance 150 250 ? i w = 1ma @ v cc , v+, v- = ?v 40 100 ? i w = 1ma @ v cc , v+, v- = ?v v v + voltage on v+ pin +4.5 +5.5 v +2.7 +5.5 v v - voltage on v- pin -5.5 -4.5 v -5.5 -2.7 v term voltage on any r w , r h or r l pin v- v+ v noise -120 dbv ref: 1khz resolution 1.6 % see note 4 absolute linearity (1) ? +1 mi (3) r w(n)(actual) ? w(n)(expected) (4) relative linearity (2) ?.2 +0.2 mi (3) r w(n + 1) ?r w(n) + mi ] (4) temperature coefficient of r total 300 ppm/? see note 4 ratiometric temperature coefficient 20 ppm/? see note 4 c h /c l /c w potentiometer capacitances 10/10/25 pf see macro model i al r h , r l , r w leakage current 0.1 10 ? v in = v?to v+. device is in stand-by mode.
X9407 characteristics subject to change without notice. 12 of 20 rev 1.6 10/10/02 www.xicor.com d.c. operating characteristics (over the recommended operating conditions unless otherwise specified.) notes: (1) absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position whe n used as a potentiometer. (2) relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti- ometer. it is a measure of the error in step size. (3) mi = rtot/63 or (r h ? l )/63, single pot endurance and data retention capacitance power-up timing power up requirements (power up sequencing can affect correct recall of the wiper registers) the preferred power-on sequence is as follows: first v cc , then v?and v+, and then the potentiometer pins, r h , r l , and r w . voltage should not be applied to the potentiometer pins before v+ or v?is applied. the v cc ramp rate speci?ation should be met, and any glitches or slope changes in the v cc line should be held to <100mv if possi- ble. also, v cc should not reverse polarity by more than 0.5v. recall of wiper position will not be complete until v cc , v+ and v?reach their ?al value. notes: (4) this parameter is periodically sampled and not 100% tested (5) t pur and t puw are the delays required from the time the third (last) power supply (v cc , v+ or v-) is stable until the speci? instruction can be issued. these parameters are periodically sampled and not 100% tested. (6) this is not guaranteed or tested parameter and should only be used as a guidance. symbol parameter limits test conditions min. typ. max. unit i cc1 v cc supply current (nonvolatile write) 1maf scl = 400khz, sda = open, other inputs = v ss i cc2 v cc supply current (move wiper, write, read) 100 ? f scl = 400khz, sda = open, other inputs = v ss i sb v cc current (standby) 10 ? scl = sda = v cc , addr. = v ss i li input leakage current 10 ? v in = v ss to v cc i lo output leakage current 10 ? v out = v ss to v cc v ih input high voltage v cc x 0.7 v cc + 0.5 v v il input low voltage ?.5 v cc x 0.1 v v ol output low voltage 0.4 v i ol = 3ma parameter min. unit minimum endurance 100,000 data changes per bit per register data retention 100 years symbol test max. unit test condition c i/o (4) input/output capacitance (sda) 8 pf v i/o = 0v c in (4) input capacitance (a0, a1, a2, a3, and scl) 6 pf v in = 0v symbol parameter min. max. unit t pur (5) power-up to initiation of read operation 1 ms t puw (5) power-up to initiation of write operation 5 ms t r v cc (6) v cc power up ramp 0.2 50 v/msec
X9407 characteristics subject to change without notice. 13 of 20 rev 1.6 10/10/02 www.xicor.com ac timing (over recommended operating condition) high-voltage write cycle timing symbol parameter min. max. unit f scl clock frequency 400 khz t cyc clock cycle time 2500 ns t high clock high time 600 ns t low clock low time 1300 ns t su:sta start setup time 600 ns t hd:sta start hold time 600 ns t su:sto stop setup time 600 ns t su:dat sda data input setup time 100 ns t hd:dat sda data input hold time 30 ns t r scl and sda rise time 300 ns t f scl and sda fall time 300 ns t aa scl low to sda data output valid time 900 ns t dh sda data output hold time 50 ns t i noise suppression time constant at scl and sda inputs 50 ns t buf bus free time (prior to any transmission) 1300 ns t su:wpa wp , a0, a1, a2 and a3 setup time 0 ns t hd:wpa wp , a0, a1, a2 and a3 hold time 0 ns symbol parameter typ. max. unit t wr high-voltage write cycle time (store instructions) 5 10 ms a.c. test conditions equivalent a.c. load circuit circuit #3 spice macro model i nput pulse levels v cc x 0.1 to v cc x 0.9 input rise and fall times 10ns input and output timing level v cc x 0.5 5v 1533 ? 100pf sda output 10pf r h r total c h 25pf c w c l 10pf r w r l
X9407 characteristics subject to change without notice. 14 of 20 rev 1.6 10/10/02 www.xicor.com xdcp timing notes: (9) a device must internally provide a hold time of at least 300ns for the sda signal in order to bridge the unde?ed region of the falling edge of scl. timing diagrams start and stop timing g input timing output timing symbol parameter min. max. unit t wrpo wiper response time after the third (last) power supply is stable 10 ? t wrl wiper response time after instruction issued (all load instructions) 10 ? t wrid wiper response time from an active scl/sck edge (increment/decrement instruction) 10 s t su:sta t hd:sta t su:sto scl sda t r (start) (stop) t f t r t f scl sda t high t low t cyc t hd:dat t su:dat t buf scl sda t dh t aa
X9407 characteristics subject to change without notice. 15 of 20 rev 1.6 10/10/02 www.xicor.com xdcp timing (for all load instructions) xdcp timing (for increment/decrement instruction) write protect and device address pins timing scl sda vwx (stop) lsb t wrl scl sda vwx t wrid wiper register address inc/dec inc/dec sda scl ... ... ... wp a0, a1 a2, a3 t su:wpa t hd:wpa (start) (stop) (any instruction)
X9407 characteristics subject to change without notice. 16 of 20 rev 1.6 10/10/02 www.xicor.com applications information basic configurations of electronic potentiometers application circuits v r v w /r w +v r i three terminal potentiometer; variable voltage divider two terminal variable resistor; variable current noninverting amplifier voltage regulator offset voltage adjustment comparator with hysteresis + v s v o r 2 r 1 v o = (1+r 2 /r 1 )v s r 1 r 2 i adj v o (reg) = 1.25v (1+r 2 /r 1 )+i adj r 2 v o (reg) v in 317 + v s v o r 2 r 1 v ul = {r 1 /(r 1 +r 2 )} v o (max) v ll = {r 1 /(r 1 +r 2 )} v o (min) 100k ? 10k ? 10k ? 10k ? -12v +12v tl072 + v s v o r 2 r 1 } }
X9407 characteristics subject to change without notice. 17 of 20 rev 1.6 10/10/02 www.xicor.com application circuits (continued) inverting amplifier equivalent l-r circuit + v s v o r 2 r 1 z in = r 2 + s r 2 (r 1 + r 3 ) c 1 = r 2 + s leq (r 1 + r 3 ) >> r 2 + v s function generator } } v o = g v s g = - r 2 /r 1 r 2 c 1 r 1 r 3 z in + r 2 + r 1 } } r a r b frequency r 1 , r 2 , c amplitude r a , r b c attenuator filter + v s v o r 3 r 1 v o = g v s -1/2 g +1/2 g o = 1 + r 2 /r 1 fc = 1/(2prc) r 2 r 4 all r s = 10k ? + v s r 2 r 1 r c v o
X9407 characteristics subject to change without notice. 18 of 20 rev 1.6 10/10/02 www.xicor.com packaging information 0.290 (7.37) 0.299 (7.60) 0.393 (10.00) 0.420 (10.65) 0.014 (0.35) 0.020 (0.50) pin 1 pin 1 index 0.050 (1.27) 0.598 (15.20) 0.610 (15.49) 0.003 (0.10) 0.012 (0.30) 0.092 (2.35) 0.105 (2.65) (4x) 7 24-lead plastic small outline gull wing package type s note: all dimensions in inches (in parentheses in millimeters) 0.420" 0.050" typical 0.050" typical 0.030" typical 24 places footprint 0.010 (0.25) 0.020 (0.50) 0.015 (0.40) 0.050 (1.27) 0.009 (0.22) 0.013 (0.33) 0??8 x 45
X9407 characteristics subject to change without notice. 19 of 20 rev 1.6 10/10/02 www.xicor.com packaging information note: all dimensions in inches (in parentheses in millimeters) 24-lead plastic, tssop package type v .169 (4.3) .177 (4.5) .252 (6.4) bsc .026 (.65) bsc .303 (7.70) .311 (7.90) .002 (.06) .005 (.15) .047 (1.20) .0075 (.19) .0118 (.30) see detail ? .031 (.80) .041 (1.05) .010 (.25) .020 (.50) .030 (.75) gage plane seating plane detail a (20x) (4.16) (7.72) (1.78) (0.42) (0.65) all measurements are typical 08
X9407 characteristics subject to change without notice. 20 of 20 limited warranty devices sold by xicor, inc. are covered by the warranty and patent indemni?ation provisions appearing in its terms of sale onl y. xicor, inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the descr ibed devices from patent infringement. xicor, inc. makes no warranty of merchantability or ?ness for any purpose. xicor, inc. reserves the right to discontinue produ ction and change speci?ations and prices at any time and without notice. xicor, inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a xicor, inc. product. no o ther circuits, patents, or licenses are implied. trademark disclaimer: xicor and the xicor logo are registered trademarks of xicor, inc. autostore, direct write, block lock, serialflash, mps, and xd cp are also trademarks of xicor, inc. all others belong to their respective owners. u.s. patents xicor products are covered by one or more of the following u.s. patents: 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976; 4,980,859; 5,012,132; 5,003,197; 5,023,694; 5,084, 667; 5,153,880; 5,153,691; 5,161,137; 5,219,774; 5,270,927; 5,324,676; 5,434,396; 5,544,103; 5,587,573; 5,835,409; 5,977,585. foreign patents and addition al patents pending. life related policy in situations where semiconductor component failure may endanger life, system designers using this product should design the sy stem with appropriate error detection and correction, redundancy and back-up features to prevent such an occurrence. xicors products are not authorized for use in critical components in life support devices or systems. 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) sup port or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to res ult in a signi?ant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. ?icor, inc. 2000 patents pending rev 1.6 10/10/02 www.xicor.com ordering information device v cc limits blank = 5v 10% ?.7 = 2.7 to 5.5v temperature range blank = commercial = 0 c to +70 c i = industrial = ?0 c to +85 c package s24 = 24-lead soic v24 = 24-lead tssop potentiometer organization pot 0 pot 1 pot 3 pot 4 w = 10k ? 10k ? 10k ? 10k ? y = 2.5k ? 2.5k ? 2.5k ? 2.5k ? X9407 p t v y


▲Up To Search▲   

 
Price & Availability of X9407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X