Part Number Hot Search : 
SD484 6N136 40WR21 LTC1655 74HCT138 RT8H052C SBMJ160 FSL136HR
Product Description
Full Text Search
 

To Download STTH100W04C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. october 2012 doc id 023617 rev 1 1/8 8 STTH100W04C turbo 2 ultrafast high voltage rectifier datasheet ? production data features ultrafast switching low reverse recovery current low thermal resistance reduces switching losses ecopack ? 2 compliant component ribbon bonding for more robustness description the STTH100W04Cw, uses st turbo 2, 400 v technology. it is especially suited to be used for dc/dc and dc/ac converters in secondary stage of mig/mma/tig welding machine. housed in st's to-247, this device offers high power integration for all welding machines and industrial applications. table 1. device summary symbol value i f(av) 2 x 50 a v rrm 400 v t rr (typ) 35 ns t j (max) 175 c v f (typ) 0.98 v a1 k a2 a1 k a2 a1 a2 k to-247 STTH100W04Cw www.st.com
characteristics STTH100W04C 2/8 doc id 023617 rev 1 1 characteristics when diodes 1 and 2 are used simultaneously: t j (diode 1) = p(diode 1) x r th(j-c) (per diode) + p(diode 2) x r th(c) to evaluate the conduction losses use the following equation: p = 0.85 x i f(av) + 0.007 i f 2 (rms) table 2. absolute ratings (limiting values, at 25 c, unless otherwise specified, per diode) symbol parameter value unit v rrm repetitive peak reverse voltage 400 v i f(rms) forward rms current 75 a i f(av) average forward current, ? = 0.5 t c = 120 c per diode 50 a t c = 110c per device 100 i fsm surge non repetitive forward current t p = 10 ms sinusoidal 350 a t stg storage temperature range -65 to + 175 c t j maximum operating junction temperature + 175 c table 3. thermal resistance symbol parameter value unit r th(j-c) junction to case per diode 0.7 c / w total 0.4 r th(c) coupling 0.1 c / w table 4. static electrical characteristics (per diode) symbol parameter test co nditions min. typ max. unit i r (1) 1. pulse test: t p = 5 ms, ? < 2% reverse leakage current t j = 25 c v r = v rrm 25 a t j = 125 c 25 250 v f (2) 2. pulse test: t p = 380 s, ? < 2% forward voltage drop t j = 25 c i f = 50a 1.45 v t j = 150 c 0.98 1.20 t j = 25 c i f = 100 a 1.75 t j = 150 c 1.25 1.55
STTH100W04C characteristics doc id 023617 rev 1 3/8 table 5. dynamic electrical characteristics (per diode) symbol parameter test conditions min. typ max. unit i rm reverse recovery current t j = 125 c i f = 50 a, v r = 320 v di f /dt = -200 a/s 15 20 a q rr reverse recovery charge 850 nc s factor softness factor 0.3 t rr reverse recovery time t j = 25 c i f = 1 a, v r = 30 v di f /dt = -100 a/s 35 50 ns t fr forward recovery time t j = 25 c i f = 50 a, v fr = 1.4 v di f /dt = 200 a/s 500 ns v fp forward recovery voltage t j = 25 c 2 3 v figure 1. average forward power dissipation versus average forward current (per diode) figure 2. forward voltage drop versus forward current (per diode) p (w) f(av) 0 10 20 30 40 50 60 70 80 90 0 10203040506070 = 0.05 1 = 0. = 0.2 = 0.5 = 1 = tp/t tp t i f(av) (a) i fm (a) 0.1 1.0 10.0 100.0 1000.0 0.0 0.4 0.8 1.2 1.6 2.0 2.4 t j =150c (maximum values) t j =150 c (typical values) t j =25 c (maximum values) v fm (v) figure 3. relative variation of thermal impedance junction to case versus pulse duration figure 4. peak reverse recovery current versus di f /dt (typical values, per diode) z th(j-c) /r th(j-c) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 single pulse t p (s) i rm (a) 0 5 10 15 20 25 30 35 0 50 100 150 200 250 300 350 400 450 500 i f =i f(av) v r =320 v t j =125 c di f /dt(a/s)
characteristics STTH100W04C 4/8 doc id 023617 rev 1 figure 5. reverse recovery time versus di f /dt (typical values, per diode) figure 6. reverse recovery charges versus di f /dt (typical values, per diode) 0 20 40 60 80 100 120 140 160 180 0 50 100 150 200 250 300 350 400 450 500 t rr (ns) i f =i f(av) v r =320 v t j =125 c di f /dt(a/s) q rr (nc) 0 200 400 600 800 1000 1200 1400 1600 0 50 100 150 200 250 300 350 400 450 500 i f =i f(av) v r =320 v t j =125 c di f /dt(a/s) figure 7. reverse recovery softness factor versus di f /dt (typical values, per diode) figure 8. relative variation of dynamic parameters versus junction temperature s factor 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0 50 100 150 200 250 300 350 400 450 500 i f =i f(av) v r =320 v t j =125 c di f /dt(a/s) t j (c) 0.0 0.5 1.0 1.5 2.0 25 50 75 100 125 i f =i f(av) v r =320 v reference: t j =125 c i rm s factor q rr figure 9. transient peak forward voltage versus di f /dt (typical values, per diode) figure 10. forward recovery time versus di f /dt (typical values, per diode) v fp (v) 0 1 2 3 4 5 100 150 200 250 300 350 400 450 500 i f =i f(av) t j =125 c di f /dt(a/s) t fr (ns) 0 100 200 300 400 500 100 150 200 250 300 350 400 450 500 i f =i f(av) v fr =1.4 v t j =125 c di f /dt(a/s)
STTH100W04C characteristics doc id 023617 rev 1 5/8 figure 11. junction capacitance versus reverse voltage applied (typical values, per diode) c(pf) 10 100 1000 1 10 100 1000 f=1 mhz v osc =30 mv rms t j =25 c v r (v)
package information STTH100W04C 6/8 doc id 023617 rev 1 2 package information epoxy meets ul94, v0 cooling method: by conduction (c) recommended torque value: 0.55 nm (1.0 nm maximum) in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. table 6. to-247 dimensions ref. dimensions millimeters inches min. typ. max. min. typ max. a 4.85 5.15 0.191 0.203 a1 2.20 2.60 0.086 0.102 b 1.00 1.40 0.039 0.055 b1 2.00 2.40 0.078 0.094 b2 3.00 3.40 0.118 0.133 c 0.40 0.80 0.015 0.031 d (1) 1. dimension d plus gate protrusion does not exceed 20.5 mm 19.85 20.15 0.781 0.793 e 15.45 15.75 0.608 0.620 e 5.30 5.45 5.60 0.209 0.215 0.220 l 14.20 14.80 0.559 0.582 l1 3.70 4.30 0.145 0.169 l2 18.50 typ. 0.728 typ. ? p (2) 2. resin thickness around the mounti ng hole is not less than 0.9 mm 3.55 3.65 0.139 0.143 ? r 4.50 5.50 0.177 0.217 s 5.30 5.50 5.70 0.209 0.216 0.224 e l2 s d c a1 back view heat-sink plane l1 l b1 b2 b a e 1 1 2 2 3 3 ? r ? p
STTH100W04C ordering information doc id 023617 rev 1 7/8 3 ordering information 4 revision history table 7. ordering information ordering type marking package weight base qty delivery mode STTH100W04Cw STTH100W04Cw to-247 4.46 g 50 tube table 8. document revision history date revision changes 05-oct-2012 1 first issue.
STTH100W04C 8/8 doc id 023617 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2012 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: stmicroelectronics: ? STTH100W04Cw


▲Up To Search▲   

 
Price & Availability of STTH100W04C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X