Part Number Hot Search : 
HCPL0738 C3115 MB86H LT357 LB1258 M74HC3 0BA02 ISL65
Product Description
Full Text Search
 

To Download SR2030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3 2 10.2 0.2 |? 3 . 8 0 . 1 5 2.8 0.1 19.0 0.5 pin 3.5 0.3 0.9 0.1 2.5 0.1 13.8 0.5 2.6 0.2 0.5 0.1 8.9 0.2 1.4 0.2 4.5 0.2 pin 1 pin 3 case pin 2 positive ct dimensions in millimeters mounting position: any maximum ratings and electrical characteristics sr 2060ct units maximum recurrent peak reverse voltage v rrm 60 v working peak reverse voltage v rms 42 v maximum dc blocking voltage v dc 60 v maximum average f orw ard rectified current v 9.5mm lead length, @ t a =100 i f(av) a peak forw ard surge current 8.3 ms s ingle half v sine-w ave superimposed on rated load v (jedec method) @t j =125 i fsm a maximum instantaneous f orw ard voltage per leg @ 10a(note1) v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 operating junction temperature range t j storage temperature range t stg 35 20 30 40 50 sr 2030ct polarity: as marked to-220ab -55 --- +150 note: 1. pulse test:300us pulse width,1% duty cy cle. 21 28 ma 50.0 14 high surge capability -55 --- +150 the plastic material carries u/l recognition 94v-0 i r 150.0 0.75 0.65 1.0 low forward voltage drop,low switching losses 20.0 30 40 sr 2020ct sr 2040ct sr 2050ct 50 case:jedec to--220ab,molded plastic reverse voltage: 20 - 60 v forward current: 20 a 20 weight: 0.08ounce, 2.24 grams single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. ratings at 25 ambient temperature unless otherwise specified. metal-semiconductor junction with guard ring epitaxial construction for use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications sr2020ct-sr2060ct dual schottky rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
.01 50 .4 .5 .9 1.1 1 .6 1.0 .7 .8 sr2020ct-sr2040ct 0.1.2 .3 1.2 .1 10 sr2050ct-sr2060ct t j =125 t j =25 pulse width = 300 s 1% duty cycle .001 10 1 06 0 .1 80 100 t j =25 ?? t j =75 ?? t j =125 ?? .01 4020 sr2020ct-sr2040ct sr2050ct-sr2060ct 100 1 1 0 1000 4000 100 0.1 t j =25 sr2020ct-sr2040ct sr2050ct-sr2060ct 0 5 15 10 25 20 0 50 100 150 30 resistive or inductive load amperes milliamperes amperes amperes transient thermal impedance, /w pulse duration, sec junction capacitance, pf fig.3 -- typical instantaneous forward characteristics per leg reverse voltage, volts fig.5 -- typical junction capacitance fig.6 -- typical transient thermal impedance number of cycle at 60hz instantaneous forward voltage, volts instantaneous forward current peak forward surge current fig.4 -- peak forward surge current case temperature, percent of rated peak reverse voltage, % average forward current fig.2 -- typical reverse characteristics per leg fig.1 --forward current derating curve instantaneous reverse current 200 1 5 10 60 80 140 120 160 180 50 100 t j =t j max. 8.3ms single half sine-wave (jedec method) 100 40 0.1 1 0.01 0.1 10 1 10 100 100 sr2020ct-sr2060ct dual schottky rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SR2030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X