Part Number Hot Search : 
SDM0565R M38021E1 025AF SB200 ZM4736 MEGA64 ATMEGA 2SC1317
Product Description
Full Text Search
 

To Download SR15100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  notes : 1.pulse test: 300 s pulse width,1% duty cycle 2.thermal resistance from junction to case features mechanical data maximum ratings and electrical characteristics case : jedec to -263 molded plastic body t erminals : solderable per mil -std -202,method 208 p olarity : as mark ed mounting p osition : any w eight : 0.08ounce, 2.24 gram (r atings at 25 c ambient temperature unless other wise specified ,single phase ,half wave ,resistive or inductive load. f or capacitive load,derate by 20%.) plastic pack age has under writers l aborator y flammability classification 94v -0 metal silicon junction ,majority carrier conduction guard ring for over voltage protection l ow power loss ,high efficiency high current capability ,l ow for ward voltage drop single rectifier construction high surge capability f or use in low voltage ,high frequency inver ters, free wheeling ,and polarity protection applications high temperature soldering guaranteed:260 c/10 seconds, 0.25"(6.35mm)from case s r 1 5 3 5 t h r u s r 1 5 2 0 0 ( s i n g l e c h i p ) schottky barrier rectifier reverse voltage - 35 to 200 volts forward current - 15amperes maximum repetitive peak reverse voltage v rrm v olts v olts v olts v olts m a a mps a mps v rms v dc i (a v) i f sm t stg v f i r r jc maximum rms voltage maximum dc blocking voltage maximum instantaneous for ward voltage at 15 a t =25 c t =125 c c c t ypical thermal resistance (note 2) operating junction temperature range storage temperature range maximum instantaneous reverse current at rated dc blocking voltage(note 1) p eak for ward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) -65 to+150 -65 to+150 3.0 0.2 30 50 c/w c c t j 35 25 35 45 32 45 50 35 50 60 42 60 100 70 100 1 5 0 105 1 5 0 15.0 150.0 symbols units sr 1535 sr 1545 sr 1550 sr 1560 sr 15100 sr 15150 maximum average for ward rectified current see f ig . 1 sr 15200 2 0 0 140 200 dimensions in inches and (millimeters) f j s r 2 5 0 0 f j s r 1 6 0 5 0.60 0 . 7 5 0 . 8 5 0 . 9 0 0 . 9 5 0 . 1 9 0 ( 4 . 8 3 ) 1 2 k 0 . 3 8 0 ( 9 . 6 5 ) 0 . 4 2 0 ( 1 0 . 6 7 ) 0 . 2 4 5 ( 6 . 2 2 ) m i n 0 . 5 6 0 ( 1 4 . 2 2 ) 0 . 6 3 9 ( 1 6 . 2 2 ) 0 . 0 2 7 ( 0 . 6 9 ) 0 . 0 3 7 ( 0 . 9 4 ) 0 . 0 9 5 ( 2 . 4 1 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 3 2 0 ( 8 . 1 3 ) 0 . 3 6 0 ( 9 . 1 4 ) 0 . 0 9 0 ( 2 . 2 9 ) 0 . 1 3 1 ( 3 . 3 2 ) 0 . 1 3 4 ( 3 . 4 0 ) 0 . 1 0 5 ( 2 . 6 7 ) 0 . 0 1 8 ( 0 . 4 6 ) 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 4 5 ( 1 . 1 4 ) 0 . 0 5 5 ( 1 . 4 0 ) 0 . 0 3 6 ( 0 . 9 2 ) 0 . 0 6 6 ( 1 . 6 8 ) 0 . 1 6 0 ( 4 . 0 6 ) t o - 2 6 3 d 2 p a k 0 . 0 4 7 ( 1 . 2 0 ) 0 . 0 5 3 ( 1 . 3 4 ) xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 1
0.01 0.001 0.01 1 0.1 10 20 0.1 1 25 50 75 100 125 150 175 5 0 10 0 20 0 40 60 80 100 1 10 100 0.2 0.1 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 0 50 100 150 0 5 15 10 25 20 fig.1-forward current derating curve fig.2-maximum non-repetitive peak forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t a m p e r e s i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) inst ant aneous forward v ol t age (v ol ts) reverse vol t age. vol ts t , pulse dura tion ,sec. percent of ra ted peak reverse vol t age% number of cycles a t 60hz lead tempera ture ( c) t j =25 c t j =12 5 c pulse width=300 s 1% duty cycle t j =t j max 8.3ms single half sine- wa ve (jedec method) t j =25 c resistive or inductve l oad 1 10 0.1 0.1 0.1 0.01 1 1 10 10 100 100 100 40 4000 1000 100 fig.5-typical junction capacitance fig.6-typical transient thermal impedance j u n c t i o n c a p a c i t a n c e ( p f ) t r a n s i e n t t h e r m a l i m p e d a n c e , c / w t j =25 c f=1.0mh z vsig=50mvp-p sr1535 -- sr1545 sr1550 - sr15200 sr1535 -- sr1545 sr1550 - sr15200 sr1535 -- sr1545 sr1550 - sr15200 t j =75 c t j =125 c s r 1 5 3 5 t h r u s r 1 5 2 0 0 ( s i n g l e c h i p ) schottky barrier rectifier reverse voltage - 35 to 200 volts forward current - 15amperes xinghe electronics e?o?? 2 gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017


▲Up To Search▲   

 
Price & Availability of SR15100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X