Part Number Hot Search : 
DLQ5243B W4218X 29LV004 5TUZ47C 24M05 2SC2650 BZT52C36 SP708R
Product Description
Full Text Search
 

To Download SBC86860DGGAF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  154 * all specifcations and photos are subject to change without notice. axiomtek.com sbc services and solutions systems on modules embedded sbcs >epic embedded sbcs >3.5" capa embedded sbcs >nano-itx embedded sbcs >pico-itx embedded sbcs >pc/104 industrial mother- boards slot cpu cards accessories appendix ? 2013 axiomtek co., ltd. all rights reserved. side view dualv iew sbc86860 lga775 intel ? core?2 quad/ core?2 duo mini itx sbc with intel ? q35 + ich9 chipset, dvi-i/lvds, pci express x4 and firewire lga775 intel ? core?2 duo/ core?2 quad processor with fsb 800/1066/1333 mhz intel ? q35 + ich9 chipset 4 com ports for transaction terminal applications 8 usb 2.0 ports and 2 ieee 1394a ports tpm 1.2 trusted platform (optional) with high performance integrated graphics controller i/o ordering information packing list system mio 1 x fdd/lpt; with spp/epp/ecp supported 1 x ps/2 keyboard 1 x ps/2 mouse 3 x rs-232 (com 2/3/4); with +5v/+12v powered 1 x rs-232/422/485 (com 1); with +5v/+12v powered sata 4 x sata-300; with raid 0/1/10/5 (optional with ich9do) hardware monitoring detect cpu/system temperature, voltage and fan speed ethernet 2 ports as 10/100/1000mbps support wake-on-lan, rpl/pxe boot rom with realtek rtl8111b audio hd codec audio as mic-in/line-out/speaker-out with realtek alc262 usb 8 x usb 2.0 firewire 2 x ieee 1394a tpm infneon slb9365 for trusted platform (optional) smbus system management bus for advanced monitoring/control interface digital i/o 8 channels in/out programmable standard SBC86860DGGAF (p/n: e386860100) lga775 mini itx sbc with dvi-i/lvds lcd, 2 10/100/1000mbps ethernet, hd audio, 4 com ports and frewire standard quick installation guide, user's manual/utility cd, cable cable part number description qty 593826a0000e sata signal cables 500mm 1 59384500200e com x 2 w/ bracket,p=2.0, l=250 mm 1 59386832000e wafer 2.00mm 6p to ps/2 cable, l=200 mm 1 cpu lga775 socket for intel ? core?2 quad/ core?2 duo/ celeron ? processors with fsb 800/1066/1333 mhz system memory 2 x 240-pin dimm supports ddr2-667/800 max. up to 4 gb chipset intel ? q35 + ich9/ich9do bios phoenix-award ssd 1 x compactflash? type-ii (optional) watchdog timer 255 levels, 1~255 sec. expansion interface 1 x pcie x4 (without cf version) or 4 x pcie x1 devices battery lithium 3v/220 mah power requirements intel ? core?2 quad q9400 2.66 ghz, 2g ddr2 max. rms: +5v_sby @ 0.022a, +3.3v @ 0.682a, +5v @ 2.967a, +12v @ 2.707a, -12v @ 0.059a size 170 x 170 mm board thickness 1.6 mm temperature 0 ~ +60c (32f ~ 140f), operation (differentiated by cpu) relative humidity 10% ~ 95% relative humidity, non-condensing features dvi/com lpt/fdd com 2/3/4 ethernet 1/2 +12v atx power conn. ddr2 dimm flat panel bezel ps/2 k/b+m/s lvds inverter lvds sata sata sata pcie x4 20-pin atx power conn. d i/o ieee 1394a+usb 3/4 ieee 1394a+usb 1/2 audio display chipset intel ? gma 3100 graphics core memory size intel ? dvmt 4.0 compliant display interface 1 x lvds; 18/24-bit single/dual channel 1 x dvi-i


▲Up To Search▲   

 
Price & Availability of SBC86860DGGAF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X