Part Number Hot Search : 
RQA0004L 25L1606 M62320GP HD74AC TDA750 A5950 SKB20440 LA35F
Product Description
Full Text Search
 

To Download SBC86850DGGA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 153 audio com 1/com 2 vga/dvi-i com 3/com 4 usb 7/8 lvds ddr2 so-dimm usb 5/6 d i/o ethernet /usb 3/4 20-pin atx power conn. pcie x4 sata ethernet/usb 1/2 sbc86850 socket p intel ? core?2 duo mini itx sbc with intel ? gm45 + ich9m chipset, ati m72 graphics chip, dualview, dvi-i/ lvds and 4 com socket p for intel ? core?2 duo/ celeron ? m processor with fsb 667/800/1067 mhz high performance ati m72 graphics chip onboard 4 com ports for transaction terminal applications 8 usb 2.0 ports supported i/o ordering information packing list system mio 1 x ps/2 keyboard and mouse 4 x rs-232; with +5v/+12v powered sata 2 x sata-300 hardware monitoring detect cpu/system temperature, voltage and fan speed ethernet 2 ports as 10/100/1000mbps support wake-on-lan, rpl/pxe boot roms with realtk rtl8111b audio 7.1 channel hd codec audio as mic-in/line-out/ speaker-out with realtek alc888 usb 8 x usb 2.0 smbus system management bus for advanced monitoring/control interface digital i/o 8 channels in/out programmable standard SBC86850DGGA w/ ati m72 socket p mini itx sbc with dvi-i/lvds lcd, 2 10/100/1000mbps ethernet, hd audio, 4 com ports and ati m72 graphics controller sbc86850vgga w/o ati m72 socket p mini itx sbc with vga/lvds lcd, 2 10/100/1000mbps ethernet, hd audio, 4 com ports optional e9c2d00016 atp z-u130 usb dom 1gb 10p (rc) e9c2d00026 atp z-u130 usb dom 2gb 10p (rc) standard quick installation guide, user's manual/utility cd, cable, cpu cooler cable part number description qty 593826a0000e sata signal cables 500mm 1 59384500200e com x 2 w/ bracket, p=2.0, l=300mm 1 cpu socket p for intel ? core?2 duo/ celeron ? m processor with fsb 667/800/1066 mhz system memory 2 x 200-pin so-dimm support ddr2-667/800 max. up to 4 gb chipset intel ? gm45 + ich9m graphic chip ati m72 graphics controller bios ami ssd n/a watchdog timer 255 levels, 1~255 sec. expansion interface 1 x pcie x4 slot supports 1 x pcie x4 or 4 x pcie x1 devices battery lithium 3v/220 mah power requirements intel ? core?2 duo t9400 2.53 ghz, 2g ddr2 max. rms: +5v_sby @ 0.069a, +3.3v @ 0.827a, +5v @ 2.115a, +12v @ 1.796a, -12v @ na size 170 x 170 mm board thickness 1.6 mm temperature 0 ~ +60c (32f ~ 140f), operation relative humidity 10% ~ 95% relative humidity, non-condensing features side view dualv iew display chipset ati radeon hd 3200 graphics (w/ ati m72) intel ? gma 4500hd graphics core (w/o ati m72) memory size 128 mb (w/ ati m72) intel ? dvmt 5.0 compliant (w/o ati m72) display interface w/ ati m72: 1 x vga; 1 x lvds; 18/24-bit single/dual channel; 1 x dvi-i w/o ati m72: 1 x vga; 1 x lvds; 18/24-bit single/dual channel


▲Up To Search▲   

 
Price & Availability of SBC86850DGGA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X