Part Number Hot Search : 
D2396 UQFN52 74270030 BG18M C1214 FF0700P BP51L05 ML6695CQ
Product Description
Full Text Search
 

To Download SBC86836VGGA-N270 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 157 sata usb 1/2/7/8 pci com 4/5/6 cf lvds ddr2 dimm audio vga/ com 3 com 1/2 k/b+m/s ethernet+usb 5/6 20-pin atx power conn. ethernet+usb 3/4 sbc86836 intel ? atom? n270 mini itx sbc with intel ? 945gse + ich7m chipset, vga/ lvds, dualview, 6 com and dual lans intel ? atom? processor n270 1.6 ghz onboard with fsb 533 mhz intel ? 945gse + ich7m chipset intel ? gen 3.5 high performance integrated graphics controller for vga and lvds 8 usb 2.0 ports i/o ordering information packing list system mio 1 x ps/2 keyboard 1 x ps/2 mouse 3 x rs-232 (com 2/3/4); with +5v/+12v powered 1 x rs-232/422/485 (com 1); with +5v/+12v powered sata 2 x sata-150 hardware monitoring detect cpu/system temperature, voltage and fan speed ethernet 2 ports as 10/100/1000mbps support wake-on-lan, rpl/pxe boot rom with realtek rtl8111b audio ac'97 codec audio as mic-in/line-out/speaker-out with realtek alc203 usb 8 x usb 2.0 smbus system management bus for advanced monitoring/control interface digital i/o 8 channels (4-in & 4-out) standard SBC86836VGGA-N270 w/ 18-bit lvds mini itx sbc with intel ? atom? processor n270, vga, 18-bit lvds lcd, 2 10/100/100mbps ethernet, audio and pci expansion SBC86836VGGA-N270 w/ 24-bit lvds mini itx sbc with intel ? atom? processor n270, vga, 24-bit lvds lcd, 2 10/100/100mbps ethernet, audio and pci expansion standard quick installation guide, user's manual/utility cd, cable cable part number description qty 593826a0000e sata signal cables 500mm 1 cpu intel ? atom? processor n270 1.6 ghz onboard with fsb 533 mhz system memory 1 x 240-pin dimm supports ddr2-400/533 max. up to 2 gb chipset intel ? 945gse + ich7m bios ami ssd 1 x compactflash? type-ii watchdog timer 255 levels, 1~255 sec. expansion interface 1 x pci for 32-bit pci supports 2 bus masters battery lithium 3v/220 mah power requirements intel ? atom? n270 1.6 ghz, 1gb ddr2 max. rms: +5v_sby @ 0.223a, +3.3v @ 0.767a, +5v @ 1.644a, +12v @ 0.123a, -12v @ 0.084a size 170mm x 170 mm board thickness 1.6 mm temperature 0 ~ +60c (32f ~ 140f), operation relative humidity 10% ~ 95% relative humidity, non-condensing features side view fanless low p o we r dualv iew display chipset intel ? gma 950 graphics core memory size intel ? dvmt 3.0 compliant display interface 1 x vga 1 x lvds; 18-bit single channel (SBC86836VGGA-N270 w/18-bit lvds) 1 x lvds; 18/24-bit single/dual channel (SBC86836VGGA-N270 w/24-bit lvds)


▲Up To Search▲   

 
Price & Availability of SBC86836VGGA-N270

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X