Part Number Hot Search : 
MC9S1 4DFT2 1N941 SRB1660C 22500 S0324 LM334S8 AD8560
Product Description
Full Text Search
 

To Download SBC86831 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 155 SBC86831 socket m intel ? core?2 duo mini itx sbc with intel ? 945gme+ich7m/-dh chipset, vga/lvds, pci express x16 and firewire socket m for intel ? core?2 duo/ core? duo/ core? solo processor with fsb 533/667 mhz intel ? 945gme + ich7m/-dh chipset with high performance integrated graphics controller and discrete solution through pcie x16 interface raid 0/1 (optional with ich7m-dh) 4 com ports for transaction terminal applications 8 usb 2.0 ports and 2 ieee 1394a ports i/o ordering information packing list system mio 1 x ide; pata-100 1 x fdd/lpt(default); with spp/epp/ecp supported 1 x ps/2 keyboard; 1 x ps/2 mouse 3 x rs-232 (com 2/3/4); with +5v/+12v powered 1 x rs-232/422/485 (com 1); with +5v/+12v powered sata 2 x sata-150; with raid 0/1 (optional with ich7m-dh) hardware monitoring detect cpu/system temperature, voltage and fan speed ethernet 2 ports as 10/100/1000mbps support wake-on-lan, rpl/pxe boot rom with realtek rtl8111b audio ac'97 codec audio as mic-in/line-out with realtek alc655 usb 8 x usb 2.0 firewire 2 x ieee 1394a tpm infneon slb9635 for trusted platform (optional) smbus system management bus for advancedmonitoring/ control interface digital i/o 8 channels (3-in & 5-out) standard SBC86831vggaf (p/n: e386831100) socket m mini itx sbc with vga/lvds lcd, 2 10/100/1000mbps ethernet, ac'97 audio, 4 com ports and frewire standard quick installation guide, user's manual/utility cd, cable, cpu cooler cable part number description qty 593826a0000e sata signal cable 500mm 1 59382601000e ultra dma66 ide cable 40-pin 455mm 1 59384500200e com x 2 w/ bracket, p=2.0, l=250mm 1 59386831000e usb cable x 2 w/ bracket, p=2.54mm l=180mm 1 cpu socket m for intel ? core?2 duo/ core? duo/ core? solo/ celeron ? m processors with fsb 533/667 mhz; intel ? celeron ? m processor ulv 423 onboard system memory 2 x 240-pin dimm supports ddr2-533/667 max. up to 4 gb chipset intel ? 945gme + ich7m/ich7m-dh bios phoenix-award 4mbit with rpl/pxe lan boot rom, smartview and customer cmos backup ssd 1 x compactflash? type-ii (optional) watchdog timer 255 levels, 1~255 sec. expansion interface 1 x pcie x16 graphics port supports for sdvo or pcie x1 devices 1 x pci for 32-bit pci supports 2 bus masters 1 x pci express mini card (optional) battery lithium 3v/220 mah power requirements intel ? core?2 duo t7600 2.33 ghz, 2gb ddr2 max. rms: +5v_sby @ 0.025a, +3.3v @ 0.105a, +5v @ 1.93a, +12v @ 1.583a, -12v @ na size 170 x 170 mm board thickness 1.6 mm temperature 0 ~ +60c (32f ~ 140f), operation relative humidity 10% ~ 95% relative humidity, non-condensing features side view low p ower dualv iew audio usb 5/6/7/8 lvds pci pcie x16 pata-100 ieee 1394a+usb 3/4 ieee 1394a+usb 1/2 ethernet 1/2 com+vga socket m sata2 ps/2 k/b+m/s fdd/lpt com 2/3/4 d i/o ddr2 dimm pcie mini p c i e m i n i pcie mini display chipset intel ? gma 950 graphics core memory size intel ? dvmt 3.0 compliant display interface 1 x vga 1 x lvds; 18/24-bit single/dual channel


▲Up To Search▲   

 
Price & Availability of SBC86831

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X