Part Number Hot Search : 
RSC164I RT7285C M62338P Q2406 EPC1086H CS82C55A NTC10D9 UPD43256
Product Description
Full Text Search
 

To Download SB20150FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SB20150FCT ? sb20200fct 1 of 4 ? 2008 won-top electronics pb SB20150FCT ? sb20200fct 20a high voltage dual schottky barrier rectifier features  schottky barrier chip b  guard ring for transient protection  low forward voltage drop c  low reverse leakage current  high surge current capability g a  plastic material has ul flammability classification 94v-o pin1 2 3 d mechanical data f e  case: ito-220, full molded plastic  terminals: plated leads solderable per p mil-std-202, method 208  polarity: see diagram i  weight: 2.24 grams (approx.)  mounting position: any h l  mounting torque: 11.5 cm-kg (10 in-lbs) max.  lead free: for rohs / lead free version, add ?-lf? suffix to part number, see page 4 pin 1 - + j pin 3 - pin 2 k maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol SB20150FCT sb20200fct unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 150 200 v rms reverse voltage v r(rms) 105 140 v average rectified output current @t c = 95c i o 20 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 200 a forward voltage @i f = 10a v fm 0.92 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 100c i rm 0.5 100 ma typical junction capacitance (note 1) c j 1100 pf operating and storage temperature range t j , t stg -65 to +150 c note: 1. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. wte power semiconductors ito-220 dim min max a 14.60 15.40 b 9.70 10.30 c 2.55 2.85 d 3.56 4.16 e 13.00 13.80 f 0.30 0.90 g 3.00 ? 3.50 ? h 6.30 6.90 i 4.20 4.80 j 2.50 2.90 k 0.36 0.80 l 2.90 3.30 p 2.29 2.79 all dimensions in mm
SB20150FCT ? sb20200fct 2 of 4 ? 2008 won-top electronics i ave r a g e outp ut c u r r e n t ( a ) (av ), 0 5 10 1 5 20 10 50 100 150 t , ca se t e m p e r a tu r e ( o c ) f i g . 1 f o r w a r d c u r r e n t de r a t i n g c u r v e c single phase half-wave 60 hz resistive or inductive load 9.5mm lead length 10 0 10 0 0 10 0 00 0.1 1.0 10 100 c , j u n c ti on c a p a c i t a n c e ( p f ) j v , reverse voltage (v) fig. 4 typical junction capacitance r t = 25oc j f = 1mhz 0 4 0 8 0 1 2 0 16 0 2 0 0 110100 i , p e a k f or wa r d sur g e c u r r e n t ( a ) fs m number of cycles at 60 hz fi g .3 peakforwardsur g e current 8.3 m s s i n g l e h a l f s i n e - w a v e jedec method 0.1 1.0 10 30 0.1 0.3 0.5 0.7 0.9 1.1 i, i n s t a nt a n e o u s f o rw a r d c ur r e nt ( a ) f v , instantaneous forward voltage (v ) fig. 2 typical forward voltage characteristics f t = 25oc pulse width = 300 s 2% duty cycle j m
SB20150FCT ? sb20200fct 3 of 4 ? 2008 won-top electronics marking information packaging information tube size l x w x h (mm) quantity (pcs) inner box size l x w x h (mm) quantity (pcs) carton size l x w x h (mm) quantity (pcs) approx. gross weight (kg) 525 x 31 x 6 50 555 x 145 x 95 2,000 572 x 306 x 218 8,000 19.0 recommended screw mounting arrangement note: 1. anti-static tube, water clear color. bulk plain washe r rectifie r heatsink conical washe r 6-32 hex nut the full molded plastic package affords a major reduction of hardware as compared to a standard to-220 package. however, precautions should be made in mounting procedure. a conical washer should be used to apply proper force to the device. screw should not be tightened with any type of air-forced torque or equipment that may cause crack on device package. a layer of thermal grease or thermal pad in the interface will be considerably helpful for heat dissipation. 6-32 hex head scre w wte sb20xxfct wte = manufacturer?s logo sb20xxfct = device number xx = 150 or 200 polarity = as marked on body
SB20150FCT ? sb20200fct 4 of 4 ? 2008 won-top electronics ordering information product no. package type shipping quantity SB20150FCT ito-220 50 units/tube sb20200fct ito-220 50 units/tube 1. shipping quantity given is for minimum packing quantity only. for minimum order quantity, please consult the sales department. 2. to order rohs / lead free version (with lead free finish), add ?-lf? suffix to part number above. for example, SB20150FCT-lf . won-top electronics co., ltd (wte) has checked all information carefully and believes it to be correct and accurate. however, w te cannot assume any responsibility for inaccuracies. furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. wte reserves the right to change any or all information herein without further notice. warning : do not use in life support equipment. wte power semiconductor products are not authorized for use as critical components in l ife support devices or systems without the express written approval. we power your everyday. won-top electronics co., ltd. no. 44 yu kang north 3rd road, chine chen dist., kaohsiung, taiwan phone: 886-7-822-5408 or 886-7-822-5410 fax: 886-7-822-5417 email: sales@wontop.com internet: http://www.wontop.com


▲Up To Search▲   

 
Price & Availability of SB20150FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X