Part Number Hot Search : 
MX25L163 74BC245 LT1308B XN6537 MBRF20 6M181RPA AOD4130 OP14CJ
Product Description
Full Text Search
 

To Download PLCDA15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05076.r9 11/10 page 1 05076 plcda03 - plcda24 500 watt multi-line ultra low capacitance tvs array d escription the plcdaxx series are ultra low capacitance mult-line transient voltage suppressor arrays that provides board level protecton for standard ttl and cmos bus line applicatons against the damaging efects of esd, tertary lightning and switching transients. the plcdaxx series has a peak pulse power ratng of 500 wats for an 8/20s waveshape. this device series meets the iec 61000-4-2, iec 61000-4-4 and iec 61000-4-5 requirements. f eatures ? compatble with iec 61000-4-2 (esd): air - 15kv, contact - 8kv ? compatble with iec 61000-4-4 (eft): 40a - 5/50ns ? compatble with iec 61000-4-5 (surge): 24a, 8/20s - level 2(line- gnd) & level 3(line-line) ? 500 wats peak pulse power per line (tp = 8/20s) ? bidirectonal confguraton ? available in multple voltages ranging from 3v to 24v ? protects two lines ? ultra low capacitance: 5pf ? rohs compliant ? reach compliant m ec h anical c h aracteristics ? molded jedec so-8 package ? approximate weight: 70 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 12mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 applications ? computer interface protecton ? ethernet - 10/100/1000 base t ? audio/video inputs ? cellular phone terminals pin configuration so-8 pac k age 1 2 4 8 3 5 6 7
only one name means protektion? www.protekdevices.com 05076.r9 11/10 page 2 05076 plcda03 - plcda24 typical device c h aracteristics maximum ratings @ 25c unless otherwise specifed parameter symbol value units operatng temperature t l -55 to 150 c storage temperature t stg -55 to 150 c peak pulse power (tp = 8/20s) - see figure 1 p pp 500 wats electrical c h aracteristics per line @ 25c unless otherwise specifed part number (note 1) device mar k ing rated stand-off voltage v wm volts minimum brea k down voltage @1 m a v (br) volts maximum clamping voltage (fig. 2) @i p = 1a v c volts maximum lea k age current @v wm i d a maximum capacitance (n ote 2) @0v, 1m h z c p f plcda03 sga 3.3 4.5 7.0 125 5 plcda05 sgb 5.0 6.0 9.8 20 5 plcda08 sgf 8.0 8.5 13.4 10 5 plcda12 sgc 12.0 13.3 19.0 1 5 PLCDA15 sgd 15.0 16.7 24.0 1 5 plcda24 sge 24.0 26.7 43.0 1 5 n otes 1. devices are designed to be used in parallel (see applicaton). for other applicatons, contact the factory. do not apply surge in the forward directon of this device. 2. do not surge from pins 8 to 1, 2 to 7, 6 to 3, and 4 to 5. piv typically greater than 100v for each rectfer diode. electrical characteristcs apply to pins 1 to 8, 7 to 2, 3 to 6 and 5 to 4.
only one name means protektion? www.protekdevices.com 05076.r9 11/10 page 3 05076 plcda03 - plcda24 typical device c h aracteristics figure 1 pea k pulse power vs pulse time t d - pulse duraton - s 500w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000 peak pulse power 8/20s average power figure 3 power derating curve t a - ambient temperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % of rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) figure 2 pulse wave form t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05076.r9 11/10 page 4 05076 plcda03 - plcda24 typical device c h aracteristics figure 4 overs h oot & clamping voltage for plcda05 esd test pulse - 25 kilovolt, 1/30ns (waveshape) 5 volts per division 0 10 20 30 40 figure 5 insertion loss - plcda 15 100 mhz per division -50 -20 0 20 50 10 db per division figure 6 return loss - plcda 15 100 mhz per division -50 -20 0 20 50 10 db per division
only one name means protektion? www.protekdevices.com 05076.r9 11/10 page 5 05076 plcda03 - plcda24 spice model figure 1 spice model table 1 - spice parameters parameter unit abd ( tvs ) lcrd bv v see table 2 200 ibv a 1 0.01 c jo pf see table 2 5 i s a see table 2 1e-13 vj v 0.6 0.6 m - 0.33 0.33 n - 1 1 r s ohms see table 2 0.31 tt s 1e-8 1e-9 eg ev 1.11 1.11 table 2 - abd specific spice parameters part number b v ( volts ) c jo ( p f) i s ( amps ) r s ( o h ms ) plcda03 4.5 438 1e-11 0.21 plcda05 6.0 284 1e-11 0.14 plcda08 8.5 146 1e-13 0.275 plcda12 13.3 123 1e-13 0.4 PLCDA15 16.7 102 1e-13 0.52 plcda24 26.7 61 1e-13 1.54 abd - avalanche breakdown diode (tvs) lcrd: low capacitance rectfer diode lg - lead inductance abd lg 0.7nh lcrd lcrd i/o abd
only one name means protektion? www.protekdevices.com 05076.r9 11/10 page 6 05076 plcda03 - plcda24 application information figure 1 - bidirectional common-mode usb protection circuit connectvity is as follows: ? pins 1, 2, 3 and 4 connected to ground. ? pins 5 and 6 connected to i/o line d+. ? pins 7 and 8 connected to i/o line d-. circuit board recommendations circuit board layout is critcal for electromagnetc compatbility protecton. the following guidelines are recommended: ? the protecton device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. ? the path length between the tvs device and the protected line should be minimized. ? all conductve loops including power and ground loops should be minimized. ? the transient current return path to ground should be kept as short as possible to reduce parasitc inductance. ? ground planes should be used whenever possible. for multlayer pcbs, use ground vias. 1 2 4 8 3 5 6 7 usb ic d+ d- gnd
only one name means protektion? www.protekdevices.com 05076.r9 11/10 page 7 05076 plcda03 - plcda24 so-8 pac k age information outline dimensions dim millimeters inc h es min max min max a 4.80 5.00 0.189 0.196 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.05 bsc j 0.18 0.25 0.007 0.009 k 0.10 0.25 0.004 0.008 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 notes 1. -t- = seatng plane and datum surface. 2. dimensions a and b are datum. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion is 0.015 (0.380mm) per side. 5. dimensioning and tolerances per ansi y14.5m, 1982. 6. dimensions are exclusive of mold fash and metal burrs. pad layout dimensions dim millimeters inc h es min max min max a 1.14 1.40 0.045 0.055 b 0.64 0.89 0.025 0.035 c 6.22 - 0.245 - d 3.94 4.17 0.155 0.165 e 1.02 1.27 0.040 0.050 notes 1. controlling dimension: inches. -a- 8 5 1 4 -b- p g d -t - c k j r x 45 0 - 10 f 4 pl 0.010 (0.25mm) m b + 8 pl 0.010 (0.25mm) b + a t a b c d e m m s s
only one name means protektion? www.protekdevices.com 05076.r9 11/10 page 8 05076 plcda03 - plcda24 tape and reel user directon of feed t k0 a0 p d p0 p2 e b0 f w 10 pitches cumulatve tolerance on tape 0.2 pin 1 specifications r eel d ia . t ape w idt h a0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 12mm 6.50 0.10 5.40 0.10 2.00 0.10 1.50 0.10 1.75 0.10 5.50 0.05 12.00 0.30 4.00 0.12 2.00 0.10 4.00 0.10 0.25 n otes 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 1,000 pieces per 12mm tape. 4. sufx - t13 = 13 reel - 2,500 pieces per 12mm tape. 5. bulk product shipped in tubes of 98 pieces per tube. 6. marking on part - marking code (see page 2), date code, logo and pin one defned by dot on top of package. package outline, pad layout and tape specifcatons per document number 06011.r4 8/10. ordering information base part number ( xx = v oltage ) leadfree suffix tape suffix qty/reel reel size tube qty plcdaxx -lf -t7 1,000 7 98 plcdaxx -lf -t13 2,500 13 98
only one name means protektion? www.protekdevices.com 05076.r9 11/10 page 9 05076 plcda03 - plcda24 company information company profile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2000 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. contact us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com web www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of PLCDA15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X