Part Number Hot Search : 
C1512 BZX84C3V IT3012 IR383 AD8312 AX2000 T3740 1N581
Product Description
Full Text Search
 

To Download NKT26-16A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s e m i c o n d u c t o r thyr istor / diode and thyr istor / thyristor , 27a ( add - a - p ak power module s ) featu res ? high voltage ? electrically isolated by dbc ceramic ( ai o ) 2 3 ? 3000 v rms isolating voltage ? industrial standard package ? high surge capability ? glass passiv ated chips ? modules uses high voltage power thyristor / dio des in two basi c config urations ? simple mounting ? ul appro ved file e320098 ? compliant to rohs ? designed and qualified for multiple level ap plication s ? dc mot or control and drives ? battery charges ? w elders ? power converters ? lighting control ? heat and temperature control major ra tin gs an d char acteristics symbol charact eristics i t ( av ) 85 c i t ( rms ) a i tsm 50 hz 60 hz 2 i t 50 hz ka 2 s 60 hz 2 i drm rrm range t j range n k t n k h pr oduc t summar y i t ( av ) 27 a add-a-pak 85 c units v a l u e a 2 ka s c v 2 7 6 0 5 2 0 5 4 6 1 . 3 5 1 . 2 3 1 3 . 5 4 0 0 t o 1 6 0 0 - 4 0 t o 1 2 5 n ell high power products p a g e 1 o f 4 r o h s r o h s n k t 2 6 a / n k h 2 6 a s e r i e s /i fsm a l l d i m e n s i o n s i n m i l l i m e t e r s 5 . 6 2 - ? 6 . 4 8 0 ( 6 ) ( 7 ) ( 5 ) ( 4 ) ( 5 ) ( 4 ) w w w . n e l l s e m i . c o m 1 3 . 6 2 1 1 5 1 5 2 0 2 0 9 2 6 8 1 8 3 - m 5 s c r e w s 4 - 2 . 8 x 0 . 8 3 1 2 9 . 5 5 6 4 5 7 6 1 2 3
p a g e 2 o f 4 s e m i c o n d u c t o r for w ard cond uctio n p aramete r symbol test conditi ons maximum average on - state current at case temperature i t ( av ) 180 conduction , half sine wave ,50hz maximum rms on - state current a maximum peak , one - cycl e, on - state non - repetitive cur ren t i tsm t = 10 ms no vol tage reapplie d sine half wave , t j = t j maximum t = 8.3 ms maximum i 2 for fusing i 2 t ka 2 s maximum i 2 for fusing i 2 = 0.1 ms to 10 ms , no reapplied maximum on - state voltage drop v tm i tm =80 a , t j = 25 c , 180 conduction maximum forward voltage drop v fm i fm =80 a , t j = 25 c , 180 conduct ion maximum holdi ng current i h anode suppl y = 6 , t j = 25 c ma maximum latching current i l anode suppl y = 6 v resistive load, t j = 25 c 400 bloc king p aramet er symbol test conditions v alues maimum peak reverse and off - stat e leakage curren t i rrm i drm t j = 125 c rms isol ation vo ltage v iso 50 hz , circuit to base , terminals shorted c rate of rise of off - stat e voltage dv / dt t j = t j maximum , to 67 % rated v drm v / s v units elec tric al spec ific a tions vol t age ra ting s type number vol t age code rrm / v drm , maximum repetitive e reverse vol t age rsm / v dsm , maximum non - repetitive e reverse vol t age i rrm / i drm a t 125 c ma nkt 26.. a 04 400 500 8 08 800 900 12 1200 1300 14 1400 1500 16 1600 1700 180 conduction , half sine wave ,50hz ,t = 85 c c v a l e 2 7 8 5 6 0 5 2 0 5 4 6 1 . 3 5 1 . 2 3 1 3 . 5 1 . 6 1 . 3 1 5 0 a c 8 5 0 0 ma n ell high power products t = 10 ms t = 8.3 ms t = 10 ms t = 8.3 ms ka 2 s 0 . 9 5 0 . 8 6 reapplie d 1 0 0 % v r r m r o h s r o h s 2 5 0 0 ( 1 m i n ) 3 0 0 0 ( 1 s ) units n k h 2 6 . . a v , resistive load n k t 2 6 a / n k h 2 6 a s e r i e s w w w . n e l l s e m i . c o m l t(rms )
s e m i c o n d u c t o r tr iggerin g p arame ter symbol test cond itions v alues units maximum peak gate power p gm t p 5 ms , t j = t j maximum 10 w maximum averag e gate power p g ( av ) f = 50 hz , t j = t j maximum 3 maximum peak gate current i gm t p 5 ms , t j = t j maximum 3 a maximum peak negative gate voltage - v gt 10 v gate voltage v gt anode supply = 6 v , resistive load ; r a = 1 t j = 25 c i gt ma maximum gate volta ge that will not trigger v gd t j = t j maximum , 66.7% v drm applied 0.25 maximum gate current that will not trigger i gd 10 ma maximum rate of rise of turned - on current di / dt t j = 25 oc ,i = 1.5a ,t 0.5 s gm r 150 a / s therm al and mech anica l specif ica tions p aramete r symb ol test conditions v alues units maximum juncti on operating temperatur e range t j - 40 to 125 c maximum storage temperatur e range t stg - 40 to 150 maximum therma l resistance , junction to ca se per junction r thjc dc operation c / w maximum therma l resistance , to heatsink per module r thcs mounting surface , smooth , flat and greased mounting torque 10 % to heatsink, m6 a mounti ng compound is recommende d and the should be rechecke d after a period of 3 hours to allow for the of the compound . threads . to aap, m5 approximate weight 120 4.23 c style add-a-pak tr iggerin g j j j = t j j j - v gt maximum requir ed dc to trigger a required dc current to trigger = t c thcs ord ering inform ation table 1 - module type 2 - circuit configuration 3 - current rating : i t ( a v ) 4 - v oltage code x 100 = v rrm device code 1 3 2 4 nk t 0 . 7 ~ 1 . 5 2 0 ~ 1 0 0 v oz . g 0.19 n ell high power products p a g e 3 o f 4 r o h s r o h s 0.7 n . m a 5 5 - assembly type,a for soldering type 16 26 / 4 n k t 2 6 a / n k h 2 6 a s e r i e s w w w . n e l l s e m i . c o m
p a g e 4 o f 4 s e m i c o n d u c t o r r o h s r o h s n ell high power products f i g . 1 p e a k o n - s t a t e v o l t a g e v s . p e a k o n - s t a t e c u r r e n t f i g . 2 m a x . j u n c t i o n t o c a s e t h e r m a l i m p e d a n c e v s . t i m e f i g . 3 p o w e r d i s s i p a t i o n v s . a v e r a g e o n - s t a t e c u r r e n t f i g . 4 c a s e t e m p e r a t u r e v s . a v e r a g e o c u r r e n t n - s t a t e f i g . 5 s u r g e c u r r e n t v s . c y c l e s o n - s t a t e f i g . 6 g a t e c h a r a c t e r i s t i c s p e a k o n - s t a t e v o l t a g e ( v ) t h e r m a l i m p e d a n c e ( c / w ) m a x . j u n c t i o n t o c a s e m a x . p o w e r d i s s i p a t i o n ( w ) m a x . c a s e t e m p e r a t u r e ( c ) s u r g e c u r r e n t ( k a ) o n - s t a t e g a t e v o l t a g e ( v ) t i m e ( c y c l e s ) g a t e c u r r e n t ( m a ) p e a k o n - s t a t e c u r r e n t ( a ) t i m e ( s ) a v e r a g e o n - s t a t e c u r r e n t ( a ) a v e r a g e o n - s t a t e c u r r e n t 30 60 90 120 180 30 60 90 120 180 0 0.1 0.2 0.3 0.4 0.5 0.6 0.001 0.01 0.1 1 10 3.6 2.8 2.4 2 1.6 1.2 3.2 10 100 1000 60 0.8 50 40 30 20 10 0 0 15 30 10 5 20 60 0 10 20 30 40 70 80 90 100 1 10 120 130 0.2 0.4 0.6 0.8 1 1 100 10 1 10 1 10 2 10 3 10 1 10 2 5 5 2 2 5 2 2 o 10 5 5 2 2 25 35 1 . 2 1 . 4 n k t 2 6 a / n k h 2 6 a s e r i e s 5 15 25 35 w w w . n e l l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of NKT26-16A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X