Part Number Hot Search : 
06N60 G8ND2 PJP7N60 50400 EGL1F PW534320 ZMM5247B FR420
Product Description
Full Text Search
 

To Download MMBD4448DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast switching speed. for general purpose switching application. ultra-small surface mount package. high conductance. for general purpose switching application. type no. marking package code MMBD4448DW ka3 sot-363 maximum rating @ ta=25 unless otherwise specified symbol characteristic value unit v rm non-repetitive peak reverse voltage 100 v v rrm v rwm v r peak repetitive reverse voltage working peak reverse voltage dc reverse voltage 75 v v r(rms) rms reverse voltage 53 v i fm forward continuous current 500 ma i o average rectified output current 250 ma i fsm non-repetitive peak forward surge current @t<1.0 s @t<1.0s 4 2 a p d power dissipation 200 mw r ja thermal resistance, junction to ambient 625 / w t j, t stg junction and storage temperature -65 to+150 MMBD4448DW surface mount fast switching diodes dimensions in inches and (millimeters) sot-363 features applications ordering information ? ? ? ? ? http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min max unit reverse breakdown voltage v (br)r i r =10 a 75 v forward voltage v f i f =5.0ma i f =10ma i f =50ma i f =150ma 0.62 0.720 0.855 1.0 1.25 v reverse current i r v r =75v v r =75v t j =150 v r =25v t j =150 v r =20v 2.5 50 30 25 a a a na total capacitance c t v cb =10v,f=1.0mhz,i e =0 4.0 pf reverse recovery time t rr i f =i r =10ma,i rr =0.1*i r ,r l =100? 4.0 ns typical characteristics @ ta=25 unless otherwise specified MMBD4448DW surface mount fast switching diodes http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of MMBD4448DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X