Part Number Hot Search : 
STM32F PU160 AAT3783 ES3BB IRF9Z30 CXD2443Q SBMJ160 P504A
Product Description
Full Text Search
 

To Download MMBD4448DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBD4448DW 200mw switching diodes features ? for general purpose switching applications ? ultra-small surface mount package maximum ratings symbol rating rating unit v rm non-repetitive peak reverse voltage 100 v v rrm v rwm v r peak repetitive reverse voltage working peak reverse voltage dc blocking voltage 75 v v r(rms) rms reverse voltage 53 v i fm forward continuous current 500 ma i o average rectified output current 250 ma i fsm peak forward surge current @1.0  s @1.0s 4.0 2.0 a r  ja thermal resistance junction to ambient 625  /w p d power dissipation 200 mw t j junction temperature 150  t stg storage temperature -65 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max test conditions v (br) reverse breakdown voltage 75v --- i r =10  a i r reverse voltage leakage current --- 2.5  a 50  a 35  a 25na v r =75v v r =75v, t j =150  v r =25v, t j =150  v r =20v v f forward voltage 0.6 --- --- --- 0.72v 0.855v 1.0v 1.25v i f =5.0ma i f =10ma i f =50ma i f =150ma c t total capacitance --- 4.0pf v r =0v, f=1mhz t rr reverse recovery time --- 4.0ns i r ==i f =10ma, irr=0.1xi r , r l =100  www. mccsemi .com revision: a 2011 /01/01 sot-363 j m a c b g h k d l  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components x fast switching speed x high conductance, power dissipation 1 of 3 dimensions inches mm dim min max min max not e a . 0 0 6 . 01 4 0 . 1 5 0.3 5 b .0 45 .0 53 1. 15 1. 35 c . 0 85 . 0 96 2. 15 2 . 45 d .0 26 0. 65nom inal g . 0 47 . 0 55 1.20 1 . 4 0 h .0 71 .0 87 1. 80 2. 20 j --- .0 04 --- 0. 10 k . 0 3 5 . 0 43 0 . 90 1. 1 0 l . 0 1 0 .01 8 0.2 6 0 . 4 6 m . 0 0 3 . 0 06 0 . 08 0 . 1 5 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information)
MMBD4448DW mcc www. mccsemi .com revision: a 2011/01/01 tm micro commercial components 2 of 3
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of MMBD4448DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X