Part Number Hot Search : 
K1317 R1004 KP100 0SPBF MAX423 R3301 1A101 S5K3A1EA
Product Description
Full Text Search
 

To Download MC74ACT132NG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 october, 2006 ? rev. 7 1 publication order number: mc74ac132/d mc74ac132, mc74act132 quad 2?input nand schmitt trigger the mc74ac/74act132 contains four 2 ? input nand gates which are capable of transforming slowly changing input signals into sharply defined, jitter ? free output signals. in addition, they have greater noise margin than conventional nand gates. each circuit contains a 2 ? input schmitt trigger. the schmitt trigger uses positive feedback to effectively speed ? up slow input transitions, and provide different input threshold voltages for positive and negative-going transitions. this hysteresis between the positive ? going and negative ? going input threshold is determined by resistor ratios and is essentially insensitive to temperature and supply voltage variations. features ? schmitt trigger inputs ? outputs source/sink 24 ma ? act132 has ttl compatible inputs ? pb ? free packages are available 13 14 12 11 10 9 8 2 1 34567 gnd v cc figure 1. pinout; 14 ? lead packages conductors (top view) function table inputs output a b y l l h l h h h l h h h l h = high voltage level l = low voltage level soeiaj ? 14 m suffix case 965 1 14 soic ? 14 d suffix case 751a 1 14 1 14 pdip ? 14 n suffix case 646 http://onsemi.com see detailed ordering and shipping information in the package dimensions sect ion on page 5 of this data sheet. ordering information
mc74ac132, mc74act132 http://onsemi.com 2 recommended operating conditions symbol parameter min typ max unit v cc supply voltage ac 2.0 5.0 6.0 v act 4.5 5.0 5.5 v in , v out dc input voltage, output voltage (ref. to gnd) 0 ? v cc v t r , t f input rise and fall time (note 1) ac devices except schmitt inputs v cc @ 3.0 v ? 150 ? v cc @ 4.5 v ? 40 ? ns/v v cc @ 5.5 v ? 25 ? t r , t f input rise and fall time (note 2) act devices except schmitt inputs v cc @ 4.5 v ? 10 ? ns/v v cc @ 5.5 v ? 8.0 ? t j junction temperature (pdip) ? ? 140 c t a operating ambient temperature range ? 40 25 85 c i oh output current ? high ? ? ? 24 ma i ol output current ? low ? ? 24 ma 1. v in from 30% to 70% v cc ; see individual data sheets for devices that differ from the typical input rise and fall times. 2. v in from 0.8 v to 2.0 v; see individual data sheets for devices that differ from the typical input rise and fall times. dc characteristics symbol parameter v cc (v) 74ac 74ac unit conditions t a = +25 c t a = ? 40 c to +85 c typ guaranteed limits v oh minimum high level output voltage 3.0 2.99 2.9 2.9 i out = ? 50  a 4.5 4.49 4.4 4.4 v 5.5 5.49 5.4 5.4 v *v in = v il or v ih 3.0 ? 2.56 2.46 ? 12 ma 4.5 ? 3.86 3.76 i oh ? 24 ma 5.5 ? 4.86 4.76 ? 24 ma v ol maximum low level output voltage 3.0 0.002 0.1 0.1 i out = 50  a 4.5 0.001 0.1 0.1 v 5.5 0.001 0.1 0.1 v *v in = v il or v ih 3.0 ? 0.36 0.44 12 ma 4.5 ? 0.36 0.44 i ol 24 ma 5.5 ? 0.36 0.44 24 ma i in maximum input leakage current 5.5 ? 0.1 1.0  a v i = v cc , gnd i old ?minimum dynamic output current 5.5 ? ? 75 ma v old = 1.65 v max i ohd 5.5 ? ? ? 75 ma v ohd = 3.85 v min i cc maximum quiescent supply current 5.5 ? 4.0 40  a v in = v cc or gnd *all outputs loaded; thresholds on input associated with output under test. ?maximum test duration 2.0 ms, one output loaded at a time. note: i in and i cc @ 3.0 v are guaranteed to be less than or equal to the respective limit @ 5.5 v v cc .
mc74ac132, mc74act132 http://onsemi.com 3 ac characteristics (for figures and waveforms ? see section 3 of the on semiconductor fact data book, dl138/d) symbol parameter v cc * (v) 74ac 74ac unit fig. no. t a = +25 c c l = 50 pf t a = ? 40 c to +85 c c l = 50 pf min typ max min max t plh propagation delay 3.3 2.0 ? 13.0 1.5 14.0 ns 3 ? 5 5.0 2.0 ? 9.0 1.5 10.0 t phl propagation delay 3.3 2.0 ? 13.5 1.5 15.0 ns 3 ? 5 5.0 2.0 ? 9.0 1.5 10.0 *voltage range 3.3 v is 3.3 v 0.3 v. voltage range 5.0 v is 5.0 v 0.5 v. dc characteristics symbol parameter v cc (v) 74act 74act unit conditions t a = +25 c t a = ? 40 c to +85 c typ guaranteed limits v oh minimum high level output voltage 4.5 4.49 4.4 4.4 v i out = ? 50  a 5.5 5.49 5.4 5.4 *v in = v il or v ih 4.5 ? 3.86 3.76 v i oh ? 24 ma 5.5 ? 4.86 4.76 ? 24 ma v ol maximum low level output voltage 4.5 0.001 0.1 0.1 v i out = 50  a 5.5 0.001 0.1 0.1 *v in = v il or v ih 4.5 ? 0.36 0.44 v i ol 24 ma 5.5 ? 0.36 0.44 24 ma i in maximum input leakage current 5.5 ? 0.1 1.0  a v i = v cc , gnd  i cct additional max. i cc /input 5.5 0.6 ? 1.5 ma v i = v cc ? 2.1 v i old ?minimum dynamic output current 5.5 ? ? 75 ma v old = 1.65 v max i ohd 5.5 ? ? ? 75 ma v ohd = 3.85 v min i cc maximum quiescent supply current 5.5 ? 4.0 40  a v in = v cc or gnd *all outputs loaded; thresholds on input associated with output under test. ?maximum test duration 2.0 ms, one output loaded at a time. ac characteristics (for figures and waveforms ? see section 3 of the on semiconductor fact data book, dl138/d) symbol parameter v cc * (v) 74act 74act unit fig. no. t a = +25 c c l = 50 pf t a = ? 40 c to +85 c c l = 50 pf min typ max min max t plh propagation delay 5.0 3.0 ? 11.5 2.5 13.0 ns 3 ? 6 t phl propagation delay 5.0 3.0 ? 11.0 2.5 12.5 ns 3 ? 5 *voltage range 5.0 v is 5.0 v 0.5 v.
mc74ac132, mc74act132 http://onsemi.com 4 input characteristics (unless otherwise specified) symbol parameter v cc (v) 74ac 74act unit test conditions maximum positive threshold 3.0 2.2 v t + 4.5 3.2 2.0 v t a = worst case 5.5 3.9 minimum negative threshold 3.0 0.5 v t ? 4.5 0.9 0.8 v t a = worst case 5.5 1.1 3.0 1.2 v h(max) maximum hysteresis 4.5 1.4 1.2 v t a = worst case 5.5 1.6 3.0 0.3 v h(min) minimum hysteresis 4.5 0.4 0.4 v t a = worst case 5.5 0.5 capacitance symbol parameter value typ unit test conditions c in input capacitance 4.5 pf v cc = 5.0 v c pd power dissipation capacitance 30 pf v cc = 5.0 v
mc74ac132, mc74act132 http://onsemi.com 5 marking diagrams a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g= pb ? free package pdip ? 14 soic ? 14 mc74ac132n awlyywwg mc74act132n awlyywwg 74ac132 alywg soeiaj ? 14 74act132 alywg ac132g awlyww 1 14 act132g awlyww 1 14 1 1 14 1 1 14 14 14 ordering information device package shipping ? mc74ac132n pdip ? 14 25 units/rail mc74ac132ng pdip ? 14 (pb ? free) mc74act132n pdip ? 14 MC74ACT132NG pdip ? 14 (pb ? free) mc74ac132d soic ? 14 55 units/rail mc74ac132dg soic ? 14 (pb ? free) mc74ac132dr2 soic ? 14 2500/tape & reel mc74ac132dr2g soic ? 14 (pb ? free) mc74act132d soic ? 14 55 units/rail mc74act132dg soic ? 14 (pb ? free) mc74act132dr2 soic ? 14 2500/tape & reel mc74act132dr2g soic ? 14 (pb ? free) mc74ac132mel soeiaj ? 14 2000/tape & reel mc74ac132melg soeiaj ? 14 (pb ? free) mc74act132mel soeiaj ? 14 mc74act132melg soeiaj ? 14 (pb ? free)
mc74ac132, mc74act132 http://onsemi.com 6 package dimensions pdip ? 14 case 646 ? 06 issue p 17 14 8 b a dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l m ??? 10 ??? 10 n 0.015 0.039 0.38 1.01  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. f hg d k c seating plane n ? t ? 14 pl m 0.13 (0.005) l m j 0.290 0.310 7.37 7.87
mc74ac132, mc74act132 http://onsemi.com 7 package dimensions soic ? 14 case 751a ? 03 issue h notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. ? a ? ? b ? g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t ? t ? f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019  7.04 14x 0.58 14x 1.52 1.27 dimensions: millimeters 1 pitch soldering footprint* 7x *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
mc74ac132, mc74act132 http://onsemi.com 8 package dimensions soeiaj ? 14 case 965 ? 01 issue a h e a 1 dim min max min max inches ??? 2.05 ??? 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.10 0.20 0.004 0.008 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 ??? 1.42 ??? 0.056 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). 0.13 (0.005) m 0.10 (0.004) d z e 1 14 8 7 e a b view p c l detail p m a b c d e e 0.50 m z on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mc74ac132/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74ACT132NG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X