Part Number Hot Search : 
LTP2157 74HC020 36MT140 HT1625 CPH5812 XXXXXX LTC455EU STK4140
Product Description
Full Text Search
 

To Download MC10EL11DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2008 august, 2008 ? rev. 10 1 publication order number: mc10el11/d mc10el11, mc100el11 5.0 v?ecl 1:2 differential fanout buffer the mc10el/100el11 is a differentia l 1:2 fanout buffer. the device is functionally similar to the e111 device but with higher performance capabilities. the within-device skew and propagation delay is significantly improved over the e111. the differential inputs of the el11 employ clamping circuitry to maintain stability under open input c onditions. if the inputs are left open (pulled to v ee ) the q outputs will go low. the 100 series contains temperature compensation. features ? 265 ps propagation delay ? 5 ps skew between outputs ? pecl mode operating range: v cc = 4.2 v to 5.7 with v ee = 0 v ? necl mode operating range: v cc = 0 v with v ee = ? 4.2 v to ? 5.7 v ? internal input pulldown resistors ? pb ? free packages are available 1 2 3 4 5 6 7 8 d v ee v cc figure 1. logic diagram and pinout assignment q 0 q 0 d q 1 q 1 d, d ecl data inputs q0, q0 ; q1, q1 ecl data outputs v cc positive supply v ee negative supply ep (dfn8 only) thermal exposed pad must be connected to a sufficient thermal conduit. electrically connect to the most negative supply (gnd) or leave unconnected, floating open. table 1. pin description pin function *for additional marking information, refer to application note and8002/d. marking diagrams* (note: microdot may be in either location) kl11 alyw   soic ? 8 d suffix case 751 1 8 tssop ? 8 dt suffix case 948r 1 8 1 8 see detailed ordering and shipping information in the package dimensions sect ion on page 6 of this data sheet. ordering information http://onsemi.com kel11 alyw  1 8 l = wafer lot y = year w = work week m = date code  = pb ? free package h = mc10 k = mc100 4q = mc10 2e = mc100 a = assembly location hel11 alyw  1 8 hl11 alyw   1 8 dfn8 mn suffix case 506aa 2e m   14 4q m   14
mc10el11, mc100el11 http://onsemi.com 2 table 2. attributes characteristics value internal input pulldown resistor 75 k  internal input pullup resistor n/a esd protection human body model machine model > 1 kv > 100 v moisture sensitivity, indefinite time out of drypack (note 1) level 1 flammability rating oxygen index: 28 to 34 ul 94 v ? 0 @ 0.125 in transistor count 44 meets or exceeds jedec spec eia/jesd78 ic latchup test 1. for additional information, see application note and8003/d. table 3. maximum ratings symbol parameter condition 1 condition 2 rating unit v cc pecl mode power supply v ee = 0 v 8 v v ee necl mode power supply v cc = 0 v ? 8 v v i pecl mode input voltage necl mode input voltage v ee = 0 v v cc = 0 v v i  v cc v i  v ee 6 ? 6 v v i out output current continuous surge 50 100 ma ma t a operating temperature range ? 40 to +85 c t stg storage temperature range ? 65 to +150 c  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm soic ? 8 soic ? 8 190 130 c/w c/w  jc thermal resistance (junction ? to ? case) standard board soic ? 8 41 to 44 c/w  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm tssop ? 8 tssop ? 8 185 140 c/w c/w  jc thermal resistance (junction ? to ? case) standard board tssop ? 8 41 to 44 5% c/w  ja thermal resistance (junction ? to ? ambient) 0 lfpm 500 lfpm dfn8 dfn8 129 84 c/w c/w t sol wave solder pb pb ? free <2 to 3 sec @ 248 c <2 to 3 sec @ 260 c 265 265 c  jc thermal resistance (junction ? to ? case) (note 2) dfn8 35 to 40 c/w stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 2. jedec standard multilayer board ? 2s2p (2 signal, 2 power)
mc10el11, mc100el11 http://onsemi.com 3 table 4. 10el series pecl dc characteristics v cc = 5.0 v; v ee = 0.0 v (note 3) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 26 31 26 31 26 31 ma v oh output high voltage (note 4) 3920 4010 4110 4020 4105 4190 4090 4185 4280 mv v ol output low voltage (note 4) 3050 3200 3350 3050 3210 3370 3050 3227 3405 mv v ih input high voltage (single ? ended) 3770 4110 3870 4190 3940 4280 mv v il input low voltage (single ? ended) 3050 3500 3050 3520 3050 3555 mv v ihcmr input high voltage common mode range (differential) (note 5) 2.5 4.6 2.5 4.6 2.5 4.6 v i ih input high current 150 150 150  a i il input low current 0.5 0.5 0.3  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 3. input and output parameters vary 1:1 with v cc . v ee can vary +0.25 v / ? 0.5 v. 4. outputs are terminated through a 50  resistor to v cc ? 2.0 v. 5. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. normal operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies between v pp min and 1 v. table 5. 10el series necl dc characteristics v cc = 0.0 v; v ee = ? 5.0 v (note 6) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 26 31 26 31 26 31 ma v oh output high voltage (note 7) ? 1080 ? 990 ? 890 ? 980 ? 895 ? 810 ? 910 ? 815 ? 720 mv v ol output low voltage (note 7) ? 1950 ? 1800 ? 1650 ? 1950 ? 1790 ? 1630 ? 1950 ? 1773 ? 1595 mv v ih input high voltage (single ? ended) ? 1230 ? 890 ? 1130 ? 810 ? 1060 ? 720 mv v il input low voltage (single ? ended) ? 1950 ? 1500 ? 1950 ? 1480 ? 1950 ? 1445 mv v ihcmr input high voltage common mode range (differential) (note 8) ? 2.5 ? 0.4 ? 2.5 ? 0.4 ? 2.5 ? 0.4 v i ih input high current 150 150 150  a i il input low current 0.5 0.5 0.3  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 6. input and output parameters vary 1:1 with v cc . v ee can vary +0.25 v / ? 0.5 v. 7. outputs are terminated through a 50  resistor to v cc ? 2.0 v. 8. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. normal operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies between v pp min and 1 v.
mc10el11, mc100el11 http://onsemi.com 4 table 6. 100el series pecl dc characteristics v cc = 5.0 v; v ee = 0.0 v (note 9) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 26 31 26 31 30 36 ma v oh output high voltage (note 10) 3915 3995 4120 3975 4045 4120 3975 4050 4120 mv v ol output low voltage (note 10) 3170 3305 3445 3190 3295 3380 3190 3295 3380 mv v ih input high voltage (single ? ended) 3835 4120 3835 4120 3835 4120 mv v il input low voltage (single ? ended) 3190 3525 3190 3525 3190 3525 mv v ihcmr input high voltage common mode range (differential) (note 11) 2.5 4.6 2.5 4.6 2.5 4.6 v i ih input high current 150 150 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 9. input and output parameters vary 1:1 with v cc . v ee can vary +0.8 v / ? 0.5 v. 10. outputs are terminated through a 50  resistor to v cc ? 2.0 v. 11 . v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. normal operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies between v pp min and 1 v. table 7. 100el series necl dc characteristics v cc = 0.0 v; v ee = ? 5.0 v (note 12) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 26 31 26 31 30 36 ma v oh output high voltage (note 13) ? 1085 ? 1005 ? 880 ? 1025 ? 955 ? 880 ? 1025 ? 955 ? 880 mv v ol output low voltage (note 13) ? 1830 ? 1695 ? 1555 ? 1810 ? 1705 ? 1620 ? 1810 ? 1705 ? 1620 mv v ih input high voltage (single ? ended) ? 1165 ? 880 ? 1165 ? 880 ? 1165 ? 880 mv v il input low voltage (single ? ended) ? 1810 ? 1475 ? 1810 ? 1475 ? 1810 ? 1475 mv v ihcmr input high voltage common mode range (differential) (note 14) ? 2.5 ? 0.4 ? 2.5 ? 0.4 ? 2.5 ? 0.4 v i ih input high current 150 150 150  a i il input low current 0.5 0.5 0.5  a note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 12. input and output parameters vary 1:1 with v cc . v ee can vary +0.8 v / ? 0.5 v. 13. outputs are terminated through a 50  resistor to v cc ? 2.0 v. 14. v ihcmr min varies 1:1 with v ee , v ihcmr max varies 1:1 with v cc . the v ihcmr range is referenced to the most positive side of the dif ferential input signal. normal operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies between v pp min and 1 v.
mc10el11, mc100el11 http://onsemi.com 5 table 8. ac characteristics v cc = 5.0 v; v ee = 0.0 v or v cc = 0.0 v; v ee = ? 5.0 v (note 15) ? 40 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit f max maximum toggle frequency 1.5 ghz t plh t phl propagation delay to output 135 260 385 190 265 340 215 29*0 365 ps t skew within-device skew (note 16) duty cycle skew (note 17) 5 5 5 5 20 20 5 5 20 20 ps t jitter random clock jitter (rms) 0.6 ps v pp input swing (note 18) 150 1000 150 1000 150 1000 mv t r t f output rise/fall times q (20% ? 80%) 100 225 350 100 225 350 100 225 350 ps note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 15. 10 series: v ee can vary +0.25 v / ? 0.5 v. 100 series: v ee can vary +0.8 v / ? 0.5 v. 16. within-device skew defined as identical transitions on similar paths through a device. 17. duty cycle skew is the difference between a t plh and t phl propagation delay through a device. 18. v pp (min) is minimum input swing for which ac parameters guaranteed. the device has a dc gain of 40. figure 2. typical termination for output driver and device evaluation (see application note and8020/d ? termination of ecl logic devices.) driver device receiver device qd q d z o = 50  z o = 50  50  50  v tt v tt = v cc ? 3.0 v
mc10el11, mc100el11 http://onsemi.com 6 ordering information device package shipping ? mc10el11d soic ? 8 98 units / rail MC10EL11DG soic ? 8 (pb ? free) 98 units / rail mc10el11dr2 soic ? 8 2500 / tape & reel mc10el11dr2g soic ? 8 (pb ? free) 2500 / tape & reel mc10el11dt tssop ? 8 100 units / rail mc10el11dtg tssop ? 8 (pb ? free) 100 units / rail mc10el11dtr2 tssop ? 8 2500 / tape & reel mc10el11dtr2g tssop ? 8 (pb ? free) 2500 / tape & reel mc10el11mnr4 tssop ? 8 2500 / tape & reel mc10el11mnr4g tssop ? 8 (pb ? free) 2500 / tape & reel mc100el11d soic ? 8 98 units / rail mc100el11dg soic ? 8 (pb ? free) 98 units / rail mc100el11dr2 soic ? 8 2500 / tape & reel mc100el11dr2g soic ? 8 (pb ? free) 2500 / tape & reel mc100el11dt tssop ? 8 100 units / rail mc100el11dtg tssop ? 8 (pb ? free) 100 units / rail mc100el11dtr2 tssop ? 8 2500 / tape & reel mc100el11dtr2g tssop ? 8 (pb ? free) 2500 / tape & reel mc100el11mnr4 tssop ? 8 2500 / tape & reel mc100el11mnr4g tssop ? 8 (pb ? free) 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. resource reference of application notes an1405/d ? ecl clock distribution techniques an1406/d ? designing with pecl (ecl at +5.0 v) an1503/d ? eclinps  i/o spice modeling kit an1504/d ? metastability and the eclinps family an1568/d ? interfacing between lvds and ecl an1672/d ? the ecl translator guide and8001/d ? odd number counters design and8002/d ? marking and date codes and8020/d ? termination of ecl logic devices and8066/d ? interfacing with eclinps and8090/d ? ac characteristics of ecl devices
mc10el11, mc100el11 http://onsemi.com 7 package dimensions soic ? 8 nb case 751 ? 07 issue ah seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751 ? 01 thru 751 ? 06 are obsolete. new standard is 751 ? 07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ? x ? ? y ? g m y m 0.25 (0.010) ? z ? y m 0.25 (0.010) z s x s m  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc10el11, mc100el11 http://onsemi.com 8 package dimensions dim min max min max inches millimeters a 2.90 3.10 0.114 0.122 b 2.90 3.10 0.114 0.122 c 0.80 1.10 0.031 0.043 d 0.05 0.15 0.002 0.006 f 0.40 0.70 0.016 0.028 g 0.65 bsc 0.026 bsc l 4.90 bsc 0.193 bsc m 0 6 0 6  seating plane pin 1 1 4 85 detail e b c d a g detail e f m l 2x l/2 ? u ? s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ? t ? ? v ? ? w ? 0.25 (0.010) 8x ref k ident k 0.25 0.40 0.010 0.016 tssop ? 8 dt suffix plastic tssop package case 948r ? 02 issue a notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. terminal numbers are shown for reference only. 6. dimension a and b are to be determined at datum plane -w-.
mc10el11, mc100el11 http://onsemi.com 9 package dimensions dfn8 case 506aa ? 01 issue d notes: 1. dimensioning and tolerancing per asme y14.5m, 1994 . 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.25 and 0.30 mm from terminal. 4. coplanarity applies to the exposed pad as well as the terminals. ???? ???? ???? ???? a d e b c 0.10 pin one 2 x reference 2 x top view side view bottom view a l (a3) d2 e2 c c 0.10 c 0.10 c 0.08 8 x a1 seating plane e/2 e 8 x k note 3 b 8 x 0.10 c 0.05 c a b b dim min max millimeters a 0.80 1.00 a1 0.00 0.05 a3 0.20 ref b 0.20 0.30 d 2.00 bsc d2 1.10 1.30 e 2.00 bsc e2 0.70 0.90 e 0.50 bsc k 0.20 ??? l 0.25 0.35 1 4 8 5 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mc10el11/d eclinps is a trademark of semiconductor components industries, llc (scillc). literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of MC10EL11DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X