Part Number Hot Search : 
IR2C30N 060PT M400015 I1504RW LT1188CK WE9192A C4851 AN2352
Product Description
Full Text Search
 

To Download MBR12035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mb r 1 2 0 20 thru mb r 1 2 0 10 0 1 2 0 a mp rectifier 2 0 to 1 00 v o lts features ? o pe r ating ju nc ti on t e m pe r atu r e: - 55 c to +1 75 c ? sto r age t e m pe r atu r e: - 55 c to +1 75 c mcc part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage m b r 1 2 0 20 2 0v 14 v 2 0 v m b r 1 2 0 30 3 0v 21 v 3 0 v m b r 1 2 0 35 35 v 24 . 5 v 35 v m b r 1 2 0 4 0 4 0v 28 v 4 0v m b r 1 2 0 45 45 v 3 1 . 5 v 45 v m b r 1 2 0 6 0 6 0v 42 v 6 0 v m b r 1 2 0 8 0 8 0v 56 v 80 v e lect r ical cha r acte r istics @ 2 5 c u nless o t he r w ise s p ecified average forward current i f(av) 1 2 0 a t c = 1 36 c peak f o r w a r d su r ge cu r r ent i fsm 2 0 0 0 a 8.3 m s , half s i ne maximum dc reverse current at rated dc blocking voltage i r 4 m a t j = 25 c typical junction capacitance dimensions mcc www. mccsemi .com s c h o tt k y b a rr i er m ax i mum rat i n gs m e ta l o f s il i co n re c t i f ie r , ma j on ty c a rr ie r c on d u c to n g u a rd r i n g fo r t ra n si e nt p ro te c t ion l o w po w er lo ss hi g h e ff ic i en cy h ig h s u r g e ca p a c i ty , h i g h cu rr en t ca p a b i l i ty m b r 12 0 2 0 - 1 2 0 45 m br 12 0 6 0 m b r 12 0 8 0 - 1 2 0 1 00 . 6 3 v . 8 4 v m b r 1 2 0 1 0 0 1 00v 7 0v 1 00v h a l f p a c k d j g b f k e h l c a *pul s e t e s t: pul s e w i dth 30 0 s e c, d u t y c y c l e 2 % . 75 v ma x i m um in s tantaneous f o r w a r d voltage i fm = 12 0 .0a; t j = 25 c v f 7 5 m a t j = 1 25 c m b r 12020-12045 m br 12060 m b r 12080-120100 c j 46 00 pf mea s u r ed at 1.0mhz, v r = 5 .0v 4 3 00 pf 3 0 00 pf inch es mm b .725 .775 18.42 19.69 a 1 . 5 15 1 . 5 6 0 38 . 48 39 . 6 2 c . 59 5 . 62 5 1 5.11 1 5.88 e . 74 5 . 75 5 1 8 . 9 2 1 9 . 1 8 f . 1 5 2 . 1 6 0 3 . 8 6 4 . 0 6 g 1 / 4 - 20 u n c - 2 b h . 5 40 . 5 8 0 1 3.72 14.73 j . 1 5 .160 3 . 9 6 4.06 k . 4 9 5 . 5 05 12 . 57 12.83 l .120 .130 3.05 3.30 ? ? d 1 . 1 8 2 1 . 1 9 2 3 0 . 02 3 0 . 2 8 min max min max dim note         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    typical thermal resistance pe r le g 0. 8 c/w j un ct io n to ca se
junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 0 0 6 0 0 20 0 0 10 0 0 amps 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 2 4 6 1 0 2 0 4 0 6 0 1 0 0 2 0 0 25 c volts figure 3 junction capacitance .1 .2 1.4 2 10 20 404 100 200 1 0 0 2 0 0 6 0 0 1 0 00 2 0 00 1000 0 pf volts 60 0 0 4 0 00 4 0 0 400 1000 t j =25 c m b r 1 2 0 20 thru mb r 1 2 0 100 www. mccsemi .com mcc average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 1 5 0 50 7 0 9 0 1 1 0 0 2 0 4 0 6 0 s i ng l e p ha s e, ha l f w ave 60hz resistive or inductive load a m p s c 1 3 0 8 0 1 0 0 1 2 0 m b r 1 2 0 2 0 - 1 2 0 45 m b r 1 2 0 60 m b r 1 2 0 80 - 12 0 1 00 m b r 1 2 0 2 0 - 1 2 0 45 m b r 1 2 0 60 m b r 1 2 0 80 - 12 0 1 00
m b r 1 2 0 20 thru m b r 1 2 0 10 0 www. mccsemi .com mcc instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts figure 4 typical reverse characteristics volts 40 60 200 100 m a m p s 0 2 0 4 0 6 0 8 0 100 .1 .2 .4 .6 1. 0 2 . 0 4 . 0 6 . 0 10 20 t j = 25 c 400 600 1000 12 0 t j = 1 25 c 1 100 4 0 2 0 0 4 00 8 0 0 8 f i gure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 12 00 1 6 0 0 2 0 00


▲Up To Search▲   

 
Price & Availability of MBR12035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X