leshan radio company, ltd. k6?1/6 general purpose transistors pnp silicon maximum ratings rating symbol bc856 bc857 bc858 unit collector?emitter voltage v ceo ?65 ?45 ?30 v collector?base voltage v cbo ?80 ?50 ?30 v emitter?base voltage v ebo ?5.0 ?5.0 ?5.0 v collector current ? continuous i c ?100 ?100 ?100 madc thermal characteristics characteristic symbol max unit total device dissipation fr? 5 board, (1) p d 150 mw t a = 25c thermal resistance, junction to ambient r ja 833 c/w junction and storage temperature t j , t stg ?55 to +150 c device marking lbc856awt1 = 3a; lbc856bwt1 = 3b; lbc857awt1 = 3e; lbc857bwt1 = 3f; lbc858awt1 = 3j; lbc858bwt1 = 3k; LBC858CWT1 = 3l electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min typ max unit off characteristics collector?emitter breakdown v oltage ? 65 ? ? (i c = ?10 ma) v (br)ceo ? 45 ? ? v ? 30 ? ? collector?emitter breakdown voltage ? 80 ? ? (i c = ?10 a, v eb = 0) v (br)ces ? 50 ? ? v ? 30 ? ? collector?base breakdown v oltage ? 80 ? ? (i c = ? 10 a ) v (br)cbo ? 50 ? ? v ? 30 ? ? emitter?base breakdown voltage ? 5.0 ? ? (i e = ? 1.0 a ) v (br)ebo ? 5.0 ? ? v ? 5.0 ? ? collector cutoff current (v cb = ? 30 v) i cbo ? ? ? 15 na (v cb = ? 30 v, t a = 150c) ? ? ? 4.0 a 1.fr?5=1.0 x 0.75 x 0.062in these transistors are designed for general purpose amplifier applications. they are housed in the sot?323/ sc?70 which is designed for low power surface mount applications. 1 3 2 lbc856awt1, bwt1 lbc857awt1, bwt1 lbc858awt1, bwt1 cwt1 2 emitter 3 collector 1 base lbc856 series lbc857 series lbc858 series lbc856 series lbc857 series lbc858 series lbc856 series lbc857 series lbc858 series lbc856 series lbc857 series lbc858 series sot? 323 / sc-70 features pb free package may be available. the g.suffix denotes a pb free lead finish ? ?
leshan radio company, ltd. k6?2/6 electrical characteristics (t a = 25c unless otherwise noted) (continued) characteristic symbol min typ max unit on characteristics dc current gain h fe ?90?? (i c = ?10 a, v ce = ?5.0 v) ? 150 ? ? 270 ? (i c = ?2.0 ma, v ce = ?5.0 v) 125 180 250 220 290 475 420 520 800 collector?emitter saturation voltage (i c = ?10 ma, i b = ? 0.5 ma) v ce(sat) ? ? ? 0.3 v collector?emitter saturation voltage (i c = ?100 ma, i b = ? 5.0 ma) ? ? ? 0.65 base?emitter saturation voltage (i c = ?10 ma, i b = ?0.5 ma) v be(sat) ? ? 0.7 ? v base?emitter saturation voltage (i c = ?100 ma, i b = ?5.0 ma) ? ? 0.9 ? base?emitter voltage (i c = ?2.0 ma, v ce = ?5.0 v) v be(on) ? 0.6 ? ? 0.75 v base?emitter voltage (i c = ?10 ma, v ce = ?5.0 v) ? ? ? 0.82 small?signal characteristics current?gain ? bandwidth product f t 100 ? ? mhz (i c = ? 10 ma, v ce = ? 5.0 vdc, f = 100 mhz) output capacitance (v cb = ? 10 v, f = 1.0 mhz) c ob ? ? 4.5 pf noise figure nf ?? ?? 10 db (i c = ? 0.2 ma,v ce = ? 5.0 v dc , r s = 2.0 k ? , f =1.0 khz, bw= 200 hz) lbc856awt1, bwt1 lbc857awt1, bwt1 lbc858awt1, bwt1, cwt1 lbc856a, lbc857a, lbc858a lbc856b,lbc857b, lbc858b lbc858c, lbc858c, lbc856b,lbc857b, lbc858b lbc856a, lbc857a, lbc858a device ordering information package shipping lbc856awt1g, bwt1g lbc857awt1g, bwt1g lbc858awt1g, bwt1g, cwt1g sot-23 sot-23 sot-23 3000/tape & reel 3000/tape & reel 3000/tape & reel pb free ? ( )
leshan radio company, ltd. k6?3/6 lbc856awt1, bwt1 lbc857awt1, bwt1, lbc858awt1, bwt1, cwt1 lbc857/lbc858 i c , collector current (madc) figure 1. normalized dc current gain i c , collector current (madc) figure 2. ?saturation? and ?on? voltages ?0.2 ?0.5 ?1.0 ?2.0 ?5.0 ?10 ?20 ?50 ?100 ?200 v ce = ?10 v t a = 25c 2.0 1.5 1.0 0.7 0.5 0.3 0.2 ?0.1 ?0.2 ?0.5 ?1.0 ?2.0 ?5.0 ?10 ?20 ?50 ?100 t a = 25c v be(sat) @ i c /i b =10 v be(on) @ v ce = ?10 v v ce(sat) @ i c /i b = 10 t a = 25c v, voltage (volts) ?1.0 ?0.9 ?0.8 ?0.7 ?0.6 ?0.5 ?0.4 ?0.3 ?0.2 ?0.1 0 vb , temperature coefficient (mv/ c) 1.0 1.2 1.6 2.0 2.4 2.8 i b , base current (ma) figure 3. collector saturation region v ce , collector? emitter voltage (v) i c = ?200 ma ?55c to +125c i c , collector current (ma) figure 4. base?emitter temperature coefficient ?0.2 ?1.0 ?10 ?100 ?0.02 ?0.1 ?1.0 ?10 ?20 ?2.0 ?1.6 ?1.2 ?0.8 ?0.4 0 i c = ?10 ma i c = ?100 ma i c = ? 20 ma i c = ?50 ma h fe , normalized dc current gain v r , reverse voltage (volts) figure 5. capacitances i c , collector current (madc) figure 6. current?gain ? bandwidth product t a =25c v ce = ?10v t a = 25c f t , current? gain ? bandwidth product (mhz) c, capacitance(pf) c ob c ib 400 300 200 150 100 80 60 40 30 20 10.0 7.0 5.0 3.0 2.0 1.0 ?0.4 ?0.6 ?1.0 ?2.0 ?4.0 ?6.0 ?10 ?20 ?30 ?40 ?0.5 ?1.0 ?2.0 ?3.0 ?5.0 ?10 ?20 ?30 ?50
leshan radio company, ltd. k6?4/6 i c , collector current (ma) figure 7. dc current gain i c , collector current (ma) figure 8. ?on? voltage i b , base current (ma) figure 9. collector saturation region i c , collector current (ma) figure 10. base?emitter temperature coefficient v be(sat) @ i c /i b =10 v be @v ce = ?5.0 v t j = 25c v ce = ?5.0v t a = 25c v ce(sat) @ i c /i b = 10 v ce , collector? emitter voltage (volts) figure 11. capacitance i c , collector current (ma) figure 12. current?gain ? bandwidth product c, capacitance (pf) f t , current? gain ? bandwidth product t c ob c ib t j = 25c v ce = ?5.0v ?0.1 ?0.2 ?0.5 ?1.0 ?2.0 ?5.0 ?10 ?20 ?50 ?100 ?1.0 ?10 ?100 40 20 10 6.0 4.0 2.0 500 200 100 50 20 lbc856awt1, bwt1 lbc857awt1, bwt1, lbc858awt1, bwt1, cwt1 lbc856
leshan radio company, ltd. k6?5/6 lbc856awt1, bwt1 lbc857awt1, bwt1, lbc858awt1, bwt1, cwt1 t, time (ms) figure 13. thermal response v ce , collector?emitter voltage (v) figure 14. active region safe operating area bonding wire limit thermal limit second breakdown limit the safe operating area curves indicate i c ?v ce limits of the transistor that must be observed for reliable operation. collector load lines for specific circuits must fall below the limits indicated by the applicable curve. the data of figure 14 is based upon t j(pk) = 150c; t c or t a is variable depending upon conditions. pulse curves are valid for duty cycles to 10% provided t j(pk) < 150c. t j(pk) may be calcu- lated from the data in figure 13. at high case or ambient temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by the sec- ondary breakdown. bc558 bc557 bc556 z jc (t) = r(t) r jc r jc = 83.3c/w max z ja (t) = r(t) r ja r ja = 200c/w max d curves apply for power pulse train shown read time at t 1 t j(pk) ? t c = p (pk) r jc (t) i c , collector current (ma) r( t), transient thermal resistance (normalized) duty cycle, d = t 1 /t 2 t 1 t 2 p (pk) single pulse single pulse t a = 25c t j = 25c 3 ms 1s 1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 0.01 d=0.5 0.2 0.1 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1.0k 2.0k 5.0k 10k ?1.0 ?0.5 ?10 ?30 ?45 ?65 ?100 ?200 ?100 ?50 ?10 ?5.0 ?2.0
leshan radio company, ltd. 0.7 1.9 0.028 0.65 0.025 0.65 0.025 inches mm 0.075 0.035 0.9 pin 1. base 2. emitter 3. collector notes: 1 . dimension i ng and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. dim min max min max millimeters inches a 0.071 0.087 1.80 2.20 k 0.017 ref 0.425 ref l 0.026 bsc 0.650 bsc n 0.028 ref 0.700 ref s 0.079 0.095 2.00 2.40 b 0.045 0.053 1.15 1.35 c 0.032 0.040 0.8 0 1.00 d 0.012 0.016 0.30 0.40 g 0.047 0.055 1.20 1.40 h 0.000 0.004 0.00 0.10 j 0.004 0.010 0.10 0.25 c n a l d g s b h j k 3 12 0.05 (0.002) sc - 70 / sot - 323 k6?6/6
|