for product data sheets, visit www .cooperbussmann.com/products/datasheet.asp 43 low voltage supplementary fuses low voltage supplementary fuses for superior electrical protection, cooper bussmann recommends upgrading baf, ban and ktk fuse applications to low-peak lp-cc fuses see page 19. recommended fuse blocks/fuse holders for 13 32 ? 1 1 2 fuses ? see page 40 data sheets: ktk-1011 klm-2020 data sheet: 2046 (0-30) data sheet: 2011 (0-30) specifications class: supplemental description: fast-acting supplementary fuse. dimensions: 13 ? 32 x 1 1 ? 2 (10.3 x 38.1mm). construction: fibre cartridge; nickel plated brass endcaps. ratings: volts 250vac ( 2 ? 10 -15a) 125vac (20-30a) amps 1-6a ir 10,000a @ 125vac ( 2 ? 10 -30a) 35a ( 2 ? 10 -1a @ 250vac) 100a (1 1 ? 2 -6a @ 250vac) 200a (6 1 ? 4 -10a @ 250vac) 750a (12a- 15a @ 250vac) agency information: ce, std. 248-14, ul 0-15/250v, guide jdyx, file e19180 csa certified, 0-15/250v, class 1422-01, file 53787. features and benefits ? low cost supplemental protection of 125v and 250v non-inductive circuits. ? upgrade with lp-cc product to reduce sku investment and minimize potential arc-flash hazards. (and minimize potential for misapplying fuse.) typical applications ? general purpose circuits ? lighting circuit protection ? meter circuits catalog numbers (amps) baf- 2 10 baf-2 baf-8 baf- 1 4 baf-2 1 2 baf-9 baf- 1 2 baf-3 baf-10 baf- 6 10 baf-4 baf-12 baf- 8 10 baf-5 baf-15 baf-1 baf-6 baf-20 baf-1 1 2 baf-6 1 4 baf-25 baf-1 8 10 baf-7 baf-30 *all have interrupting rating of 10,000a at 125v. specifications class: supplemental description: fast-acting supplementary fuse. dimensions: 13 ? 32 x 1 1 ? 2 (10.3 x 38.1mm). construction: fibre tube. ratings: volts 250vac amps 1-30a ir 35a (1.1-3.5a) 100a (3.6-10a) 200a (10.1-15a) 750a (15.1-30a) features and benefits ? low cost supplemental protection of 125v and 250v non-inductive circuits. ? upgrade with lp-cc product to reduce sku investment and mini- mize potential arc-flash hazards. (and minimize potential for misapplying fuse.) typical applications ? general purpose circuits ? lighting circuit protection ? meter circuits catalog numbers (amps) ban-1 ban-5 ban-12 ban-30 ban-2 ban-6 ban-15 ban-3 ban-8 ban-20 ban-4 ban-10 ban-25 recommended fuse blocks 1 10 to 30a catalog numbers terminal type screw with pressure plate w/ quick connect quick connect box lug poles bm6031sq bm6031pq bm6031b 1 bm6032sq bm6032pq bm6032b 2 bm6033sq bm6033pq bm6033b 3 ktk & klm specifications class: supplemental description: fast- acting supplementary fuse. dimensions: 13 ? 32 x 1 1 ? 2 (10.3 x 38.1mm). construction: melamine tube; nickel plated brass endcaps. ratings: volts ktk: 600vac (or less) klm: 500vac/600vdc ( 1 ? 10 a to 1 ? 8 a) 500vac/dc ( 2 ? 10 -10a) 500vac/600vdc (12-30a) amps 1 ? 10 -30a ir ktk: 100,000a rms sym. (ul) klm: 10,000a rms sym. (ul) agency information: ce, std. 248-14, ktk-ul listed, guide jdyx, file e19180, klm-ul recognized, guide jfhr2, file e56412, csa certified, file 53787, class 1422-01, hrc-misc. features and benefits ? low cost supplemental protection of 600v or less non-inductive circuits. ? upgrade with lp-cc product to reduce sku investment and minimize potential arc-flash hazards. typical applications ? control circuits ? lighting circuit protection ? meter circuits catalog numbers (amps) 600vac - ul listed and csa ktk- 1 10 ktk- 3 4 ktk-4 ktk-12 ktk-50 ktk- 1 8 ktk-1 ktk-5 ktk-15 ktk- 2 10 ktk-1 1 4 ktk-6 ktk-20 ktk- 1 4 ktk-1 1 2 ktk-7 ktk-25 ktk- 3 10 ktk-2 ktk-7 1 2 ktk-30 ktk- 4 10 ktk-2 1 2 ktk-8 ktk-35 ktk- 1 2 ktk-3 ktk-9 ktk-40 ktk- 6 10 ktk-3 1 2 ktk-10 ktk-45 *500vac/dc - ul recognized and csa. klm- 1 10 klm- 3 4 klm-5 klm-20 klm- 1 8 KLM-1 klm-6 klm-25 klm- 2 10 KLM-1 1 2 klm-8 klm-30 klm- 1 4 klm-2 KLM-10 klm- 3 10 klm-3 KLM-12 klm- 1 2 klm-4 KLM-15 *klm-( 1 10 - 1 8 a & 12-30a): 500vac/600vdc. 13 32 ? 1 1 2 fast-acting fuses baf ban
|