Part Number Hot Search : 
FRS14 9S12DG SKL32CG BY255 ZMM4V3 312018 9S12DG 9S12DG
Product Description
Full Text Search
 

To Download JANSR2N7494U5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings parameter units i d @ v gs = 12v, t c = 25c continuous drain current 12* i d @ v gs = 12v, t c = 100c continuous drain current 8.0 i dm pulsed drain current  48 p d @ t c = 25c max. power dissipation 25 w linear derating factor 0.2 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy  156 mj i ar avalanche current  12 a e ar repetitive avalanche energy  2.5 mj dv/dt peak diode recovery dv/dt  2.3 v/ns t j operating junction -55 to 150 t stg storage temperature range pckg. mounting surface temp. 300 (for 5s) weight 0.42 (typical) g pre-irradiation international rectifier?s r5 tm technology provides high performance power mosfets for space applications. these devices have been characterized for single event effects (see) with useful performance up to an let of 80 (mev/(mg/cm 2 )). the combination of low r ds(on) and low gate charge reduces the power losses in switching applications such as dc to dc converters and motor control. these devices retain all of the well established advantages of mosfets such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters. o c a  www.irf.com 1 
   
     lcc-18 features:  single event effect (see) hardened  low r ds(on)  low total gate charge  simple drive requirements  ease of paralleling  hermetically sealed  ceramic package  surface mount  light weight radiation hardened JANSR2N7494U5 power mosfet 30v, n-channel surface mount (lcc-18) ref: mil-prf-19500/700 technology irhe57z30     product summary part number radiation level r ds(on) i d qpl part number irhe57z30 100k rads (si) 0.07 ? 12a* JANSR2N7494U5 irhe53z30 300k rads (si) 0.07 ? 12a* jansf2n7494u5 irhe54z30 500k rads (si) 0.07 ? 12a* jansg2n7494u5 irhe58z30 1000k rads (si) 0.07 ? 12a* jansh2n7494u5 * current is limited by package pd - 93863e
irhe57z30, jansr2n7495u5 pre-irradiation 2 www.irf.com source-drain diode ratings and characteristics parameter min typ max units t est conditions i s continuous source current (body diode) ? ? 12* i sm pulse source current (body diode)  ?? 48 v sd diode forward voltage ? ? 1.8 v t j = 25c, i s = 12a, v gs = 0v  t rr reverse recovery time ? ? 102 ns t j = 25c, i f = 12a, di/dt 100a/ s q rr reverse recovery charge ? ? 196 nc v dd 25v  t on forward turn-on time intrinsic turn-on time is negligible. turn-on speed is substantially controlled by l s + l d . a electrical characteristics @ tj = 25c (unless otherwise specified) parameter min typ max units t est conditions bv dss drain-to-source breakdown voltage 30 ? ? v v gs = 0v, i d = 1.0ma ? bv dss / ? t j temperature coefficient of breakdown ? 0.025 ? v/c reference to 25c, i d = 1.0ma voltage r ds(on) static drain-to-source on-state ? ? 0.07 ? v gs = 12v, i d = 8.0a resistance v gs(th) gate threshold voltage 2.0 ? 4.0 v v ds = v gs , i d = 1.0ma g fs forward transconductance 8.0 ? ? s ( )v ds 15v, i ds = 8.0a  i dss zero gate voltage drain current ? ? 10 v ds = 24v ,v gs =0v ??25 v ds = 24v, v gs = 0v, t j = 125c i gss gate-to-source leakage forward ? ? 100 v gs = 20v i gss gate-to-source leakage reverse ? ? -100 v gs = -20v q g total gate charge ? ? 65 v gs =12v, i d = 12a q gs gate-to-source charge ? ? 20 nc v ds = 15v q gd gate-to-drain (?miller?) charge ? ? 10 t d (on) turn-on delay time ? ? 25 v dd = 15v, i d = 12a t r rise time ? ? 100 v gs =12v, r g = 7.5 ? t d (off) turn-off delay time ? ? 35 t f fall time ? ? 30 l s + l d total inductance ? 6.1 ? c iss input capacitance ? 2184 ? v gs = 0v, v ds = 25v c oss output capacitance ? 940 ? p f f = 1.0mhz c rss reverse transfer capacitance ? 35 ? na ?  nh ns a measured from the center of drain pad to center of source pad note: corresponding spice and saber models are available on international rectifier web site. for footnotes refer to the last page thermal resistance parameter min typ max units t est conditions r thjc junction-to-case ? ? 5.0 r thjpcb junction-to-pc board ? ? 19 solder to a copper clad pc board c/w * current is limited by package
www.irf.com 3 pre-irradiation irhe57z30, jansr2n94u5 table 1. electrical characteristics @ tj = 25c, post total dose irradiation  parameter up to 500k rads(si) 1 1000k rads (si) 2 units test conditions min max min max bv dss drain-to-source breakdown voltage 30 ? 30 ? v v gs = 0v, i d = 1.0ma v gs(th) gate threshold voltage 2.0 4.0 1.5 4.0 v gs = v ds , i d = 1.0ma i gss gate-to-source leakage forward ? 100 ? 100 na v gs = 20v i gss gate-to-source leakage reverse ? -100 ? -100 v gs = -20 v i dss zero gate voltage drain current ? 10 ? 25 a v ds = 24v, v gs =0v r ds(on) static drain-to-source   ? 0.024 ? 0.042 ? v gs =12v, i d =8.0a on-state resistance (to-3) r ds(on) static drain-to-source   ? 0.07 ? 0.088 ? v gs =12v, i d =8.0a on-state resistance (lcc-18) international rectifier radiation hardened mosfets are tested to verify their radiation hardness capability. the hardness assurance program at international rectifier is comprised of two radiation environments. every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the to-3 package. both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison. radiation characteristics 1. part numbers irhe57z30 (JANSR2N7494U5), irhe53z30 (jansf2n7494u5) and irhe54z30 (jansg2n7494u5) 2. part number irhe58z30 (jansh2n7494u5) fig a. single event effect, safe operating area v sd diode forward voltage   ? 1.8 ? 1.8 v v gs = 0v, i s =12a international rectifier radiation hardened mosfets have been characterized in heavy ion environment for single event effects (see). single event effects characterization is illustrated in fig. a and table 2. 
   
     table 2. single event effect safe operating area ion let energy range v ds (v) (mev/(mg/cm 2 )) (mev) (m) @v gs =0v @v gs =-5v @v gs =-10v @v gs =-15v @v gs =-20v cu 28 261 40 30 30 30 25 15 br 37 285 37 30 30 30 23 15 i 60 344 33 25 25 20 15 8 0 5 10 15 20 25 30 35 -20 -15 -10 -5 0 vgs vds cu br i
irhe57z30, jansr2n7495u5 pre-irradiation 4 www.irf.com  
 
 



  
   
    

 15 1 10 100 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 12v 10v 9.0v 8.0v 7.0v 6.0v 5.0v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 5.0v 1 10 100 5 6 7 8 9 10 11 v = 15v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 12v 12a 1 10 100 0.1 1 10 100 20s pulse width t = 150 c j top bottom vgs 15v 12v 10v 9.0v 8.0v 7.0v 6.0v 5.0v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 5.0v
www.irf.com 5 pre-irradiation irhe57z30, jansr2n94u5 
 
 
  
   !

 !


   
 " 

  
" "
#$ 
1 10 100 0 800 1600 2400 3200 4000 v , drain-to-source voltage (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss gs gd , ds rss gd oss ds gd c rss c oss c iss 0 10 20 30 40 50 60 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 12a v = 15v ds v = 24v ds 0.1 1 10 100 0.0 1.5 3.0 4.5 6.0 7.5 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 1 10 100 v ds , drain-tosource voltage (v) 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 150c single pulse 1ms 10ms operation in this area limited 100s by r ds (on)
irhe57z30, jansr2n7495u5 pre-irradiation 6 www.irf.com  $ 

 v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f  $ 
%&
   
 1     0.1 %          + -    '
&
 

(
 
)*  
 " 
 



0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 0 2 4 6 8 10 12 14 t , case temperature ( c) i , drain current (a) c d limited by package
www.irf.com 7 pre-irradiation irhe57z30, jansr2n94u5 q g q gs q gd v g charge d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - +,   !


   -!

%&
   & 
'
 " 
  . 
( &
%&
  . 
( &

 t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v    25 50 75 100 125 150 0 100 200 300 400 e , single pulse avalanche energy (mj) as i d top bottom 5.4a 7.6a 12a   
    
irhe57z30, jansr2n7495u5 pre-irradiation 8 www.irf.com  pulse width 300 s; duty cycle 2%  total dose irradiation with v gs bias. 12 volt v gs applied and v ds = 0 during irradiation per mil-std-750, method 1019, condition a.  total dose irradiation with v ds bias. 24 volt v ds applied and v gs = 0 during irradiation per mll-std-750, method 1019, condition a.  repetitive rating; pulse width limited by maximum junction temperature.  v dd = 20v, starting t j = 25c, l= 2.17mh peak i l = 12a, v gs = 12v  i sd 12a, di/dt 110a/ s, v dd 30v, t j 150c footnotes: case outline and dimensions ? lcc-18 ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 ir leominster : 205 crawford st., leominster, massachusetts 01453, usa tel: (978) 534-5776 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 04/2006 pad assignments d = drain g = gate s = source nc = no connection


▲Up To Search▲   

 
Price & Availability of JANSR2N7494U5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X